Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS4141N Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # BTS4141N
Description  Smart High-Side Power Switch 1 Channel: 1 x 200m?
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS4141N Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BTS4141N_09 Datasheet HTML 6Page - Infineon Technologies AG BTS4141N_09 Datasheet HTML 7Page - Infineon Technologies AG BTS4141N_09 Datasheet HTML 8Page - Infineon Technologies AG BTS4141N_09 Datasheet HTML 9Page - Infineon Technologies AG BTS4141N_09 Datasheet HTML 10Page - Infineon Technologies AG BTS4141N_09 Datasheet HTML 11Page - Infineon Technologies AG BTS4141N_09 Datasheet HTML 12Page - Infineon Technologies AG BTS4141N_09 Datasheet HTML 13Page - Infineon Technologies AG BTS4141N_09 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Data Sheet
10
V1.1, 2009-01-12
Smart High-Side Power Switch
BTS4141N
7HUPV
,QGXFWLYHDQGRYHUYROWDJHRXWSXWFODPS
9 EE
287
*1'
9 =
9 21
352)(7
9
,1
287
*1'
EE
9,1
,,1
9EE
,EE
,/
9287
,*1'
921
5*1'
921 FODPSHGWR9PLQ
,QSXWFLUFXLW (6'SURWHFWLRQ
2YHUYROWDJHSURWHFWLRQRIORJLFSDUW
,1
*1'
,
5
,
,
9EE
 9EE
,1
*1'
*1'
5
6LJQDO *1'
/RJLF
9=
RSWLRQDO
7KHXVHRI(6']HQHUGLRGHVDVYROWDJHFODPS
DW'&FRQGLWLRQVLVQRWUHFRPPHQGHG
9= 9EE $= 9PLQ
5, NΩ W\S5*1' Ω
5HYHUVHEDWWHU\SURWHFWLRQ
*1'
/RJLF
,1
287
/
5
3RZHU *1'
*1'
5
6LJQDO *1'
3RZHU
,QYHUVH
,
5
9EE

'LRGH
RSWLRQDO
5*1' Ω5, NΩ W\S
7HPSHUDWXUHSURWHFWLRQLVQRWDFWLYHGXULQJLQYHUVH
FXUUHQW


Similar Part No. - BTS4141N_09

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS4141N INFINEON-BTS4141N Datasheet
458Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
More results

Similar Description - BTS4141N_09

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS4141D INFINEON-BTS4141D Datasheet
461Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
BTS4141N INFINEON-BTS4141N Datasheet
458Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
BTS4142N INFINEON-BTS4142N Datasheet
458Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
ITS4141D INFINEON-ITS4141D Datasheet
444Kb / 19P
   Smart High-Side Power Switch for Industrial Applications 1 Channel: 1 x 200m廓
2006-03-22
BTS4140N INFINEON-BTS4140N Datasheet
435Kb / 18P
   Smart High-Side Power Switch One Channel: 1 x 1?
2004-01-27
BTS40K2-1ENC INFINEON-BTS40K2-1ENC Datasheet
1Mb / 40P
   Smart High-Side Power Switch Single Channel, 200m廓
Rev. 1.0 2018-05-14
BTS5200-1ENA INFINEON-BTS5200-1ENA Datasheet
1Mb / 45P
   Smart High-Side Power Switch Single Channel, 200m廓
Rev. 1.0 2018-05-14
BTT6200-1ENA INFINEON-BTT6200-1ENA Datasheet
1Mb / 46P
   Smart High-Side Power Switch Single Channel, 200m廓
Rev. 1.0 2018-05-14
ITS4140N INFINEON-ITS4140N Datasheet
1Mb / 18P
   Smart High-Side Power Switch for Industrial Applications One channel: 1 x 1 ?
Rev. 2.1, 2006-07-24
logo
Texas Instruments
TPS1H000-Q1 TI1-TPS1H000-Q1 Datasheet
793Kb / 27P
[Old version datasheet]   40-V 1-(ohm) Single-Channel Smart High-Side Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com