Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTFA142401FL Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # PTFA142401FL
Description  Thermally-Enhanced High Power RF LDMOS FET 240 W, 1450 ??1500 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFA142401FL Datasheet(HTML) 3 Page - Infineon Technologies AG

  PTFA142401FL Datasheet HTML 1Page - Infineon Technologies AG PTFA142401FL Datasheet HTML 2Page - Infineon Technologies AG PTFA142401FL Datasheet HTML 3Page - Infineon Technologies AG PTFA142401FL Datasheet HTML 4Page - Infineon Technologies AG PTFA142401FL Datasheet HTML 5Page - Infineon Technologies AG PTFA142401FL Datasheet HTML 6Page - Infineon Technologies AG PTFA142401FL Datasheet HTML 7Page - Infineon Technologies AG PTFA142401FL Datasheet HTML 8Page - Infineon Technologies AG PTFA142401FL Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Data Sheet
3 of 10
Rev. 04, 2009-07-16
PTFA142401EL
PTFA142401FL
Confidential, Limited Internal Distribution
Pulsed CW Characteristics
VDD = 30 V, IDQ = 1800 mA, ƒ = 1475 MHz
10 µs pulse time, 10% duty cycle
47
49
51
53
55
57
59
30
32
34
36
38
40
42
Input Power (dBm)
Measured POUT
Ideal POUT
Broadband Performance
VDD = 30 V, IDQ = 2000 mA, POUT = 50 W
10
15
20
25
30
35
40
1400
1430
1460
1490
1520
1550
Frequency (MHz)
-30
-25
-20
-15
-10
-5
0
Gain
Efficiency
Return Loss
Power Sweep, CW Conditions
VDD = 30 V, IDQ = 2000 mA, ƒ = 1475 MHz
12
13
14
15
16
17
0
40
80
120
160
200
240
280
Output Power (W)
10
20
30
40
50
60
Gain
Efficiency
Typical Performance (data taken in an Infineon test fixture)
Two-tone Drive-up
VDD = 30 V, IDQ = 2000 mA,
ƒ = 1475 MHz, tone spacing = 1 MHz
-65
-60
-55
-50
-45
-40
-35
-30
-25
45
47
49
51
53
55
Output Power, PEP (dBm)
5
10
15
20
25
30
35
40
45
IM5
Efficiency
IM7
IM3


Similar Part No. - PTFA142401FL

ManufacturerPart #DatasheetDescription
logo
celduc-relais
PTFA1015 CELDUC-PTFA1015 Datasheet
468Kb / 2P
   Vertical level sensor
PTFA1103 CELDUC-PTFA1103 Datasheet
494Kb / 2P
   Level sensor
PTFA1104 CELDUC-PTFA1104 Datasheet
498Kb / 2P
   MAGNETIC LEVEL SENSOR
PTFA1210 CELDUC-PTFA1210 Datasheet
510Kb / 2P
   LEVEL SENSOR
logo
Infineon Technologies A...
PTFA180701E INFINEON-PTFA180701E Datasheet
368Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 70 W, 1805 ??1880 MHz
Rev. 03.1, 2009-02-20
More results

Similar Description - PTFA142401FL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTF141501E INFINEON-PTF141501E Datasheet
292Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 1450-1500 MHz, 1600-1700 MHz
Rev. 04, 2008-02-13
logo
Cree, Inc
PTFB182503FL CREE-PTFB182503FL Datasheet
497Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 1805 ??1880 MHz
PTFB192503FL CREE-PTFB192503FL Datasheet
531Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 1930 ??1990 MHz
PTFB212503FL CREE-PTFB212503FL Datasheet
553Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 2110 ??2170 MHz
logo
Infineon Technologies A...
PTF140451E INFINEON-PTF140451E Datasheet
106Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FETs 45 W, 1450 - 1550 MHz
Rev. 02, 2005-11-01
logo
Cree, Inc
PTVA082407NF CREE-PTVA082407NF Datasheet
639Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 746 ??821 MHz
logo
Infineon Technologies A...
PXAC192908FV INFINEON-PXAC192908FV_16 Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 28 V, 1930 ??1995 MHz
Rev. 02.3, 2016-06-17
logo
Cree, Inc
PXAC192908FV CREE-PXAC192908FV Datasheet
525Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 28 V, 1930 ??1995 MHz
PTVA092407NF CREE-PTVA092407NF Datasheet
595Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 869 ??960 MHz
logo
Infineon Technologies A...
PTVA092407NF INFINEON-PTVA092407NF Datasheet
434Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 869 ??960 MHz
Rev. 02.4, 2017-02-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com