Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGB07N120 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SGB07N120
Description  Fast IGBT in NPT-technology lower Eoff compared to previous generation
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SGB07N120 Datasheet(HTML) 3 Page - Infineon Technologies AG

  SGB07N120_07 Datasheet HTML 1Page - Infineon Technologies AG SGB07N120_07 Datasheet HTML 2Page - Infineon Technologies AG SGB07N120_07 Datasheet HTML 3Page - Infineon Technologies AG SGB07N120_07 Datasheet HTML 4Page - Infineon Technologies AG SGB07N120_07 Datasheet HTML 5Page - Infineon Technologies AG SGB07N120_07 Datasheet HTML 6Page - Infineon Technologies AG SGB07N120_07 Datasheet HTML 7Page - Infineon Technologies AG SGB07N120_07 Datasheet HTML 8Page - Infineon Technologies AG SGB07N120_07 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SGB07N120
Power Semiconductors
3
Rev. 2_2
Apr 07
Switching Characteristic, Inductive Load, at Tj=25 °C
Value
Parameter
Symbol
Conditions
min.
typ.
max.
Unit
IGBT Characteristic
Turn-on delay time
td(on)
-
27
35
Rise time
tr
-
29
38
Turn-off delay time
td(off)
-
440
570
Fall time
tf
-
21
27
ns
Turn-on energy
Eon
-
0.6
0.8
Turn-off energy
Eoff
-
0.4
0.55
Total switching energy
Ets
Tj=25°C,
VCC=800V,IC=8A,
VGE=15V/0V,
RG=47Ω,
Lσ
1) =180nH,
Cσ
1) =40pF
Energy losses include
“tail” and diode
reverse recovery.
-
1.0
1.35
mJ
Switching Characteristic, Inductive Load, at Tj=150 °C
Value
Parameter
Symbol
Conditions
min.
typ.
max.
Unit
IGBT Characteristic
Turn-on delay time
td(on)
-
30
36
Rise time
tr
-
26
31
Turn-off delay time
td(off)
-
490
590
Fall time
tf
-
30
36
ns
Turn-on energy
Eon
-
1.0
1.2
Turn-off energy
Eoff
-
0.7
0.9
Total switching energy
Ets
Tj=150°C
VCC=800V,
IC=8A,
VGE=15V/0V,
RG=47Ω,
Lσ
1) =180nH,
Cσ
1) =40pF
Energy losses include
“tail” and diode
reverse recovery.
-
1.7
2.1
mJ
1) Leakage inductance Lσ and stray capacity Cσ due to dynamic test circuit in figure E.


Similar Part No. - SGB07N120_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SGB07N120 INFINEON-SGB07N120 Datasheet
386Kb / 11P
   Fast IGBT in NPT-technology
Jul-02
More results

Similar Description - SGB07N120_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SGB10N60A INFINEON-SGB10N60A_07 Datasheet
795Kb / 11P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.3 July 07
SGB02N120 INFINEON-SGB02N120_07 Datasheet
439Kb / 11P
   Fast IGBT in NPT-technology Lower Eoff compared to previous generation
Rev. 2_3 Jan 07
SGP15N120 INFINEON-SGP15N120_09 Datasheet
407Kb / 12P
   Fast IGBT in NPT-technology 40% lower Eoff compared to previous generation
Rev. 2.6 Nov. 09
SGP02N60 INFINEON-SGP02N60_07 Datasheet
358Kb / 12P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.3 Sep 07
SGW25N120 INFINEON-SGW25N120_09 Datasheet
338Kb / 11P
   Fast IGBT in NPT-technology 40% lower Eoff compared to previous generation
Rev. 2.5 Nov. 09
SGP04N60 INFINEON-SGP04N60_07 Datasheet
347Kb / 12P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.2 Sep 07
SGB06N60 INFINEON-SGB06N60_06 Datasheet
790Kb / 11P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.2 Nov 06
SGP02N120 INFINEON-SGP02N120_07 Datasheet
382Kb / 13P
   Fast IGBT in NPT-technology 40% lower Eoff compared to previous generation
Rev. 2.3 Sep. 07
SGP15N60 INFINEON-SGP15N60_08 Datasheet
339Kb / 12P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.3 Sep 08
SGB04N60 INFINEON-SGB04N60_06 Datasheet
792Kb / 11P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.3 Nov 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com