Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTMA180402EL Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # PTMA180402EL
Description  Wideband RF LDMOS Integrated Power Amplifier 40 W, 1800 ??2000 MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTMA180402EL Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button PTMA180402EL Datasheet HTML 3Page - Infineon Technologies AG PTMA180402EL Datasheet HTML 4Page - Infineon Technologies AG PTMA180402EL Datasheet HTML 5Page - Infineon Technologies AG PTMA180402EL Datasheet HTML 6Page - Infineon Technologies AG PTMA180402EL Datasheet HTML 7Page - Infineon Technologies AG PTMA180402EL Datasheet HTML 8Page - Infineon Technologies AG PTMA180402EL Datasheet HTML 9Page - Infineon Technologies AG PTMA180402EL Datasheet HTML 10Page - Infineon Technologies AG PTMA180402EL Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Data Sheet
9 of 11
Rev. 08, 2009-08-31
PTMA180402EL
PTMA180402FL
Confidential, Limited Internal Distribution
Package Specifications (cont.)
Package H-34265-8 Outline
Diagram Notes—unless otherwise specified:
1. Interpret dimensions and tolerances per ASME Y14.5M-1994.
2. Pins: S = source; see page 11 for complete list and diagram.
3. Lead thickness: 0.127±0.025 [.005±0.001]
4. Gold plating less than 0.25 micron [10 microinch].
5. All tolerances ± 0.127 [.005] unless specified otherwise.
6. Primary dimensions are mm. Alternate dimensions are inches.
15.24±0.51
[.600±.020]
2.54±0.51
[.100±.020]
(45° X 2.03 [.08])
1.02
[.040]
0.038 [.0015] -A-
10.16
[.400]
10.16
[.400]
SPH 1.57
[.062]
3.68±.38
[.145±.015]
7.11
[.280]
4X R 0.63 [.025] MAX
FLANGE
4X R 0.13 [.05] MAX
LID
9.55
[.376]
REF
2X 2.21
[.087]
0.76
[.030]
6X 0.406
[.016]
2X 3.48
[.137]
2X 4.57
[.180]
S
h-33+34265_POs_34265-8_0801
1 2 3
5
4
6 7
L
C
CL
10.16 [.400] SQ
FLANGE & LID
8
CL


Similar Part No. - PTMA180402EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTMA180402M INFINEON-PTMA180402M Datasheet
352Kb / 14P
   Wideband RF LDMOS Integrated Power Amplifier 40 W, 1800 ??2100 MHz
Rev. 07.1, 2011-03-17
logo
Cree, Inc
PTMA180402M CREE-PTMA180402M Datasheet
1Mb / 15P
   Wideband RF LDMOS Integrated Power Amplifier 40 W, 28 V, 1800 ??2100 MHz
logo
Infineon Technologies A...
PTMA180402M INFINEON-PTMA180402M_11 Datasheet
494Kb / 14P
   Wideband RF LDMOS Integrated Power Amplifi er 40 W, 28 V, 1800 . 2100 MHz
Rev. 08, 2011-08-10
More results

Similar Description - PTMA180402EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTMA180402M INFINEON-PTMA180402M Datasheet
352Kb / 14P
   Wideband RF LDMOS Integrated Power Amplifier 40 W, 1800 ??2100 MHz
Rev. 07.1, 2011-03-17
logo
Cree, Inc
PTMA180402M CREE-PTMA180402M Datasheet
1Mb / 15P
   Wideband RF LDMOS Integrated Power Amplifier 40 W, 28 V, 1800 ??2100 MHz
logo
Infineon Technologies A...
PTMA210404FL INFINEON-PTMA210404FL_09 Datasheet
468Kb / 13P
   Dual Wideband RF LDMOS Power Amplifier 40 W, 1800 ??2200 MHz
Rev. 04, 2009-06-16
PTMA210152M INFINEON-PTMA210152M Datasheet
242Kb / 15P
   Wideband RF LDMOS Integrated Power Amplifier 15 W, 1800 ??2200 MHz
Rev. 04, 2010-04-16
logo
Cree, Inc
PTMA210152M CREE-PTMA210152M Datasheet
1Mb / 15P
   Wideband RF LDMOS Integrated Power Amplifier 15 W, 28 V, 1800 ??2200 MHz
logo
Infineon Technologies A...
PTMA180402M INFINEON-PTMA180402M_11 Datasheet
494Kb / 14P
   Wideband RF LDMOS Integrated Power Amplifi er 40 W, 28 V, 1800 . 2100 MHz
Rev. 08, 2011-08-10
PTMA080302M INFINEON-PTMA080302M Datasheet
204Kb / 11P
   Wideband RF LDMOS Integrated Power Amplifier 30 W, 700 ??1000 MHz
Rev. 04, 2010-04-16
PTMA080152M INFINEON-PTMA080152M Datasheet
197Kb / 11P
   Wideband RF LDMOS Integrated Power Amplifier 15 W, 700 ??1000 MHz
Rev. 04, 2010-04-16
PTMA210452EL INFINEON-PTMA210452EL Datasheet
387Kb / 11P
   Wideband RF LDMOS Integrated Power Amplifier 45 W, 1900 ??2200 MHz
Rev. 06, 2009-09-01
PTMA080152M INFINEON-PTMA080152M_10 Datasheet
350Kb / 11P
   Wideband RF LDMOS Integrated Power Amplifier 30 W, 700-1000 MHz
Rev. 05.1, 2010-11-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com