Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS5016SDA Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # BTS5016SDA
Description  Smart High-Side Power Switch PROFET??One Channel
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS5016SDA Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BTS5016SDA Datasheet HTML 6Page - Infineon Technologies AG BTS5016SDA Datasheet HTML 7Page - Infineon Technologies AG BTS5016SDA Datasheet HTML 8Page - Infineon Technologies AG BTS5016SDA Datasheet HTML 9Page - Infineon Technologies AG BTS5016SDA Datasheet HTML 10Page - Infineon Technologies AG BTS5016SDA Datasheet HTML 11Page - Infineon Technologies AG BTS5016SDA Datasheet HTML 12Page - Infineon Technologies AG BTS5016SDA Datasheet HTML 13Page - Infineon Technologies AG BTS5016SDA Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Smart High-Side Power Switch
BTS5016SDA
Power Stages
Datasheet
10
Rev. 1.1, 2008-11-04
5.2
Output On-State Resistance
The on-state resistance
R
DS(ON) depends on the supply voltage as well as the junction temperature Tj. Figure 6
shows these dependencies for the typical on-state resistance. The voltage drop in reverse polarity mode is
described in Section 6.3.
Figure 6
Typical On-State Resistance
Figure 7
Typical Output Voltage Drop Limitation









5 '6 21
9 EE
9
W\S
P
, / $












 
7 M
P
ƒ&
W\S
5 '6 21
, / $
V
bb = 12 V
T
j = 25°C







9 21
, /
W\S
9 21 a , /
$
9
9 21 ≥ 9 21 1/


Similar Part No. - BTS5016SDA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5016-1EKB INFINEON-BTS5016-1EKB Datasheet
2Mb / 53P
   Smart High-Side Power Switch
Rev. 2.0, 2012-04-17
BTS5016-2EKA INFINEON-BTS5016-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev 1.0, 2013-06-17
More results

Similar Description - BTS5016SDA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS50090-1TMB INFINEON-BTS50090-1TMB Datasheet
528Kb / 27P
   Smart High-Side Power Switch PROFET One Channel
Rev. 1.0, Feb. 2008
BTS50080-1TEB INFINEON-BTS50080-1TEB Datasheet
576Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.0, Aug. 2008
BTS50070-1TMB INFINEON-BTS50070-1TMB Datasheet
559Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.0, Sept. 2008
BTS5014SDA INFINEON-BTS5014SDA Datasheet
564Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.1, Nov. 2008
BTS50070-1TMA INFINEON-BTS50070-1TMA Datasheet
562Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.0, Sept. 2008
BTS5012SDA INFINEON-BTS5012SDA Datasheet
566Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.1, Nov. 2008
BTS50080-1TEA INFINEON-BTS50080-1TEA Datasheet
567Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.0, Aug. 2008
BTS6123P INFINEON-BTS6123P Datasheet
906Kb / 30P
   Smart High-Side Power Switch PROFET One Channel, 10 m?
V1.0, December 2005
BTS6123B INFINEON-BTS6123B Datasheet
338Kb / 30P
   Smart High-Side Power Switch PROFET One Channel, 10 m?
V1.0, December 2005
BTS6142D INFINEON-BTS6142D Datasheet
337Kb / 30P
   Smart High-Side Power Switch PROFET One Channel, 12 m?
V1.0, October 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com