Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS5235-2L Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # BTS5235-2L
Description  Smart High-Side Power Switch
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS5235-2L Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BTS5235-2L Datasheet HTML 6Page - Infineon Technologies AG BTS5235-2L Datasheet HTML 7Page - Infineon Technologies AG BTS5235-2L Datasheet HTML 8Page - Infineon Technologies AG BTS5235-2L Datasheet HTML 9Page - Infineon Technologies AG BTS5235-2L Datasheet HTML 10Page - Infineon Technologies AG BTS5235-2L Datasheet HTML 11Page - Infineon Technologies AG BTS5235-2L Datasheet HTML 12Page - Infineon Technologies AG BTS5235-2L Datasheet HTML 13Page - Infineon Technologies AG BTS5235-2L Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Smart High-Side Power Switch
BTS5235-2L
Block Description and Electrical Characteristics
Data Sheet
10
Rev.1.1, 2008-09-01
5
Block Description and Electrical Characteristics
5.1
Power Stages
The power stages are built by N-channel vertical power MOSFETs (DMOS) with charge pumps.
5.1.1
Output On-State Resistance
The on-state resistance
R
DS(ON) depends on the supply voltage as well as the junction temperature Tj. Figure 4
shows that dependencies for the typical on-state resistance. The behavior in reverse polarity mode is described
in Section 6.2.
Figure 4
Typical On-State Resistance
5.1.2
Input Circuit
Figure 5 shows the input circuit of the BTS5235-2L. There is an integrated input resistor that makes external
components obsolete. The current sink to ground ensures that the device switches off in case of open input pin.
The zener diode protects the input circuit against ESD pulses.
Figure 5
Input Circuit (IN1 and IN2)
30
40
50
60
70
80
90
-50 -25
0
25
50
75 100 125 150
T /
°C
40
60
80
100
120
140
160
0
5
10
15
20
25
Vbb /V
Vbb = 13.5 V
Tj = 25 °C
IN
RIN
IIN
GND
RGND
Input.emf


Similar Part No. - BTS5235-2L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5235-2G INFINEON-BTS5235-2G Datasheet
487Kb / 25P
   Smart High-Side Power Switch
Rev.1.1, Sep 2008
More results

Similar Description - BTS5235-2L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com