Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS5242-2L Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # BTS5242-2L
Description  Smart High-Side Power Switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS5242-2L Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button BTS5242-2L Datasheet HTML 7Page - Infineon Technologies AG BTS5242-2L Datasheet HTML 8Page - Infineon Technologies AG BTS5242-2L Datasheet HTML 9Page - Infineon Technologies AG BTS5242-2L Datasheet HTML 10Page - Infineon Technologies AG BTS5242-2L Datasheet HTML 11Page - Infineon Technologies AG BTS5242-2L Datasheet HTML 12Page - Infineon Technologies AG BTS5242-2L Datasheet HTML 13Page - Infineon Technologies AG BTS5242-2L Datasheet HTML 14Page - Infineon Technologies AG BTS5242-2L Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
11
Rev.1.2, 2008-09-01
Smart High-Side Power Switch
BTS5242-2L
Block Description and Electrical Characteristics
A high signal at the input pin causes the power DMOS to switch on with a dedicated slope, which is optimized in
terms of EMC emission.
Figure 6
Switching a Load (resistive)
5.1.3
Inductive Output Clamp
When switching off inductive loads with high-side switches, the voltage VOUT drops below ground potential,
because the inductance intends to continue driving the current.
Figure 7
Output Clamp (OUT1 and OUT2)
To prevent destruction of the device, there is a voltage clamp mechanism implemented that keeps that negative
output voltage at a certain level (VOUT(CL)). See Figure 7 and Figure 8 for details. Nevertheless, the maximum
allowed load inductance is limited.
Figure 8
Switching an Inductance
IN
VOUT
t
SwitchOn.emf
tON
tOFF
t
90%
10%
dV /dtON
30%
70%
dV /
dtOFF
40%
OutputClamp.emf
OUT
GND
Vbb
VBB
L,
RL
V
OUT
I L
VOUT
InductiveLoad.emf
t
IL
t
VOUT(CL)
Vbb
IN = 5V
IN = 0V


Similar Part No. - BTS5242-2L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5240 INFINEON-BTS5240 Datasheet
475Kb / 18P
   Addendum for PCN-Datasheet 2004-018-A
2004-Mar-08
BTS5240G INFINEON-BTS5240G Datasheet
1Mb / 18P
   Addendum for PCN-Datasheet 2004-018-A
2004-Mar-08
BTS5240L INFINEON-BTS5240L Datasheet
475Kb / 18P
   Addendum for PCN-Datasheet 2004-018-A
2004-Mar-08
BTS5241L INFINEON-BTS5241L Datasheet
293Kb / 28P
   Smart High-Side Power Switch PROFET Two Channels, 25 mΩ
V1.0, 2004-02-27
BTS5246-2L INFINEON-BTS5246-2L Datasheet
467Kb / 24P
   Smart High-Side Power Switch
Rev.1.4, Sep 2008
More results

Similar Description - BTS5242-2L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com