Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS50090-1TMB Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BTS50090-1TMB
Description  Smart High-Side Power Switch PROFET One Channel
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS50090-1TMB Datasheet(HTML) 4 Page - Infineon Technologies AG

  BTS50090-1TMB Datasheet HTML 1Page - Infineon Technologies AG BTS50090-1TMB Datasheet HTML 2Page - Infineon Technologies AG BTS50090-1TMB Datasheet HTML 3Page - Infineon Technologies AG BTS50090-1TMB Datasheet HTML 4Page - Infineon Technologies AG BTS50090-1TMB Datasheet HTML 5Page - Infineon Technologies AG BTS50090-1TMB Datasheet HTML 6Page - Infineon Technologies AG BTS50090-1TMB Datasheet HTML 7Page - Infineon Technologies AG BTS50090-1TMB Datasheet HTML 8Page - Infineon Technologies AG BTS50090-1TMB Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Smart High-Side Power Switch
BTS50090-1TMB
Overview
Datasheet
4
Rev. 1.0, 2008-02-11
Protective Functions
ReverSave®, channel switches on in case of reverse polarity
Reverse battery protection without external components
Short circuit protection with latch
Overload protection
Multi-step current limitation
Thermal shutdown with restart
Overvoltage protection (including load dump)
Loss of ground protection
Loss of Vbb protection (with external diode for charged inductive loads)
Electrostatic discharge protection (ESD)
Diagnostic Functions
Proportional load current sense (with defined fault signal in case of overload operation, overtemperature
shutdown and/or short circuit shutdown)
Open load detection in ON-state by load current sense
Applications
µC compatible high-side power switch with diagnostic feedback for 12 V grounded loads
All types of resistive, inductive and capacitive loads
Most suitable for loads with high inrush currents, so as lamps
Replaces electromechanical relays, fuses and discrete circuits


Similar Part No. - BTS50090-1TMB

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS50090-1TMA INFINEON-BTS50090-1TMA Datasheet
532Kb / 27P
   Smart High-Side Power Switch PROFET짰 One Channel
Rev. 1.0, Feb. 2008
More results

Similar Description - BTS50090-1TMB

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS50080-1TEB INFINEON-BTS50080-1TEB Datasheet
576Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.0, Aug. 2008
BTS5016SDA INFINEON-BTS5016SDA Datasheet
564Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.1, Nov. 2008
BTS50070-1TMB INFINEON-BTS50070-1TMB Datasheet
559Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.0, Sept. 2008
BTS5014SDA INFINEON-BTS5014SDA Datasheet
564Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.1, Nov. 2008
BTS50070-1TMA INFINEON-BTS50070-1TMA Datasheet
562Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.0, Sept. 2008
BTS5012SDA INFINEON-BTS5012SDA Datasheet
566Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.1, Nov. 2008
BTS50080-1TEA INFINEON-BTS50080-1TEA Datasheet
567Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.0, Aug. 2008
BTS6123P INFINEON-BTS6123P Datasheet
906Kb / 30P
   Smart High-Side Power Switch PROFET One Channel, 10 m?
V1.0, December 2005
BTS6123B INFINEON-BTS6123B Datasheet
338Kb / 30P
   Smart High-Side Power Switch PROFET One Channel, 10 m?
V1.0, December 2005
BTS6142D INFINEON-BTS6142D Datasheet
337Kb / 30P
   Smart High-Side Power Switch PROFET One Channel, 12 m?
V1.0, October 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com