Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPP048N06LG Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IPP048N06LG
Description  OptiMOS??Power-Transistor Features For fast switching converters and sync. rectification
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP048N06LG Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IPP048N06LG_10 Datasheet HTML 2Page - Infineon Technologies AG IPP048N06LG_10 Datasheet HTML 3Page - Infineon Technologies AG IPP048N06LG_10 Datasheet HTML 4Page - Infineon Technologies AG IPP048N06LG_10 Datasheet HTML 5Page - Infineon Technologies AG IPP048N06LG_10 Datasheet HTML 6Page - Infineon Technologies AG IPP048N06LG_10 Datasheet HTML 7Page - Infineon Technologies AG IPP048N06LG_10 Datasheet HTML 8Page - Infineon Technologies AG IPP048N06LG_10 Datasheet HTML 9Page - Infineon Technologies AG IPP048N06LG_10 Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IPP048N06L G
IPB048N06L G
9 Drain-source on-state resistance
10 Typ. gate threshold voltage
R DS(on)=f(T j); I D=100 A; V GS=10 V
V GS(th)=f(T j); V GS=V DS
parameter: I D
11 Typ. capacitances
12 Forward characteristics of reverse diode
C
=f(V DS); V GS=0 V; f =1 MHz
I F=f(V SD)
parameter: T j
typ
98 %
0
2
4
6
8
10
12
-60
-20
20
60
100
140
180
T j [°C]
270 µA
2700 µA
0
0.5
1
1.5
2
2.5
-60
-20
20
60
100
140
180
T j [°C]
Ciss
Coss
Crss
10
5
10
4
10
3
10
2
0
1020
3040
50
V DS [V]
25 °C
175 °C
25 °C 98%
175 °C 98%
10
2
10
1
10
0
10
-1
0
0.5
1
1.5
2
2.5
V SD [V]
Rev. 1.15
page 6
2010-01-13


Similar Part No. - IPP048N06LG_10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP048N06LG INFINEON-IPP048N06LG Datasheet
431Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.11 2006-04-20
logo
VBsemi Electronics Co.,...
IPP048N06LG VBSEMI-IPP048N06LG Datasheet
1Mb / 8P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - IPP048N06LG_10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP050N06NG INFINEON-IPP050N06NG Datasheet
417Kb / 10P
   OptiMOS??Power-Transistor Features For fast switching converters and sync. rectification
Rev. 1.16 2010-01-14
IPB085N06LG INFINEON-IPB085N06LG_10 Datasheet
420Kb / 10P
   OptiMOS??Power-Transistor Features For fast switching converters and sync. rectification
Rev. 1.05 2010-01-19
IPB065N06LG INFINEON-IPB065N06LG_10 Datasheet
420Kb / 10P
   OptiMOS??Power-Transistor Features For fast switching converters and sync. rectification
Rev. 1.5 2010-01-18
IPD800N06NG INFINEON-IPD800N06NG_08 Datasheet
524Kb / 9P
   OptiMOS짰 Power-Transistor Features For fast switching converters and sync. rectification
Rev.1.3 2008-09-01
IPD127N06LG INFINEON-IPD127N06LG_08 Datasheet
538Kb / 9P
   OptiMOS짰 Power-Transistor Features For fast switching converters and sync. rectification
Rev. 1.2 2008-07-22
IPD350N06LG INFINEON-IPD350N06LG_08 Datasheet
534Kb / 9P
   OptiMOS짰 Power-Transistor Features For fast switching converters and sync. rectification
Rev. 1.3 2008-09-01
IPD640N06LG INFINEON-IPD640N06LG_08 Datasheet
509Kb / 9P
   OptiMOS짰 Power-Transistor Features For fast switching converters and sync. rectification
Rev. 1.4 2008-09-01
IPB037N06N3G INFINEON-IPB037N06N3G Datasheet
484Kb / 11P
   OptiMOS?? Power-Transistor Features for sync. rectification, drives and dc/dc SMPS
Rev. 1.03 2009-12-17
IPD230N06NG INFINEON-IPD230N06NG_08 Datasheet
520Kb / 9P
   OptiMOS짰 Power-Transistor Features For dc/dc converters and sync. rectification
Rev. 1.2 2008-09-01
IPB021N06N3G INFINEON-IPB021N06N3G Datasheet
483Kb / 11P
   OptiMOS?? Power-Transistor Features Ideal for high frequency switching and sync. rec.
Rev. 2.2 2009-12-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com