Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD5V3U4U-HDMI Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # ESD5V3U4U-HDMI
Description  Ultra-Low Capacitance ESD Array
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ESD5V3U4U-HDMI Datasheet(HTML) 1 Page - Infineon Technologies AG

  ESD5V3U4U-HDMI Datasheet HTML 1Page - Infineon Technologies AG ESD5V3U4U-HDMI Datasheet HTML 2Page - Infineon Technologies AG ESD5V3U4U-HDMI Datasheet HTML 3Page - Infineon Technologies AG ESD5V3U4U-HDMI Datasheet HTML 4Page - Infineon Technologies AG ESD5V3U4U-HDMI Datasheet HTML 5Page - Infineon Technologies AG ESD5V3U4U-HDMI Datasheet HTML 6Page - Infineon Technologies AG ESD5V3U4U-HDMI Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2008-10-29
1
ESD5V3U4U-HDMI
Ultra-Low Capacitance ESD Array
• ESD / transient protection of high-speed
data lines exceeding
IEC61000-4-2 (ESD): 20 kV (air / contact)
IEC61000-4-4 (EFT): 2.5 kV / 50 A (5/50 ns)
IEC61000-4-5 (surge): 3 A (8/20 µs)
• Max. working voltage: 5.3 V
• Very low reverse current: < 1 nA typ.
• Extremely low cap. : 0.4 pF typ. (I/O to GND)
• Very low clamping voltage: 12 V typ.
• Extremely low forward clamping voltage: 4 V typ.
• TSLP-9 package with pad pitch = 0.5 mm
• Optimized pad design to simplify PCB layout
• Pb-free (RoHS compliant) package
Applications
• DVI, HDMI, S-ATA, DisplayPort
• USB 2.0, 10/100/1000 Ethernet, Firewire
• Mobile communication
• Consumer products (STB, MP3; DVD, DSC...)
• LCD displays, camera
• Notebooks and desktop computers, peripherals
ESD5V3U4U-HDMI
12
4
5
3
Type
Package
Configuration
Marking
ESD5V3U4U-HDMI
TSLP-9-1
4 lines, uni-directional
Z1


Similar Part No. - ESD5V3U4U-HDMI

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD5V3U4U-HDMI INFINEON-ESD5V3U4U-HDMI Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diode
Revision 1.1, 2012-07-03
ESD5V3U4U-HDMI INFINEON-ESD5V3U4U-HDMI_12 Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diode
Revision 1.1, 2012-07-03
More results

Similar Description - ESD5V3U4U-HDMI

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
FDA0560T FUTUREWAFER-FDA0560T Datasheet
1Mb / 11P
   Ultra Low Capacitance ESD Array
FESD05LVCA-1PF FUTUREWAFER-FESD05LVCA-1PF Datasheet
1Mb / 6P
   Ultra Low Capacitance ESD array
FWZ5VT FUTUREWAFER-FWZ5VT Datasheet
836Kb / 3P
   Ultra Low Capacitance ESD array
FSRV3.3-4 FUTUREWAFER-FSRV3.3-4 Datasheet
936Kb / 6P
   Ultra Low Capacitance ESD array
FW4120LC-0.3PF FUTUREWAFER-FW4120LC-0.3PF Datasheet
848Kb / 5P
   Ultra Low Capacitance ESD array
FSRV05-4-3PF FUTUREWAFER-FSRV05-4-3PF Datasheet
972Kb / 5P
   Ultra Low Capacitance ESD array
FSRV05-4 FUTUREWAFER-FSRV05-4 Datasheet
972Kb / 5P
   Ultra Low Capacitance ESD array
FESD05LVCA FUTUREWAFER-FESD05LVCA Datasheet
1Mb / 6P
   Ultra Low Capacitance ESD array
logo
Taiwan Semiconductor Co...
TESDH5V0A TSC-TESDH5V0A Datasheet
376Kb / 4P
   Ultra low capacitance ESD Protection Array
logo
Infineon Technologies A...
ESD5V3U2U INFINEON-ESD5V3U2U Datasheet
558Kb / 8P
   Ultra-Low Capacitance ESD Diode Array
2008-09-04
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com