Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6208-3G Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE6208-3G
Description  Triple Half Bridges Optimized for DC motor management applications
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6208-3G Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE6208-3G_07 Datasheet HTML 5Page - Infineon Technologies AG TLE6208-3G_07 Datasheet HTML 6Page - Infineon Technologies AG TLE6208-3G_07 Datasheet HTML 7Page - Infineon Technologies AG TLE6208-3G_07 Datasheet HTML 8Page - Infineon Technologies AG TLE6208-3G_07 Datasheet HTML 9Page - Infineon Technologies AG TLE6208-3G_07 Datasheet HTML 10Page - Infineon Technologies AG TLE6208-3G_07 Datasheet HTML 11Page - Infineon Technologies AG TLE6208-3G_07 Datasheet HTML 12Page - Infineon Technologies AG TLE6208-3G_07 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
TLE 6208-3 G
Data Sheet
9
2007-09-12
Note: In the operating range, the functions given in the circuit description are fulfilled.
Junction pin
R
thj-pin
30
K/W
measured to
pin 1, 7, 8, 14
Junction ambient
R
thjA
–65
K/W
2.3
Electrical Characteristics
8V<
VS < 40 V; 4.75 V < VCC < 5.25 V; INH = High; all outputs open; – 40 °C< Tj < 150 °C;
unless otherwise specified
Parameter
Symbol
Limit Values
Unit Test Condition
min. typ.
max.
Current Consumption
Quiescent current
I
S
–8
20
µA
INH = Low;
V
S = 13.2 V
T
j = 25
°C
Quiescent current
I
S
––
30
µA
INH = Low;
V
S = 13.2 V;
Logic-Supply current
I
CC
–2
10
µA
INH = Low
Logic-Supply current
I
CC
12mA
SPI not active
Supply current
I
S
25mA
Over- and Under-Voltage Lockout
UV-Switch-ON voltage
V
UV ON
–6.5
7
V
V
S increasing
UV-Switch-OFF voltage
V
UV OFF
5.6
6.1
6.6
V
V
S decreasing
UV-ON/OFF-Hysteresis
V
UV HY
–0.4
V
V
UV ON VUV OFF
OV-Switch-OFF voltage
V
OV OFF
34
37
40
V
V
S increasing
OV-Switch-ON voltage
V
OV ON
30
33
36
V
V
S decreasing
OV-ON/OFF-Hysteresis
V
OV HY
4–V
V
OV OFF VOV ON
2.2
Operating Range (cont’d)
Parameter
Symbol
Limit Values Unit
Remarks
min.
max.


Similar Part No. - TLE6208-3G_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6208-3G INFINEON-TLE6208-3G Datasheet
198Kb / 21P
   Triple-Half-Bridge
2001-05-10
TLE6208-3G INFINEON-TLE6208-3G Datasheet
198Kb / 21P
   Triple-Half-Bridge
2001-05-10
More results

Similar Description - TLE6208-3G_07

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
11-CT211 SITI-11-CT211 Datasheet
213Kb / 7P
   Optimized for Brushless DC Motor applications
logo
List of Unclassifed Man...
EB01 ETC-EB01 Datasheet
100Kb / 4P
   TRIPLE INDEPENDENT LOGIC INTERFACED HALF BRIDGES
EB03 ETC-EB03 Datasheet
101Kb / 4P
   TRIPLE INDEPENDENT LOGIC INTERFACED HALF BRIDGES
EBO2 ETC1-EBO2 Datasheet
101Kb / 4P
   TRIPLE INDEPENDENT LOGIC INTERFACED HALF BRIDGES
logo
Inchange Semiconductor ...
PSDH175 ISC-PSDH175 Datasheet
340Kb / 3P
   Three Phase Half Controlled Bridges
logo
Powersem GmbH
PSBZ50 POWERSEM-PSBZ50 Datasheet
182Kb / 3P
   Single Phase Half Controlled Bridges
PSDH110 POWERSEM-PSDH110 Datasheet
183Kb / 3P
   Three Phase Half Controlled Bridges
logo
STMicroelectronics
STSPIN230 STMICROELECTRONICS-STSPIN230 Datasheet
436Kb / 22P
   Low voltage triple half-bridge motor driver for BLDC motors
November 2016 Rev 4
logo
Powersem GmbH
PSBH50 POWERSEM-PSBH50 Datasheet
182Kb / 3P
   Single Phase Half Controlled Bridges
PSBZ125 POWERSEM-PSBZ125 Datasheet
209Kb / 3P
   Single Phase Half Controlled Bridges
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com