Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPP08N80C3 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # SPP08N80C3
Description  CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP08N80C3 Datasheet(HTML) 2 Page - Infineon Technologies AG

  SPP08N80C3_08 Datasheet HTML 1Page - Infineon Technologies AG SPP08N80C3_08 Datasheet HTML 2Page - Infineon Technologies AG SPP08N80C3_08 Datasheet HTML 3Page - Infineon Technologies AG SPP08N80C3_08 Datasheet HTML 4Page - Infineon Technologies AG SPP08N80C3_08 Datasheet HTML 5Page - Infineon Technologies AG SPP08N80C3_08 Datasheet HTML 6Page - Infineon Technologies AG SPP08N80C3_08 Datasheet HTML 7Page - Infineon Technologies AG SPP08N80C3_08 Datasheet HTML 8Page - Infineon Technologies AG SPP08N80C3_08 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SPP08N80C3
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Continuous diode forward current
I S
A
Diode pulse current
2)
I S,pulse
24
Reverse diode dv /dt
4)
dv /dt
4
V/ns
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance, junction - case
R thJC
-
-
1.2
K/W
R thJA
leaded
-
-
62
Soldering temperature,
wave soldering only allowed at leads
T sold
1.6 mm (0.063 in.)
from case for 10s
-
-
260
°C
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=0 V, I D=250 µA
800
-
-
V
Avalanche breakdown voltage
V (BR)DS
V GS=0 V, I D=8 A
-
870
-
Gate threshold voltage
V GS(th)
V DS=V GS, I D=0.47 mA
2.1
3
3.9
Zero gate voltage drain current
I DSS
V DS=800 V, V GS=0 V,
T j=25 °C
-
-
20
µA
V DS=800 V, V GS=0 V,
T j=150 °C
-
100
-
Gate-source leakage current
I GSS
V GS=20 V, V DS=0 V
-
-
100
nA
Drain-source on-state resistance
R DS(on)
V GS=10 V, I D=5.1 A,
T j=25 °C
-
0.56
0.65
V GS=10 V, I D=5.1 A,
T j=150 °C
-
1.5
-
Gate resistance
R G
f =1 MHz, open drain
-
1.2
-
Values
Thermal resistance, junction -
ambient
Value
T C=25 °C
8
Rev. 2.9
page 2
2008-10-15


Similar Part No. - SPP08N80C3_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP08N80C3 INFINEON-SPP08N80C3_11 Datasheet
490Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.91 2011-09-27
More results

Similar Description - SPP08N80C3_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP04N80C3 INFINEON-SPP04N80C3_08 Datasheet
395Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
SPI08N80C3 INFINEON-SPI08N80C3 Datasheet
360Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
IPW50R250CP INFINEON-IPW50R250CP Datasheet
537Kb / 11P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.0 2007-11-07
SPP06N60C3 INFINEON-SPP06N60C3_09 Datasheet
228Kb / 11P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 1.4 2009-11-27
SPD02N80C3 INFINEON-SPD02N80C3_08 Datasheet
281Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
SPA11N80C3 INFINEON-SPA11N80C3_08 Datasheet
295Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
SPD04N80C3 INFINEON-SPD04N80C3_08 Datasheet
442Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
SPP06N60C3 INFINEON-SPP06N60C3_07 Datasheet
258Kb / 11P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 1.3 2007-08-28
SPA11N60CFD INFINEON-SPA11N60CFD_10 Datasheet
210Kb / 12P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 1.3 2010-01-12
SPP02N80C3 INFINEON-SPP02N80C3_08 Datasheet
394Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com