Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGW30N60HS Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # SGW30N60HS
Description  High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SGW30N60HS Datasheet(HTML) 4 Page - Infineon Technologies AG

  SGW30N60HS Datasheet HTML 1Page - Infineon Technologies AG SGW30N60HS Datasheet HTML 2Page - Infineon Technologies AG SGW30N60HS Datasheet HTML 3Page - Infineon Technologies AG SGW30N60HS Datasheet HTML 4Page - Infineon Technologies AG SGW30N60HS Datasheet HTML 5Page - Infineon Technologies AG SGW30N60HS Datasheet HTML 6Page - Infineon Technologies AG SGW30N60HS Datasheet HTML 7Page - Infineon Technologies AG SGW30N60HS Datasheet HTML 8Page - Infineon Technologies AG SGW30N60HS Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SGP30N60HS
SGW30N60HS
Power Semiconductors
4
Rev. 2.4 Nov 09
10Hz
100Hz
1kHz
10kHz
100kHz
0A
20A
40A
60A
80A
100A
T
C=80°C
T
C=110°C
1V
10V
100V
1000V
0.1A
1A
10A
100A
t
P=4µs
15µs
200µs
1ms
50µs
DC
f, SWITCHING FREQUENCY
VCE, COLLECTOR-EMITTER VOLTAGE
Figure 1. Collector current as a function of
switching frequency
(Tj ≤ 150°C, D = 0.5, VCE = 400V,
VGE = 0/+15V, RG = 11Ω)
Figure 2. Safe operating area
(D = 0, TC = 25°C, Tj ≤ 150°C;
VGE=15V)
25°C
50°C
75°C
100°C
125°C
0W
50 W
100W
150W
2 00 W
25°C
75°C
125°C
0A
10A
20A
30A
40A
TC, CASE TEMPERATURE
TC, CASE TEMPERATURE
Figure 3. Power dissipation as a function of
case temperature
(Tj ≤ 150°C)
Figure 4. Collector current as a function of
case temperature
(VGE ≤ 15V, Tj ≤ 150°C)
Limited by Bond wire
Ic
Ic


Similar Part No. - SGW30N60HS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SGW30N60 INFINEON-SGW30N60 Datasheet
425Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGW30N60 INFINEON-SGW30N60 Datasheet
335Kb / 12P
   Fast IGBT in NPT-technology
Rev. 2.4 Sep. 08
SGW30N60 INFINEON-SGW30N60 Datasheet
367Kb / 12P
   Fast IGBT in NPT-technology
Rev. 2.5 Nov. 09
More results

Similar Description - SGW30N60HS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SKB06N60HS INFINEON-SKB06N60HS_07 Datasheet
1Mb / 14P
   High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev. 2.3 Oct.07
SGP20N60HS INFINEON-SGP20N60HS_09 Datasheet
388Kb / 12P
   High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev 2.5 Nov 09
SKW20N60HS INFINEON-SKW20N60HS_08 Datasheet
352Kb / 14P
   High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev. 2.3 Sep 08
SKB15N60HS INFINEON-SKB15N60HS_07 Datasheet
1Mb / 14P
   High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev 2.3 Oct. 07
SGW50N60HS INFINEON-SGW50N60HS_09 Datasheet
355Kb / 11P
   High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev. 2.3 Nov 09
SKW30N60HS INFINEON-SKW30N60HS_08 Datasheet
353Kb / 14P
   High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev. 2.2 Sep 08
SGB10N60A INFINEON-SGB10N60A_07 Datasheet
795Kb / 11P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.3 July 07
SGB02N120 INFINEON-SGB02N120_07 Datasheet
439Kb / 11P
   Fast IGBT in NPT-technology Lower Eoff compared to previous generation
Rev. 2_3 Jan 07
SGB07N120 INFINEON-SGB07N120_07 Datasheet
443Kb / 11P
   Fast IGBT in NPT-technology lower Eoff compared to previous generation
Rev. 2_2 Apr 07
SGP15N120 INFINEON-SGP15N120_09 Datasheet
407Kb / 12P
   Fast IGBT in NPT-technology 40% lower Eoff compared to previous generation
Rev. 2.6 Nov. 09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com