Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGP02N120 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # SGP02N120
Description  Fast IGBT in NPT-technology 40% lower Eoff compared to previous generation
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SGP02N120 Datasheet(HTML) 2 Page - Infineon Technologies AG

  SGP02N120 Datasheet HTML 1Page - Infineon Technologies AG SGP02N120 Datasheet HTML 2Page - Infineon Technologies AG SGP02N120 Datasheet HTML 3Page - Infineon Technologies AG SGP02N120 Datasheet HTML 4Page - Infineon Technologies AG SGP02N120 Datasheet HTML 5Page - Infineon Technologies AG SGP02N120 Datasheet HTML 6Page - Infineon Technologies AG SGP02N120 Datasheet HTML 7Page - Infineon Technologies AG SGP02N120 Datasheet HTML 8Page - Infineon Technologies AG SGP02N120 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SGP02N120
SGD02N120,
SGI02N120
Power Semiconductors
2
Rev. 2.3
Sep. 07
Thermal Resistance
Parameter
Symbol
Conditions
Max. Value
Unit
Characteristic
IGBT thermal resistance,
junction – case
RthJC
2.0
Thermal resistance,
junction – ambient
RthJA
PG-TO-220-3-1
PG-TO-262-3-1
62
SMD version, device on PCB
1)
RthJA
PG-TO-252-3-11
50
K/W
Electrical Characteristic, at Tj = 25 °C, unless otherwise specified
Value
Parameter
Symbol
Conditions
min.
typ.
max.
Unit
Static Characteristic
Collector-emitter breakdown voltage
V(BR)CES VGE=0V, IC=100µA
1200
-
-
Collector-emitter saturation voltage
VCE(sat)
VGE = 15V, IC=2A
Tj=25°C
Tj=150°C
2.5
-
3.1
3.7
3.6
4.3
Gate-emitter threshold voltage
VGE(th)
IC=100µA,VCE=VGE
3
4
5
V
Zero gate voltage collector current
ICES
VCE=1200V,VGE=0V
Tj=25°C
Tj=150°C
-
-
-
-
25
100
µA
Gate-emitter leakage current
IGES
VCE=0V,VGE=20V
-
-
100
nA
Transconductance
gfs
VCE=20V, IC=2A
1.5
-
S
Dynamic Characteristic
Input capacitance
Ciss
-
205
250
Output capacitance
Coss
-
20
25
Reverse transfer capacitance
Crss
VCE=25V,
VGE=0V,
f=1MHz
-
12
14
pF
Gate charge
QGate
VCC=960V, IC=2A
VGE=15V
-
11
-
nC
Internal emitter inductance
measured 5mm (0.197 in.) from case
LE
-
7
-
nH
Short circuit collector current
2)
IC(SC)
VGE=15V,tSC≤10µs
100V
≤VCC≤1200V,
Tj ≤ 150°C
-
24
-
A
1) Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6cm2 (one layer, 70µm thick) copper area for
collector connection. PCB is vertical without blown air.
2) Allowed number of short circuits: <1000; time between short circuits: >1s.


Similar Part No. - SGP02N120

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SGP02N120 INFINEON-SGP02N120 Datasheet
386Kb / 12P
   Fast S-IGBT in NPT-technology
Mar-00
logo
Inchange Semiconductor ...
SGP02N120 ISC-SGP02N120 Datasheet
315Kb / 2P
   IGBT
More results

Similar Description - SGP02N120

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SGP15N120 INFINEON-SGP15N120_09 Datasheet
407Kb / 12P
   Fast IGBT in NPT-technology 40% lower Eoff compared to previous generation
Rev. 2.6 Nov. 09
SGW25N120 INFINEON-SGW25N120_09 Datasheet
338Kb / 11P
   Fast IGBT in NPT-technology 40% lower Eoff compared to previous generation
Rev. 2.5 Nov. 09
SGB10N60A INFINEON-SGB10N60A_07 Datasheet
795Kb / 11P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.3 July 07
SGB02N120 INFINEON-SGB02N120_07 Datasheet
439Kb / 11P
   Fast IGBT in NPT-technology Lower Eoff compared to previous generation
Rev. 2_3 Jan 07
SGB07N120 INFINEON-SGB07N120_07 Datasheet
443Kb / 11P
   Fast IGBT in NPT-technology lower Eoff compared to previous generation
Rev. 2_2 Apr 07
SGP02N60 INFINEON-SGP02N60_07 Datasheet
358Kb / 12P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.3 Sep 07
SGP04N60 INFINEON-SGP04N60_07 Datasheet
347Kb / 12P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.2 Sep 07
SGB06N60 INFINEON-SGB06N60_06 Datasheet
790Kb / 11P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.2 Nov 06
SGP15N60 INFINEON-SGP15N60_08 Datasheet
339Kb / 12P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.3 Sep 08
SGB04N60 INFINEON-SGB04N60_06 Datasheet
792Kb / 11P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.3 Nov 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com