Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGD02N120 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # SGD02N120
Description  Fast IGBT in NPT-technology 40% lower Eoff compared to previous generation
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SGD02N120 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button SGD02N120 Datasheet HTML 5Page - Infineon Technologies AG SGD02N120 Datasheet HTML 6Page - Infineon Technologies AG SGD02N120 Datasheet HTML 7Page - Infineon Technologies AG SGD02N120 Datasheet HTML 8Page - Infineon Technologies AG SGD02N120 Datasheet HTML 9Page - Infineon Technologies AG SGD02N120 Datasheet HTML 10Page - Infineon Technologies AG SGD02N120 Datasheet HTML 11Page - Infineon Technologies AG SGD02N120 Datasheet HTML 12Page - Infineon Technologies AG SGD02N120 Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
SGP02N120
SGD02N120,
SGI02N120
Power Semiconductors
10
Rev. 2.3
Sep. 07
PG-TO252-3-11


Similar Part No. - SGD02N120

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SGD02N120 INFINEON-SGD02N120 Datasheet
386Kb / 12P
   Fast S-IGBT in NPT-technology
Mar-00
logo
Inchange Semiconductor ...
SGD02N120 ISC-SGD02N120 Datasheet
311Kb / 3P
   Fast IGBT in NPT-technology
More results

Similar Description - SGD02N120

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SGP15N120 INFINEON-SGP15N120_09 Datasheet
407Kb / 12P
   Fast IGBT in NPT-technology 40% lower Eoff compared to previous generation
Rev. 2.6 Nov. 09
SGW25N120 INFINEON-SGW25N120_09 Datasheet
338Kb / 11P
   Fast IGBT in NPT-technology 40% lower Eoff compared to previous generation
Rev. 2.5 Nov. 09
SGB10N60A INFINEON-SGB10N60A_07 Datasheet
795Kb / 11P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.3 July 07
SGB02N120 INFINEON-SGB02N120_07 Datasheet
439Kb / 11P
   Fast IGBT in NPT-technology Lower Eoff compared to previous generation
Rev. 2_3 Jan 07
SGB07N120 INFINEON-SGB07N120_07 Datasheet
443Kb / 11P
   Fast IGBT in NPT-technology lower Eoff compared to previous generation
Rev. 2_2 Apr 07
SGP02N60 INFINEON-SGP02N60_07 Datasheet
358Kb / 12P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.3 Sep 07
SGP04N60 INFINEON-SGP04N60_07 Datasheet
347Kb / 12P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.2 Sep 07
SGB06N60 INFINEON-SGB06N60_06 Datasheet
790Kb / 11P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.2 Nov 06
SGP15N60 INFINEON-SGP15N60_08 Datasheet
339Kb / 12P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.3 Sep 08
SGB04N60 INFINEON-SGB04N60_06 Datasheet
792Kb / 11P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.3 Nov 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com