Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTFA180701E Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # PTFA180701E
Description  Thermally-Enhanced High Power RF LDMOS FETs 70 W, 1805 ??1880 MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFA180701E Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button PTFA180701E Datasheet HTML 3Page - Infineon Technologies AG PTFA180701E Datasheet HTML 4Page - Infineon Technologies AG PTFA180701E Datasheet HTML 5Page - Infineon Technologies AG PTFA180701E Datasheet HTML 6Page - Infineon Technologies AG PTFA180701E Datasheet HTML 7Page - Infineon Technologies AG PTFA180701E Datasheet HTML 8Page - Infineon Technologies AG PTFA180701E Datasheet HTML 9Page - Infineon Technologies AG PTFA180701E Datasheet HTML 10Page - Infineon Technologies AG PTFA180701E Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
PTFA180701E
PTFA180701F
Data Sheet
9 of 11
Rev. 03.1, 2009-02-20
Diagram Notes—unless otherwise specified:
1. Lead thickness: 0.10 +0.051/–0.025 [.004 +.002/–.001].
2. All tolerances ± 0.127 [.005] unless specified otherwise.
3. Pins: D = drain, S = source, G = gate.
4. Interpret dimensions and tolerances per ASME Y14.5M-1994.
5. Primary dimensions are mm. Alternate dimensions are inches.
6. Gold plating thickness:
S, D, G - flange & leads: 1.14 ± 0.38 micron [45 ± 15 microinch]
Package Outline Specifications
Package H-36265-2
Find the latest and most complete information about products and packaging at the Infineon Internet page
http://www.infineon.com/products
20.31
[.800]
10.16±0.25
[.400±.010]
FLANGE 9.78
[.385]
2x 7.11
[.280]
2X 7.11
[.280]
15.23
[.600]
4X R1.52
[R.060]
CL
CL
(45° X 2.03
[.080])
S
D
G
LID 10.16±0.25
[.400±.010]
0.0381 [.0015] -A-
3.56±0.38
[.140±.015
1.02
[.040]
SPH 1.57
[.062]
2007 -11 -16_h -36+37265_POs .vsd_h -36265 -2
2X R1.60
[R.063]
15.34±0.51
[.604±.020]
2.59±0.51
[.102±.020]


Similar Part No. - PTFA180701E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA180701E INFINEON-PTFA180701E Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21
PTFA180701EF INFINEON-PTFA180701EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21
PTFA180701EV4R0 INFINEON-PTFA180701EV4R0 Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21
PTFA180701EV4R0XTMA1 INFINEON-PTFA180701EV4R0XTMA1 Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21
PTFA180701EV4R250 INFINEON-PTFA180701EV4R250 Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21
More results

Similar Description - PTFA180701E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA181001GL INFINEON-PTFA181001GL Datasheet
325Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 100 W, 1805 ??1880 MHz
Rev. 01, 2008-06-15
PTFA181001E INFINEON-PTFA181001E Datasheet
408Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 100 W, 1805 ??1880 MHz
Rev. 02.1, 2009-02-20
PTFB182503EL INFINEON-PTFB182503EL Datasheet
721Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 1805-1880 MHz
Rev. 06, 2010-11-09
PTFA182001E INFINEON-PTFA182001E Datasheet
260Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 1805 - 1880 MHz
Rev. 01, 2008-03-12
logo
Cree, Inc
PTFB182503FL CREE-PTFB182503FL Datasheet
497Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 1805 ??1880 MHz
logo
Infineon Technologies A...
PTFA181001GL INFINEON-PTFA181001GL_09 Datasheet
412Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 100 W, 1805-1880 MHz
Rev. 03, 2009-04-01
PXAC182002FC INFINEON-PXAC182002FC_16 Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
Rev. 02.3, 2016-06-17
logo
Cree, Inc
PXAE184408NB CREE-PXAE184408NB Datasheet
1Mb / 6P
   Thermally-Enhanced High Power RF LDMOS FET 450 W, 28 V, 1805 ??1880 MHz
PXAC182002FC CREE-PXAC182002FC Datasheet
495Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
logo
Infineon Technologies A...
PXAD184218FV INFINEON-PXAD184218FV Datasheet
339Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 420 W, 28 V, 1805 ??1880 MHz
Rev. 02.1, 2016-12-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com