Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX126CEAX Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX126CEAX
Description  2x4-Channel, Simultaneous-Sampling 14-Bit DAS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX126CEAX Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX126CEAX Datasheet HTML 4Page - Maxim Integrated Products MAX126CEAX Datasheet HTML 5Page - Maxim Integrated Products MAX126CEAX Datasheet HTML 6Page - Maxim Integrated Products MAX126CEAX Datasheet HTML 7Page - Maxim Integrated Products MAX126CEAX Datasheet HTML 8Page - Maxim Integrated Products MAX126CEAX Datasheet HTML 9Page - Maxim Integrated Products MAX126CEAX Datasheet HTML 10Page - Maxim Integrated Products MAX126CEAX Datasheet HTML 11Page - Maxim Integrated Products MAX126CEAX Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
2x4-Channel, Simultaneous-Sampling
14-Bit DAS
8
_______________________________________________________________________________________
signal, and the programmed mode. The T/H amplifiers
hold the input voltages at the CONVST rising edge.
Additional CONVST pulses are ignored until the last
conversion for the sample is complete. The ADC con-
verts each assigned channel in 3µs and stores the
result in an internal 4x14-bit memory.
At the end of the last conversion, INT goes low and the
T/H amplifiers begin to track the inputs again. The data
can be accessed by applying successive pulses to the
RD
pin. Successive reads access data words sequen-
tially. The memory is
not random-access; data from
CH1 is always read first. After accessing all pro-
grammed channels, the address pointer selects CH1
again. Additional read pulses cycle through the data
words. CS can be held low during successive reads.
Input Bandwidth
The T/H’s input tracking circuitry has an 8MHz small-
signal bandwidth, so it is possible to digitize high-
speed transient events and measure periodic signals
with bandwidths exceeding the ADC’s sampling rate by
using undersampling techniques. To avoid high-
frequency signals being aliased into the frequency
band of interest, anti-alias filtering is recommended.
Analog Input Range and Input Protection
The MAX125’s input range is ±5V, and the MAX126’s
input range is ±2.5V. The input resistance for both parts
is 10k
Ω. An input protection structure allows input volt-
ages to ±17V without harming the IC. This protection is
also active in shutdown mode.
Track/Holds
The MAX125/MAX126 feature four simultaneous T/Hs.
Each T/H has two multiplexed inputs. A T-switch input
configuration provides excellent hold-mode isolation.
Allow 1µs acquisition time for 14-bit accuracy.
The T/H aperture delay is typically 10ns. The 500ps
aperture-delay mismatch between the T/Hs allows the
relative phase information of up to four different inputs
to be preserved. Figure 3 shows the equivalent input
circuit, illustrating the ADC’s sampling architecture.
Only one of four T/H stages with its two multiplexed
inputs (CH_A and CH_B) is shown. All switches are in
track configuration for channel A. An internal buffer
charges the hold capacitor to minimize the required
acquisition time between conversions. The analog input
appears as a 10k
Ω resistor in parallel with a 16pF
capacitor.
CIN
5k
CIN
5k
S1A
S2A
HOLD
BUFFER
TRACK
CHOLD
7pF
HOLD
FROM MICROSEQUENCER
REFOUT
TRACK
MUX
DAC
SAR
S1B
S2B
S3B
S3A
5k
5k
CH_A
CH_B
MAX125
MAX126
Figure 3. Equivalent Input Circuit


Similar Part No. - MAX126CEAX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX126CEAX MAXIM-MAX126CEAX Datasheet
122Kb / 16P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
19-1072; Rev 2; 5/98
MAX126CEAX MAXIM-MAX126CEAX Datasheet
636Kb / 15P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
Rev 2; 6/07
More results

Similar Description - MAX126CEAX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1248 MAXIM-MAX1248 Datasheet
122Kb / 16P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
19-1072; Rev 2; 5/98
MAX125 MAXIM-MAX125 Datasheet
636Kb / 15P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
Rev 2; 6/07
logo
Analog Devices
AD7607 AD-AD7607_16 Datasheet
779Kb / 33P
   8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
logo
Maxim Integrated Produc...
MAX115-MAX116 MAXIM-MAX115-MAX116 Datasheet
215Kb / 14P
   2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
logo
Analog Devices
AD7607 AD-AD7607_17 Datasheet
869Kb / 33P
   8-Channel DAS with 14-Bit, Bipolar Input Simultaneous Sampling ADC
AD7607 AD-AD7607 Datasheet
681Kb / 32P
   8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
REV. B
AD7617 AD-AD7617 Datasheet
947Kb / 52P
   16-Channel DAS with 14-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
AD7608 AD-AD7608 Datasheet
689Kb / 32P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD4858 AD-AD4858 Datasheet
2Mb / 70P
   Buffered, 8-Channel Simultaneous Sampling, 20-Bit 1 MSPS DAS
Rev. 0
AD7608 AD-AD7608_17 Datasheet
725Kb / 33P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com