Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTFB211501E Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # PTFB211501E
Description  Thermally-Enhanced High Power RF LDMOS FETs 150 W, 2110 ??2170 MHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB211501E Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button PTFB211501E Datasheet HTML 2Page - Infineon Technologies AG PTFB211501E Datasheet HTML 3Page - Infineon Technologies AG PTFB211501E Datasheet HTML 4Page - Infineon Technologies AG PTFB211501E Datasheet HTML 5Page - Infineon Technologies AG PTFB211501E Datasheet HTML 6Page - Infineon Technologies AG PTFB211501E Datasheet HTML 7Page - Infineon Technologies AG PTFB211501E Datasheet HTML 8Page - Infineon Technologies AG PTFB211501E Datasheet HTML 9Page - Infineon Technologies AG PTFB211501E Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
PTFB211501E
PTFB211501F
Data Sheet
6 of 13
Rev. 02, 2009-11-19
TL118
TL 119
TL120
TL121
TL122
TL123
TL 124
TL125
TL 126
TL 127
C107
0.4 pF
C108
0.4 pF
C101
10 pF
VGS1
C803
1000 pF
C802
1000 pF
C801
1000 pF
C104
1000000 pF
C103
10000 pF
C106
10000 pF
C102
10 pF
C105
10000000 pF
1
2
3
TL134
TL133
TL132
1
2
3
TL131
TL130
1
2
3
TL 129
TL 117
R801
1300 Ohm
R102
2000 Ohm
R101
5100 Ohm
1
2
3
TL108
1
2
3
TL107
1
2
3
TL111
1
2
3
TL101
1
2
3
TL110
1
2
3
TL103
TL 112
TL105
TL102
TL 104
TL 116
TL 115
TL114
TL 113
TL109
TL106
TL 128
3
S3
In
Out
NC
NC
1
2
3
4
5
6
7
8
S2
S
C
B
E
1
2
3
4
S1
R103
10 Ohm
R804
1000 Ohm
R803
1000 Ohm
R802
1200 Ohm
GATE DUT
RF IN
b 211501
ef
-v
4 _ bdin
_
11 - 18
- 2009
C201
1.2 pF
C202
10 pF
1
2
3
TL201
TL202
TL203
TL204
TL205
TL206
TL207
TL208
TL209
TL210
TL211
TL212
TL213
TL214
TL215
1
2
3
4
TL216
TL217
TL218
TL219
TL220
TL221
TL222
TL223
TL224
TL225
VDD2
VDD1
C203
1000000pF
C204
1000000 pF
C205
20000 pF
C206
20000 pF
C207
10 pF
C208
10 pF
C209
10000000pF
C210
10000000 pF
RF OUT
TL226
1
2
3
TL227
1
2
3
TL228
1
2
3
TL229
1
2
3
TL230
1
2
3
TL231
1
2
3
TL232
1
2
3
TL233
1
2
3
TL234
TL235
TL236
TL237
TL238
TL239
TL240
TL241
TL242
DRAIN DUT
b
211501
ef - v 4
_ bdout
_
11 - 18
- 2009
Reference Circuit
Reference circuit input schematic for ƒ = 2170 MHz
Reference circuit output schematic for ƒ = 2170 MHz


Similar Part No. - PTFB211501E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB211501E INFINEON-PTFB211501E Datasheet
351Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 2016-06-14
PTFB211501EF INFINEON-PTFB211501EF Datasheet
351Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 2016-06-14
PTFB211501EV1R0 INFINEON-PTFB211501EV1R0 Datasheet
351Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 2016-06-14
PTFB211501EV1R0XTMA1 INFINEON-PTFB211501EV1R0XTMA1 Datasheet
351Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 2016-06-14
PTFB211501EV1R250 INFINEON-PTFB211501EV1R250 Datasheet
351Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 2016-06-14
More results

Similar Description - PTFB211501E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB211503EL INFINEON-PTFB211503EL Datasheet
734Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 2110 ??2170 MHz
Rev. 04, 2011-03-07
PTFA211801E INFINEON-PTFA211801E Datasheet
275Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 180 W, 2110 ??2170 MHz
Rev. 04, 2007-11-15
PTFB211803EL INFINEON-PTFB211803EL Datasheet
477Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 180 W, 2110 ??2170 MHz
Rev. 05, 2010-11-10
PTFB212503EFL INFINEON-PTFB212503EFL Datasheet
830Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110 ??2170 MHz
Rev. 07.1, 2016-06-15
PTFA212401E INFINEON-PTFA212401E Datasheet
495Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110 ??2170 MHz
Rev. 04, 2009-10-05
PTFA210601E INFINEON-PTFA210601E Datasheet
260Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 60 W, 2110 ??2170 MHz
Rev. 03, 2007-11-19
PTFA212001E INFINEON-PTFA212001E Datasheet
402Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 200 W, 2110 ??2170 MHz
Rev. 05.1, 2009-02-24
PTFB212503EL INFINEON-PTFB212503EL Datasheet
978Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110-2170 MHz
Rev. 07, 2010-11-04
logo
Cree, Inc
PTFB211503FL CREE-PTFB211503FL Datasheet
578Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 2110 ??2170 MHz
logo
Infineon Technologies A...
PXFC211507SC INFINEON-PXFC211507SC Datasheet
201Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 2110 ??2170 MHz
Rev. 02, 2015-03-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com