Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4473GV55-2 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4473GV55-2
Description  Dual Low Dropout Voltage Regulator Stand-by output 190 mA; 5 V 짹 2%
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4473GV55-2 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4473GV55-2 Datasheet HTML 5Page - Infineon Technologies AG TLE4473GV55-2 Datasheet HTML 6Page - Infineon Technologies AG TLE4473GV55-2 Datasheet HTML 7Page - Infineon Technologies AG TLE4473GV55-2 Datasheet HTML 8Page - Infineon Technologies AG TLE4473GV55-2 Datasheet HTML 9Page - Infineon Technologies AG TLE4473GV55-2 Datasheet HTML 10Page - Infineon Technologies AG TLE4473GV55-2 Datasheet HTML 11Page - Infineon Technologies AG TLE4473GV55-2 Datasheet HTML 12Page - Infineon Technologies AG TLE4473GV55-2 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
TLE 4473 GV55-2
Data Sheet
9
Rev. 1.2, 2008-10-28
Table 4
Electrical Characteristics
V
I1 = 13.5 V; VINH1 = VINH2 = 5 V; -40 °C < Tj < 150 °C; unless otherwise specified
Parameter
Symbol
Limit Values
Unit Test Condition
Min.
Typ.
Max.
Stand-by Regulator
Output Q2
Output voltage
V
Q2
4.90
5.0
5.10
V
1 mA <
I
Q2 < 190 mA;
6 V <
V
I < 28 V
Output current
limitation
I
Q2
200
300
650
mA
V
Q2 = 4.5 V
Output drop voltage;
V
DRQ1 = VI1 - VQ1
V
DRQ2
200
600
mV
I
Q2 = 100 mA
1)
Load regulation
V
Q2,Lo
–15
50
mV
1 mA <
I
Q2 < 190 mA
Line regulation
V
Q2,Li
–520
mV
I
Q2 = 1 mA;
6 V <
V
I < 28 V
Power Supply Ripple
Rejection
PSRR
–65
dB
f
r = 100 Hz;
V
r = 1 Vpp
Current Consumption
Quiescent current;
stand-by
I
q = II - IQ2
I
q
170
220
µA
I
Q2 = 500 µA; Tj = 25 °C;
V
INH1 < VINH1 OFF (Q1 off)
––245
µA
I
Q2 = 500 µA; Tj = 85 °C;
V
INH1 < VINH1 OFF (Q1 off)
––280
µA
I
Q2 = 500 µA;
V
INH1 < VINH1 OFF (Q1 off)
–4.5
5mA
I
Q2 = 100 mA;
V
INH1 < VINH1 OFF (Q1 off)
Quiescent current;
inhibited
I
q
–0.1
1
µA
V
INH1 = VINH2 = 0 V;
T
j < 85 °C
–0.1
20
µA
V
INH1 = VINH2 = 0 V


Similar Part No. - TLE4473GV55-2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4473GV55-2 INFINEON-TLE4473GV55-2 Datasheet
676Kb / 16P
   Dual Low Drop Voltage Regulator
Rev. 0.2, 2005-07-26
More results

Similar Description - TLE4473GV55-2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4473GV53 INFINEON-TLE4473GV53_08 Datasheet
292Kb / 16P
   Dual Low Drop Voltage Regulator Output 2: 180 mA, 5 V (짹2%)
Rev. 1.1, 2008-09-19
logo
Zilog, Inc.
IXD1216 ZILOG-IXD1216 Datasheet
3Mb / 33P
   28 V, 150 mA Voltage Regulator with Stand-by Mode
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504_13 Datasheet
145Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
April, 2013 ??Rev. 4
NCP5504 ONSEMI-NCP5504 Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
October, 2005 ??Rev. 1
logo
STMicroelectronics
L5150CS STMICROELECTRONICS-L5150CS Datasheet
664Kb / 34P
   5 V low dropout voltage regulator
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504_06 Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
September, 2006 ??Rev. 2
logo
Infineon Technologies A...
TLE7274-2 INFINEON-TLE7274-2 Datasheet
1Mb / 19P
   5-V Low Dropout Voltage Regulator
Rev. 1.01, 2011-11-30
logo
STMicroelectronics
L5150GJ STMICROELECTRONICS-L5150GJ Datasheet
554Kb / 29P
   5 V low dropout voltage regulator
L5150CJTR STMICROELECTRONICS-L5150CJTR Datasheet
664Kb / 34P
   5 V low dropout voltage regulator
logo
Texas Instruments
TLE4275-Q1 TI-TLE4275-Q1 Datasheet
314Kb / 12P
[Old version datasheet]   5-V LOW-DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com