Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPB02N60S5 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SPB02N60S5
Description  Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPB02N60S5 Datasheet(HTML) 3 Page - Infineon Technologies AG

  SPB02N60S5_07 Datasheet HTML 1Page - Infineon Technologies AG SPB02N60S5_07 Datasheet HTML 2Page - Infineon Technologies AG SPB02N60S5_07 Datasheet HTML 3Page - Infineon Technologies AG SPB02N60S5_07 Datasheet HTML 4Page - Infineon Technologies AG SPB02N60S5_07 Datasheet HTML 5Page - Infineon Technologies AG SPB02N60S5_07 Datasheet HTML 6Page - Infineon Technologies AG SPB02N60S5_07 Datasheet HTML 7Page - Infineon Technologies AG SPB02N60S5_07 Datasheet HTML 8Page - Infineon Technologies AG SPB02N60S5_07 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
200
7-02-14
Rev. 2.
4
Page 3
SPB02N60S5
Electrical Characteristics , at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Characteristics
Transconductance
gfs
VDS2*ID*RDS(on)max,
ID=1.1A
-
1.4
-
S
Input capacitance
Ciss
VGS=0V, VDS=25V,
f
=1MHz
-
240
-
pF
Output capacitance
Coss
-
77
-
Reverse transfer capacitance
Crss
-
4.4
-
Turn-on delay time
td(on)
VDD=350V, VGS=0/10V,
ID=1.8A, RG=50
-
35
-
ns
Rise time
tr
-
35
-
Turn-off delay time
td(off)
-
35
42
Fall time
tf
-
20
30
Gate Charge Characteristics
Gate to source charge
Qgs
VDD=350V, ID=1.8A
-
2.3
-
nC
Gate to drain charge
Qgd
-
4.5
-
Gate charge total
Qg
VDD=350V, ID=1.8A,
VGS=0 to 10V
-
7.3
9.5
Gate plateau voltage
V(plateau) VDD=350V, ID=1.8A
-
8
-
V
1Repetitve avalanche causes additional power losses that can be calculated asPAV=EAR*f.
2Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6cm² (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical without blown air.


Similar Part No. - SPB02N60S5_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPB02N60S5 INFINEON-SPB02N60S5 Datasheet
306Kb / 10P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
logo
Inchange Semiconductor ...
SPB02N60S5 ISC-SPB02N60S5 Datasheet
188Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
SPB02N60S5 VBSEMI-SPB02N60S5 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results

Similar Description - SPB02N60S5_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP12N50C3 INFINEON-SPP12N50C3_09 Datasheet
644Kb / 14P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3.1 2009-11-30
SPP02N60S5 INFINEON-SPP02N60S5_09 Datasheet
357Kb / 10P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.7 2009-11-26
SPS02N60C3 INFINEON-SPS02N60C3_09 Datasheet
1Mb / 12P
   Cool MOS Power Transistor Feature new revolutionary high voltage technology
Rev.2.2 2009-07-07
SPP11N60CFD INFINEON-SPP11N60CFD_07 Datasheet
680Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.6 2007-08-30
IPW60R250CP INFINEON-IPW60R250CP Datasheet
538Kb / 11P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.2 2009-04-01
SPP11N60C3 INFINEON-SPP11N60C3_09 Datasheet
659Kb / 16P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3 . 2 2009-11-27
SPP07N60S5 INFINEON-SPP07N60S5_09 Datasheet
534Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.7 2009-11-27
SPP21N50C3 INFINEON-SPP21N50C3_09 Datasheet
756Kb / 14P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3.2 2009-12-22
SPI20N60CFD INFINEON-SPI20N60CFD Datasheet
366Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.5 2007-02-01
SPP20N60CFD INFINEON-SPP20N60CFD_09 Datasheet
339Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.6 2009-11-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com