Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA07N60CFD Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # SPA07N60CFD
Description  CoolMOSTM Power Transistor Features Intrinsic fast-recovery body diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPA07N60CFD Datasheet(HTML) 5 Page - Infineon Technologies AG

  SPA07N60CFD Datasheet HTML 1Page - Infineon Technologies AG SPA07N60CFD Datasheet HTML 2Page - Infineon Technologies AG SPA07N60CFD Datasheet HTML 3Page - Infineon Technologies AG SPA07N60CFD Datasheet HTML 4Page - Infineon Technologies AG SPA07N60CFD Datasheet HTML 5Page - Infineon Technologies AG SPA07N60CFD Datasheet HTML 6Page - Infineon Technologies AG SPA07N60CFD Datasheet HTML 7Page - Infineon Technologies AG SPA07N60CFD Datasheet HTML 8Page - Infineon Technologies AG SPA07N60CFD Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SPA07N60CFD
1 Power dissipation
2 Safe operating area
P tot=f(T C)
I D=f(V DS); T C=25 °C; D =0
parameter: t p
3 Max. transient thermal impedance
4 Typ. output characteristics
I D=f(V DS); T j=25 °C
I D=f(V DS); T j=25 °C
parameter: D=t p/T
parameter: V GS
0
10
20
30
40
0
40
80
120
160
T C [°C]
1 µs
10 µs
100 µs
1 ms
10 ms
DC
10
3
10
2
10
1
10
0
10
2
10
1
10
0
10
-1
V DS [V]
single pulse
0.01
0.02
0.05
0.1
0.2
0.5
10
1
10
0
10
-1
10
-2
10
-3
10
-4
10
-5
10
1
10
0
10
-1
10
-2
t p [s]
5 V
5.5 V
6 V
6.5 V
7 V
8 V
10 V
20 V
0
5
10
15
20
0
5
10
15
20
V DS [V]
limited by on-state
resistance
Rev. 1.0
page 5
2007-01-26


Similar Part No. - SPA07N60CFD

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
SPA07N60CFD ISC-SPA07N60CFD Datasheet
260Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - SPA07N60CFD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP07N60CFD INFINEON-SPP07N60CFD Datasheet
340Kb / 12P
   CoolMOSTM Power Transistor Features Intrinsic fast-recovery body diode
Rev. 1.4 2009-11-27
SPP15N60CFD INFINEON-SPP15N60CFD Datasheet
340Kb / 12P
   CoolMOSTM Power Transistor Features Intrinsic fast-recovery body diode
Rev. 1.2 2007-08-28
SPA15N60CFD INFINEON-SPA15N60CFD Datasheet
342Kb / 12P
   CoolMOSTM Power Transistor Features Intrinsic fast-recovery body diode
Rev. 1.0 2007-01-10
SPI15N60CFD INFINEON-SPI15N60CFD Datasheet
333Kb / 12P
   CoolMOSTM Power Transistor Intrinsic fast-recovery body diode
Rev. 1.0 2007-01-29
SPW15N60CFD INFINEON-SPW15N60CFD Datasheet
700Kb / 14P
   Intrinsic fast-recovery body diode
2008-02-11 revision:1.2
SPI15N65C3 INFINEON-SPI15N65C3 Datasheet
305Kb / 10P
   CoolMOSTM Power Transistor Features Extreme dv/dt rated
Rev. 2.0 2007-09-10
logo
STMicroelectronics
STD12N50DM2 STMICROELECTRONICS-STD12N50DM2 Datasheet
817Kb / 16P
   Fast-recovery body diode
March 2016 Rev 2
STB18N60DM2 STMICROELECTRONICS-STB18N60DM2 Datasheet
897Kb / 15P
   Fast-recovery body diode
STD13N60DM2 STMICROELECTRONICS-STD13N60DM2 Datasheet
839Kb / 16P
   Fast-recovery body diode
December 2016 Rev 2
STL19N60DM2 STMICROELECTRONICS-STL19N60DM2 Datasheet
677Kb / 13P
   Fast-recovery body diode
August 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com