Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA07N60CFD Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # SPA07N60CFD
Description  CoolMOSTM Power Transistor Features Intrinsic fast-recovery body diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPA07N60CFD Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button SPA07N60CFD Datasheet HTML 4Page - Infineon Technologies AG SPA07N60CFD Datasheet HTML 5Page - Infineon Technologies AG SPA07N60CFD Datasheet HTML 6Page - Infineon Technologies AG SPA07N60CFD Datasheet HTML 7Page - Infineon Technologies AG SPA07N60CFD Datasheet HTML 8Page - Infineon Technologies AG SPA07N60CFD Datasheet HTML 9Page - Infineon Technologies AG SPA07N60CFD Datasheet HTML 10Page - Infineon Technologies AG SPA07N60CFD Datasheet HTML 11Page - Infineon Technologies AG SPA07N60CFD Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SPA07N60CFD
17 Typ. reverse recovery charge
18 Typ. reverse recovery charge
Q rr=f(I S); parameter: di/ dt =100 A/µs
Q rr=f(di /dt ); parameter: I D=6.6 A
25 °C
125 °C
0.2
0.3
0.4
0.5
0.6
0.7
0.8
23
45
6
I S [A]
25 °C
125 °C
0.5
0.6
0.7
0.8
0.9
1
1.1
100
300
500
700
900
d i/d t [A/µs]
Rev. 1.0
page 9
2007-01-26


Similar Part No. - SPA07N60CFD

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
SPA07N60CFD ISC-SPA07N60CFD Datasheet
260Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - SPA07N60CFD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP07N60CFD INFINEON-SPP07N60CFD Datasheet
340Kb / 12P
   CoolMOSTM Power Transistor Features Intrinsic fast-recovery body diode
Rev. 1.4 2009-11-27
SPP15N60CFD INFINEON-SPP15N60CFD Datasheet
340Kb / 12P
   CoolMOSTM Power Transistor Features Intrinsic fast-recovery body diode
Rev. 1.2 2007-08-28
SPA15N60CFD INFINEON-SPA15N60CFD Datasheet
342Kb / 12P
   CoolMOSTM Power Transistor Features Intrinsic fast-recovery body diode
Rev. 1.0 2007-01-10
SPI15N60CFD INFINEON-SPI15N60CFD Datasheet
333Kb / 12P
   CoolMOSTM Power Transistor Intrinsic fast-recovery body diode
Rev. 1.0 2007-01-29
SPW15N60CFD INFINEON-SPW15N60CFD Datasheet
700Kb / 14P
   Intrinsic fast-recovery body diode
2008-02-11 revision:1.2
SPI15N65C3 INFINEON-SPI15N65C3 Datasheet
305Kb / 10P
   CoolMOSTM Power Transistor Features Extreme dv/dt rated
Rev. 2.0 2007-09-10
logo
STMicroelectronics
STD12N50DM2 STMICROELECTRONICS-STD12N50DM2 Datasheet
817Kb / 16P
   Fast-recovery body diode
March 2016 Rev 2
STB18N60DM2 STMICROELECTRONICS-STB18N60DM2 Datasheet
897Kb / 15P
   Fast-recovery body diode
STD13N60DM2 STMICROELECTRONICS-STD13N60DM2 Datasheet
839Kb / 16P
   Fast-recovery body diode
December 2016 Rev 2
STL19N60DM2 STMICROELECTRONICS-STL19N60DM2 Datasheet
677Kb / 13P
   Fast-recovery body diode
August 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com