Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA15N60CFD Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SPA15N60CFD
Description  CoolMOSTM Power Transistor Features Intrinsic fast-recovery body diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPA15N60CFD Datasheet(HTML) 3 Page - Infineon Technologies AG

  SPA15N60CFD Datasheet HTML 1Page - Infineon Technologies AG SPA15N60CFD Datasheet HTML 2Page - Infineon Technologies AG SPA15N60CFD Datasheet HTML 3Page - Infineon Technologies AG SPA15N60CFD Datasheet HTML 4Page - Infineon Technologies AG SPA15N60CFD Datasheet HTML 5Page - Infineon Technologies AG SPA15N60CFD Datasheet HTML 6Page - Infineon Technologies AG SPA15N60CFD Datasheet HTML 7Page - Infineon Technologies AG SPA15N60CFD Datasheet HTML 8Page - Infineon Technologies AG SPA15N60CFD Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SPA15N60CFD
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
C iss
-
1820
-
pF
Output capacitance
C oss
-
520
-
Reverse transfer capacitance
C rss
-21-
Effective output capacitance, energy
related
5)
C o(er)
-61-
Effective output capacitance, time
related
6)
C o(tr)
-
110
-
Turn-on delay time
t d(on)
-43-
ns
Rise time
t r
-24-
Turn-off delay time
t d(off)
-47-
Fall time
t f
-5
-
Gate Charge Characteristics
Gate to source charge
Q gs
-11-
nC
Gate to drain charge
Q gd
-38-
Gate charge total
Q g
-63
84
Gate plateau voltage
V plateau
-
7.3
-
V
2) Limited only by maximum temperature
3) Pulse width t
p limited by T j,max
4) Repetitive avalanche causes additional power losses that can be calculated asP
AV=E AR*f.
5) C
o(er) is a fixed capacitance that gives the same stored energy as C oss while V DS is rising from 0 to 80% V DSS.
6) C
o(tr) is a fixed capacitance that gives the same charging time as C oss while V DS is rising from 0 to 80% V DSS.
1) J-STD20 and JESD22
Values
V GS=0 V, V DS=25 V,
f =1 MHz
V DD=400 V,
V GS=10 V, I D=13.4 A,
R G=3.6 Ω
V DD=480 V,
I D=13.4 A,
V GS=0 to 10 V
V GS=0 V, V DS=0 V
to 480 V
Rev. 1.0
page 3
2007-01-10


Similar Part No. - SPA15N60CFD

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
SPA15N60CFD ISC-SPA15N60CFD Datasheet
260Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - SPA15N60CFD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP07N60CFD INFINEON-SPP07N60CFD Datasheet
340Kb / 12P
   CoolMOSTM Power Transistor Features Intrinsic fast-recovery body diode
Rev. 1.4 2009-11-27
SPP15N60CFD INFINEON-SPP15N60CFD Datasheet
340Kb / 12P
   CoolMOSTM Power Transistor Features Intrinsic fast-recovery body diode
Rev. 1.2 2007-08-28
SPA07N60CFD INFINEON-SPA07N60CFD Datasheet
348Kb / 12P
   CoolMOSTM Power Transistor Features Intrinsic fast-recovery body diode
Rev. 1.0 2007-01-26
SPI15N60CFD INFINEON-SPI15N60CFD Datasheet
333Kb / 12P
   CoolMOSTM Power Transistor Intrinsic fast-recovery body diode
Rev. 1.0 2007-01-29
SPW15N60CFD INFINEON-SPW15N60CFD Datasheet
700Kb / 14P
   Intrinsic fast-recovery body diode
2008-02-11 revision:1.2
SPI15N65C3 INFINEON-SPI15N65C3 Datasheet
305Kb / 10P
   CoolMOSTM Power Transistor Features Extreme dv/dt rated
Rev. 2.0 2007-09-10
logo
STMicroelectronics
STD12N50DM2 STMICROELECTRONICS-STD12N50DM2 Datasheet
817Kb / 16P
   Fast-recovery body diode
March 2016 Rev 2
STB18N60DM2 STMICROELECTRONICS-STB18N60DM2 Datasheet
897Kb / 15P
   Fast-recovery body diode
STD13N60DM2 STMICROELECTRONICS-STD13N60DM2 Datasheet
839Kb / 16P
   Fast-recovery body diode
December 2016 Rev 2
STL19N60DM2 STMICROELECTRONICS-STL19N60DM2 Datasheet
677Kb / 13P
   Fast-recovery body diode
August 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com