Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX144ACPA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX144ACPA
Description  2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX144ACPA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX144ACPA Datasheet HTML 1Page - Maxim Integrated Products MAX144ACPA Datasheet HTML 2Page - Maxim Integrated Products MAX144ACPA Datasheet HTML 3Page - Maxim Integrated Products MAX144ACPA Datasheet HTML 4Page - Maxim Integrated Products MAX144ACPA Datasheet HTML 5Page - Maxim Integrated Products MAX144ACPA Datasheet HTML 6Page - Maxim Integrated Products MAX144ACPA Datasheet HTML 7Page - Maxim Integrated Products MAX144ACPA Datasheet HTML 8Page - Maxim Integrated Products MAX144ACPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
+2.7V, Low-Power, 2-Channel, 108ksps,
Serial 12-Bit ADCs in 8-Pin µMAX
4
_______________________________________________________________________________________
TIMING CHARACTERISTICS (Figure 7)
(VDD = +2.7V to +5.25V, VREF = 2.5V, 0.1µF capacitor at REF, fSCLK = 2.17MHz, 16 clocks/conversion cycle (108ksps), CH-= GND
for MAX145, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Wake-Up Time
2.5
µs
CS/SHDN Fall to Output Enable
tDV
CL = 100pF
120
ns
CS /SHDN Rise to Output Disable
tTR
CL = 100pF, Figure 1
120
ns
SCLK Fall to Output Data Valid
tDO
CL = 100pF, Figure 1
20
120
ns
External clock
0.1
2.17
SCLK Clock Frequency
fSCLK
Internal clock, SCLK for data transfer only
0
5
MHz
External clock
215
SCLK Pulse Width High
tCH
Internal clock, SCLK for data transfer only
(Note 8)
50
ns
External clock
215
SCLK Pulse Width Low
tCL
Internal clock, SCLK for data transfer only
(Note 8)
50
ns
SCLK to
CS /SHDN Setup
tSCLKS
60
ns
CS /SHDN Pulse Width
tCS
60
ns
Note 1: Tested at VDD = +2.7V.
Note 2: Relative accuracy is the deviation of the analog value at any code from its theoretical value after full-scale range has been
calibrated.
Note 3: Offset nulled.
Note 4: "On" channel is grounded; sine wave applied to "off" channel (MAX144 only).
Note 5: Conversion time is defined as the number of clock cycles times the clock period; clock has 50% duty cycle.
Note 6: The common-mode range for the analog inputs is from GND to VDD (MAX145 only).
Note 7: ADC performance is limited by the converter’s noise floor, typically 300µVp-p.
Note 8: Guaranteed by design. Not subject to production testing.
Note 9: Measured as VFS(2.7V) -VFS(5.25V).


Similar Part No. - MAX144ACPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX144ACPA MAXIM-MAX144ACPA Datasheet
240Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin 關MAX
Rev 0; 11/98
More results

Similar Description - MAX144ACPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX144 MAXIM-MAX144 Datasheet
240Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin 關MAX
Rev 0; 11/98
MAX157 MAXIM-MAX157 Datasheet
238Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Rev 0; 11/98
MAX1240 MAXIM-MAX1240_10 Datasheet
212Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 3; 3/10
MAX1240_101 MAXIM-MAX1240_101 Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
MAX1240 MAXIM-MAX1240 Datasheet
280Kb / 16P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
19-1155; Rev 2; 11/98
MAX1036 MAXIM-MAX1036 Datasheet
427Kb / 22P
   2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
19-2442; Rev 1; 10/02
MAX1246 MAXIM-MAX1246_07 Datasheet
260Kb / 25P
   2.7V, Low-Power, 4-Channel, Serial 12-Bit ADCs in QSOP-16
Rev 2; 10/01
MAX1246 MAXIM-MAX1246 Datasheet
223Kb / 24P
   2.7V, Low-Power, 4-Channel, Serial 12-Bit ADCs in QSOP-16
19-1071; Rev 1; 3/97
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com