Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX144AEPA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX144AEPA
Description  2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX144AEPA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX144AEPA Datasheet HTML 5Page - Maxim Integrated Products MAX144AEPA Datasheet HTML 6Page - Maxim Integrated Products MAX144AEPA Datasheet HTML 7Page - Maxim Integrated Products MAX144AEPA Datasheet HTML 8Page - Maxim Integrated Products MAX144AEPA Datasheet HTML 9Page - Maxim Integrated Products MAX144AEPA Datasheet HTML 10Page - Maxim Integrated Products MAX144AEPA Datasheet HTML 11Page - Maxim Integrated Products MAX144AEPA Datasheet HTML 12Page - Maxim Integrated Products MAX144AEPA Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Selecting Clock Mode
To start the conversion process on the MAX144/
MAX145, pull CS/SHDN low. At CS/SHDN’s falling
edge, the part wakes up and the internal T/H enters
track mode. In addition, the state of SCLK at
CS/SHDN’s falling edge selects internal (SCLK = high)
or external (SCLK = low) clock mode.
Internal Clock (fSCLK < 100kHz or fSCLK > 2.17MHz)
In internal clock mode, the MAX144/MAX145 run from
an internal, laser-trimmed oscillator to within 20% of the
2MHz specified clock rate. This releases the system
microprocessor from running the SAR conversion clock
and allows the conversion results to be read back at
the processor’s convenience, at any clock rate from 0
to 5MHz. Operating the MAX144/MAX145 in internal
clock mode is necessary for serial interfaces operating
with clock frequencies lower than 100kHz or greater
than 2.17MHz. Select internal clock mode (Figure 5), by
holding SCLK high during a high/low transition of
CS/SHDN. The first SCLK falling edge samples the data
and initiates a conversion using the integrated on-chip
oscillator. After the conversion, the oscillator shuts off
and DOUT goes high, signaling the end of conversion
(EOC). Data can then be read out with SCLK.
External Clock (fSCLK = 100kHz to 2.17MHz)
The external clock mode (Figure 6) is selected by tran-
sitioning CS/SHDN from high to low while SCLK is low.
The external clock signal not only shifts data out, but
also drives the analog-to-digital conversion. The input
is sampled and conversion begins on the falling edge
of the second clock pulse. Conversion must be com-
pleted within 140µs to prevent degradation in the con-
version results caused by droop on the T/H capacitors.
External clock mode provides the best throughput for
clock frequencies between 100kHz and 2.17MHz.
Output Data Format
Table 1 illustrates the 16-bit, serial data stream output
format for both the MAX144 and MAX145. The first
three bits are always logic high (including the EOC bit
for internal clock mode), followed by the channel identi-
fication (CHID = 0 for CH0, CHID = 1 for CH1, CHID = 0
for the MAX145), and then 12 bits of data in MSB-first
format. After the last bit has been read out, additional
SCLK pulses will clock out trailing zeros. DOUT transi-
tions on the falling edge of SCLK. The output remains
high-impedance when CS/SHDN is high.
+2.7V, Low-Power, 2-Channel, 108ksps,
Serial 12-Bit ADCs in 8-Pin µMAX
_______________________________________________________________________________________
9
DOUT
D9
D10
MSB
CHID
1
1
EOC
SAMPLING INSTANT
HIGH-Z
D8
D7
D6
D5
D4
D3
D2
D1
D0
HIGH-Z
SCLK
678
9
10
11
12
3
4
5
12
13
14
15
16
tCONV
tWAKE
(tACQ)
tCS
POWER
DOWN
ACTIVE
ACTIVE
CS/SHDN
Figure 5. Internal Clock Mode Timing
DOUT
D9
D10
MSB
CHID
SAMPLING INSTANT
HIGH-Z
D8
D7
D6
D5
D4
D3
D2
D1
D0
HIGH-Z
SCLK
678
9
10
11
12
3
4
5
12
13
14
15
16
tWAKE
(tACQ)
tCS
POWER
DOWN
ACTIVE
POWER
DOWN
ACTIVE
ACTIVE
CS/SHDN
Figure 6. External Clock Mode Timing


Similar Part No. - MAX144AEPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX144AEPA MAXIM-MAX144AEPA Datasheet
240Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin 關MAX
Rev 0; 11/98
More results

Similar Description - MAX144AEPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX144 MAXIM-MAX144 Datasheet
240Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin 關MAX
Rev 0; 11/98
MAX157 MAXIM-MAX157 Datasheet
238Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Rev 0; 11/98
MAX1240 MAXIM-MAX1240_10 Datasheet
212Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 3; 3/10
MAX1240_101 MAXIM-MAX1240_101 Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
MAX1240 MAXIM-MAX1240 Datasheet
280Kb / 16P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
19-1155; Rev 2; 11/98
MAX1036 MAXIM-MAX1036 Datasheet
427Kb / 22P
   2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
19-2442; Rev 1; 10/02
MAX1246 MAXIM-MAX1246_07 Datasheet
260Kb / 25P
   2.7V, Low-Power, 4-Channel, Serial 12-Bit ADCs in QSOP-16
Rev 2; 10/01
MAX1246 MAXIM-MAX1246 Datasheet
223Kb / 24P
   2.7V, Low-Power, 4-Channel, Serial 12-Bit ADCs in QSOP-16
19-1071; Rev 1; 3/97
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com