Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX145ACUA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX145ACUA
Description  2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX145ACUA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX145ACUA Datasheet HTML 4Page - Maxim Integrated Products MAX145ACUA Datasheet HTML 5Page - Maxim Integrated Products MAX145ACUA Datasheet HTML 6Page - Maxim Integrated Products MAX145ACUA Datasheet HTML 7Page - Maxim Integrated Products MAX145ACUA Datasheet HTML 8Page - Maxim Integrated Products MAX145ACUA Datasheet HTML 9Page - Maxim Integrated Products MAX145ACUA Datasheet HTML 10Page - Maxim Integrated Products MAX145ACUA Datasheet HTML 11Page - Maxim Integrated Products MAX145ACUA Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
The capacitive digital-to-analog converter (DAC)
adjusts during the remainder of the conversion cycle
to restore node ZERO to 0V within the limits of 12-bit
resolution. This action is equivalent to transferring a
16pF · [(VIN+) - (VIN-)] charge from CHOLD to the bina-
ry-weighted capacitive DAC, which in turn forms a digi-
tal representation of the analog input signal.
Track/Hold (T/H)
The ADC’s T/H stage enters its tracking mode on the
falling edge of CS/SHDN. For the MAX144 (single-
ended inputs), IN- is connected to GND and the con-
verter samples the positive (“+”) input. For the MAX145
(pseudo-differential inputs), IN- connects to the nega-
tive input (“-”) and the difference of [(VIN+) - (VIN-)] is
sampled. At the end of the conversion, the positive
input connects back to IN+ and CHOLD charges to the
input signal.
The time required for the T/H stage to acquire an input
signal is a function of how fast its input capacitance is
charged. If the input signal’s source impedance is high,
the acquisition time lengthens, and more time must be
allowed between conversions. The acquisition time,
tACQ, is the maximum time the device takes to acquire
the signal, and is also the minimum time required for
the signal to be acquired. Calculate this with the follow-
ing equation:
tACQ = 9(RS + RIN)CIN
where RS is the source impedance of the input signal,
RIN (9kΩ) is the input resistance, and CIN (16pF) is the
input capacitance of the ADC. Source impedances
below 1k
Ω have no significant impact on the AC perfor-
mance of the MAX144/MAX145.
Higher source impedances can be used if a 0.01µF
capacitor is connected to the individual analog inputs.
Together with the input impedance, this capacitor
forms an RC filter, limiting the ADC’s signal bandwidth.
Input Bandwidth
The MAX144/MAX145 T/H stage offers a 2.25MHz
small-signal and a 1MHz full-power bandwidth, which
make it possible to use the parts for digitizing high-
speed transients and measuring periodic signals with
bandwidths exceeding the ADCs sampling rate by
using undersampling techniques. To avoid high-fre-
quency signals being aliased into the frequency band
of interest, anti-alias filtering is recommended. Most
aliasing problems can be fixed easily with an external
resistor and a capacitor. However, if DC precision is
required, it is usually best to choose a continuous or
switched-capacitor filter, such as the MAX7410/
MAX7414 (Figure 4). Their Butterworth characteristic
generally provides the best compromise (with regard to
rolloff and attenuation) in filter configurations, is easy to
design, and provides a maximally flat passband response.
Analog Input Protection
Internal protection diodes, which clamp the analog input
to VDD and GND, allow each input channel to swing
within GND - 300mV to VDD + 300mV without damage.
However, for accurate conversions, both inputs must not
exceed VDD + 50mV or be less than GND - 50mV.
If an off-channel analog input voltage exceeds the
supplies, limit the input current to 4mA.
+2.7V, Low-Power, 2-Channel, 108ksps,
Serial 12-Bit ADCs in 8-Pin µMAX
8
_______________________________________________________________________________________
SHDN
OUT
2
CLK
REF
EXTERNAL
REFERENCE
CS/SHDN
DOUT
2
3
8
µP/µC
MAX7410
MAX7414
CH0
VDD
VDD
VDD
GND
OS
GND
COM
0.01
µF**
0.1
µF
470
Ω**
0.01
µF
CH1
IN
fC = 15kHz
7
4
5
5
7
4
6
8
1
1
63
SCLK
MAX144
1.5MHz
OSCILLATOR
**USED TO ATTENUATE SWITCHED-CAPACITOR FILTER CLOCK NOISE
Figure 4. Analog Input with Anti-Aliasing Filter Structure


Similar Part No. - MAX145ACUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX145ACUA MAXIM-MAX145ACUA Datasheet
240Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin 關MAX
Rev 0; 11/98
More results

Similar Description - MAX145ACUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX144 MAXIM-MAX144 Datasheet
240Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin 關MAX
Rev 0; 11/98
MAX157 MAXIM-MAX157 Datasheet
238Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Rev 0; 11/98
MAX1240 MAXIM-MAX1240_10 Datasheet
212Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 3; 3/10
MAX1240_101 MAXIM-MAX1240_101 Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
MAX1240 MAXIM-MAX1240 Datasheet
280Kb / 16P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
19-1155; Rev 2; 11/98
MAX1036 MAXIM-MAX1036 Datasheet
427Kb / 22P
   2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
19-2442; Rev 1; 10/02
MAX1246 MAXIM-MAX1246_07 Datasheet
260Kb / 25P
   2.7V, Low-Power, 4-Channel, Serial 12-Bit ADCs in QSOP-16
Rev 2; 10/01
MAX1246 MAXIM-MAX1246 Datasheet
223Kb / 24P
   2.7V, Low-Power, 4-Channel, Serial 12-Bit ADCs in QSOP-16
19-1071; Rev 1; 3/97
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com