Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FZ1200R12HP4 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # FZ1200R12HP4
Description  IHM-B module with soft-switching Trench-IGBT4
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FZ1200R12HP4 Datasheet(HTML) 2 Page - Infineon Technologies AG

  FZ1200R12HP4 Datasheet HTML 1Page - Infineon Technologies AG FZ1200R12HP4 Datasheet HTML 2Page - Infineon Technologies AG FZ1200R12HP4 Datasheet HTML 3Page - Infineon Technologies AG FZ1200R12HP4 Datasheet HTML 4Page - Infineon Technologies AG FZ1200R12HP4 Datasheet HTML 5Page - Infineon Technologies AG FZ1200R12HP4 Datasheet HTML 6Page - Infineon Technologies AG FZ1200R12HP4 Datasheet HTML 7Page - Infineon Technologies AG FZ1200R12HP4 Datasheet HTML 8Page - Infineon Technologies AG FZ1200R12HP4 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Technische Information / technical information
FZ1200R12HP4
IGBT-Module
IGBT-modules
!
"
Vorläufige Daten
preliminary data
IGBT-Wechselrichter / IGBT-inverter
Höchstzulässige Werte / maximum rated values
G
(#
@
:
#
:
?HI / %J<
+,-.
!
+
G
=
:
9
#
=<
?, / !
J<K ?HI / !L%J<
?, / %J<K ?HI / !L%J<
, 012
,
!
!L
3
3
;
9
G
@
M
#
N / ! #
,56
7
3
D
# +
:
?, / %J<K ?HI / !L%J<
;O1O
LK!%
>
D
(#
@
M
:
:
#
:
+P-.
Q4
+
Charakteristische Werte / characteristic values
# "
"
# B"
G
(#
@
:
:
:
#
:
, / !
3K +P- / !% +
, / !
3K +P- / !% +
, / !
3K +P- / !% +
+,- RSO
!KL
K
K!
K %
+
+
+
?HI / %J<
?HI / ! %J<
?HI / !% J<
D
@ 9
:
:
9
9
:
, / 7%K% #3K +,- / +P-K ?HI / %J<
+P-OT
%K!
%K)
K%
+
D
:
:
9 :
+P- / !% + """ Q!% +
UP
K %
V<
D
:
?HI / %J<
WPX0O
!K
Y
( :
:
M
/ !
8MK ?HI / %J<K +,- / % +K +P- /
+
<XZR
L7K
[
W\
:
M
/ !
8MK ?HI / %J<K +,- / % +K +P- /
+
<]ZR
7K!
[
G
(#
W
#
#
+,- / !
+K +P- /
+K ?HI / %J<
,-.
%K
#3
D
(#
W
#
:
#
:
+,- /
+K +P- /
+K ?HI / %J<
P-.
7
3
(
9
M^:
: M
'
"
*
# '
*
, / !
3K +,- /
+
+P- / _!% +
WP10 / !K Y
` 10
K7!
K7
K7
V
V
V
?HI / %J<
?HI / ! %J<
?HI / !% J<
3
: M
'
*
# '
*
, / !
3K +,- /
+
+P- / _!% +
WP10 / !K Y
]
K
K
K
V
V
V
?HI / %J<
?HI / ! %J<
?HI / !% J<
3
9
M^:
: M
'
"
*
# '
*
, / !
3K +,- /
+
+P- / _!% +
WP1aa / K
Y
` 1aa
K
!K
!K %
V
V
V
?HI / %J<
?HI / ! %J<
?HI / !% J<
[
M
'
*
# '
*
, / !
3K +,- /
+
+P- / _!% +
WP1aa / K
Y
a
K!%
K
K !
V
V
V
?HI / %J<
?HI / ! %J<
?HI / !% J<
(
9
:
;
:
, / !
3K +,- /
+K . / %7 8
+P- / _!% +K
4
/ %
34V '?HI/!% J<*
WP10 / !K Y
(10
!!%
!%%
!L%
#b
#b
#b
?HI / %J<
?HI / ! %J<
?HI / !% J<
3
9
:
;
:
, / !
3K +,- /
+K . / %7 8
+P- / _!% +K
4
/ %
+4V '?HI/!% J<*
WP1aa / K
Y
(1aa
%
L
#b
#b
#b
?HI / %J<
?HI / ! %J<
?HI / !% J<
G M
9
9
@<
+P- c !% +K +,, / )
+
+,-2Sd / +,-.
R,- e 4
.,
7)
3
?HI / !% J<
N c ! V K
>
#
9 #
K A
D ? 4
D ?
WOTf,
!K
G4 >
g
:
: >
#
9 #
K
9
D ? 4
D ?
hNSROZ / ! >4'#eG* 4
hi]ZSRZ / ! >4'#eG*
WOT,j
!$K%
G4 >


Similar Part No. - FZ1200R12HP4

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
FZ1200R12HP4 POWERINT-FZ1200R12HP4 Datasheet
189Kb / 9P
   SCALE-2 Plug-and-Play Drivers
2019-03-08
More results

Similar Description - FZ1200R12HP4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FZ1800R12HP4_B9 INFINEON-FZ1800R12HP4_B9 Datasheet
1Mb / 9P
   IHM-B module with soft-switching Trench-IGBT4
2009-06-19 revision:2.1
FZ1600R17HP4_B2 INFINEON-FZ1600R17HP4_B2 Datasheet
494Kb / 9P
   IHM-B module with soft-switching Trench-IGBT4
2010-01-19 rev 2.2
FZ2400R17HP4_B9 INFINEON-FZ2400R17HP4_B9 Datasheet
494Kb / 9P
   IHM-B module with soft-switching Trench-IGBT4
2010-01-19 revision:2.1
FZ2400R12HP4 INFINEON-FZ2400R12HP4 Datasheet
1Mb / 9P
   IHM-B module with soft-switching Trench-IGBT4
2009-08-03 revision:2.1
FZ2400R17HP4_B2 INFINEON-FZ2400R17HP4_B2 Datasheet
495Kb / 9P
   IHM-B module with soft-switching Trench-IGBT4
2010-01-19 revision:2.1
FZ3600R17HP4 INFINEON-FZ3600R17HP4 Datasheet
496Kb / 9P
   IHM-B module with soft-switching Trench-IGBT4
2010-01-19 revision:2.1
FZ1200R17HP4_B2 INFINEON-FZ1200R17HP4_B2 Datasheet
492Kb / 9P
   IHM-B module with soft-switching Trench-IGBT4
2010-01-19 rev 2.1
FZ1600R12HP4 INFINEON-FZ1600R12HP4 Datasheet
1Mb / 9P
   IHM-B module with soft-switching trench-IGBT4
2009-05.18 rev 2.2
FZ1800R17HP4_B29 INFINEON-FZ1800R17HP4_B29 Datasheet
495Kb / 9P
   IHM-B module with soft-switching Trench-IGBT4
2010-01-19 revision:2.2
FZ1600R17HP4 INFINEON-FZ1600R17HP4 Datasheet
494Kb / 9P
   IHM-B module with soft-switching Trench-IGBT4
2010-01-19 rev 2.1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com