Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA08N80C3 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SPA08N80C3
Description  CoolMOSTM Power Transistor Features Extreme dv/dt rated High peak current capability
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPA08N80C3 Datasheet(HTML) 1 Page - Infineon Technologies AG

  SPA08N80C3_09 Datasheet HTML 1Page - Infineon Technologies AG SPA08N80C3_09 Datasheet HTML 2Page - Infineon Technologies AG SPA08N80C3_09 Datasheet HTML 3Page - Infineon Technologies AG SPA08N80C3_09 Datasheet HTML 4Page - Infineon Technologies AG SPA08N80C3_09 Datasheet HTML 5Page - Infineon Technologies AG SPA08N80C3_09 Datasheet HTML 6Page - Infineon Technologies AG SPA08N80C3_09 Datasheet HTML 7Page - Infineon Technologies AG SPA08N80C3_09 Datasheet HTML 8Page - Infineon Technologies AG SPA08N80C3_09 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SPA08N80C3
CoolMOS
TM Power Transistor
Features
• New revolutionary high voltage technology
• Extreme dv/dt rated
• High peak current capability
• Qualified according to JEDEC
1) for target applications
• Pb-free lead plating; RoHS compliant
• Ultra low gate charge
• Ultra low effective capacitances
• Fully isolated package (2500 VAC; 1 minute)
CoolMOS
TM 800V designed for:
• Industrial application with high DC bulk voltage
• Switching Application ( i.e. active clamp forward )
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Continuous drain current
2)
I D
T C=25 °C
A
T C=100 °C
Pulsed drain current
3)
I D,pulse
T C=25 °C
Avalanche energy, single pulse
E AS
I D=1.6 A, V DD=50 V
340
mJ
Avalanche energy, repetitive t AR
3),4)
E AR
I D=8 A, V DD=50 V
Avalanche current, repetitive t AR
3),4)
I AR
A
MOSFET dv /dt ruggedness
dv /dt
V DS=0…640 V
V/ns
Gate source voltage
V GS
static
V
AC (f >1 Hz)
Power dissipation
P tot
T C=25 °C
W
Operating and storage temperature
T j, T stg
°C
Mounting torque
M2.5 screws
50
Ncm
±30
40
-55 ... 150
0.2
8
50
±20
Value
8
5.1
24
V DS
800
V
R DS(on)max @ Tj = 25°C
0.65
Q g,typ
45
nC
Product Summary
Type
Package
Marking
SPA08N80C3
PG-TO220FP
08N80C3
Rev.
3.0
page 1
200
9-12-22


Similar Part No. - SPA08N80C3_09

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPA08N80C3 INFINEON-SPA08N80C3_11 Datasheet
478Kb / 10P
   CoolMOSTM Power Transistor
Rev. 3.1 2011-09-27
More results

Similar Description - SPA08N80C3_09

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP24N60CFD INFINEON-SPP24N60CFD Datasheet
338Kb / 12P
   CoolMOSTM Power Transistor Features Extreme dv/dt rated High peak current capability
Rev. 1.2 2007-08-28
IPW50R299CP INFINEON-IPW50R299CP Datasheet
536Kb / 11P
   CoolMOSTM Power Transistor Features Extreme dv/dt rated High peak current capability
Rev. 2.0 2007-11-07
SPI15N65C3 INFINEON-SPI15N65C3 Datasheet
305Kb / 10P
   CoolMOSTM Power Transistor Features Extreme dv/dt rated
Rev. 2.0 2007-09-10
SPA20N60CFD INFINEON-SPA20N60CFD_09 Datasheet
654Kb / 12P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology Extreme dv/dt rated
Rev. 1.3 2009-12-22
IPW50R350CP INFINEON-IPW50R350CP Datasheet
537Kb / 11P
   CoolMOSTM Power Transistor Features Ultra low gate charge Extreme dv/dt rated
Rev. 2.0 2007-11-07
SPW17N80C3 INFINEON-SPW17N80C3_08 Datasheet
683Kb / 11P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology Extreme dv/dt rated
Rev. 2.9 2008-10-15
SPP15N65C3 INFINEON-SPP15N65C3 Datasheet
258Kb / 10P
   CoolMOSTM Power Transistor Features High peak current capability
Rev. 2.0 2007-12-13
logo
Silikron Semiconductor ...
SSF7N60 SILIKRON-SSF7N60 Datasheet
439Kb / 6P
   Extremely high dv/dt capability
logo
STMicroelectronics
STB9NK80Z STMICROELECTRONICS-STB9NK80Z Datasheet
987Kb / 15P
   Extremely high dv/dt capability
logo
Silikron Semiconductor ...
SSF2715 SILIKRON-SSF2715 Datasheet
452Kb / 6P
   Extremely high dv/dt capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com