Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGW25N120 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SGW25N120
Description  Fast IGBT in NPT-technology 40% lower Eoff compared to previous generation
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SGW25N120 Datasheet(HTML) 1 Page - Infineon Technologies AG

  SGW25N120 Datasheet HTML 1Page - Infineon Technologies AG SGW25N120 Datasheet HTML 2Page - Infineon Technologies AG SGW25N120 Datasheet HTML 3Page - Infineon Technologies AG SGW25N120 Datasheet HTML 4Page - Infineon Technologies AG SGW25N120 Datasheet HTML 5Page - Infineon Technologies AG SGW25N120 Datasheet HTML 6Page - Infineon Technologies AG SGW25N120 Datasheet HTML 7Page - Infineon Technologies AG SGW25N120 Datasheet HTML 8Page - Infineon Technologies AG SGW25N120 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SGW25N120
Power Semiconductors
1
Rev. 2.5
Nov. 09
Fast IGBT in NPT-technology
• 40% lower Eoff compared to previous generation
• Short circuit withstand time – 10 µs
• Designed for:
- Motor controls
- Inverter
- SMPS
• NPT-Technology offers:
- very tight parameter distribution
- high ruggedness, temperature stable behaviour
- parallel switching capability
• Qualified according to JEDEC1 for target applications
• Pb-free lead plating; RoHS compliant
• Complete product spectrum and PSpice Models : http://www.infineon.com/igbt/
Type
VCE
IC
Eoff
Tj
Marking
Package
SGW25N120
1200V
25A
2.9mJ
150
°C
SGW25N120 PG-TO-247-3
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCE
1200
V
DC collector current
TC = 25°C
TC = 100°C
IC
46
25
Pulsed collector current, tp limited by Tjmax
ICpuls
84
Turn off safe operating area
VCE ≤ 1200V, Tj ≤ 150°C
-
84
A
Gate-emitter voltage
VGE
±20
V
Avalanche energy, single pulse
IC = 25A, VCC = 50V, RGE = 25Ω, start at Tj = 25°C
EAS
130
mJ
Short circuit withstand time
2
VGE = 15V, 100V ≤VCC ≤1200V, Tj ≤ 150°C
tSC
10
µs
Power dissipation
TC = 25°C
Ptot
313
W
Operating junction and storage temperature
Tj , Tstg
-55...+150
Soldering temperature, 1.6mm (0.063 in.) from case for 10s
-
260
°C
1 J-STD-020 and JESD-022
2 Allowed number of short circuits: <1000; time between short circuits: >1s.
G
C
E
PG-TO-247-3


Similar Part No. - SGW25N120

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SGW25N120 INFINEON-SGW25N120 Datasheet
380Kb / 11P
   Fast IGBT in NPT-technology
Jul-02
More results

Similar Description - SGW25N120

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SGP15N120 INFINEON-SGP15N120_09 Datasheet
407Kb / 12P
   Fast IGBT in NPT-technology 40% lower Eoff compared to previous generation
Rev. 2.6 Nov. 09
SGP02N120 INFINEON-SGP02N120_07 Datasheet
382Kb / 13P
   Fast IGBT in NPT-technology 40% lower Eoff compared to previous generation
Rev. 2.3 Sep. 07
SGB10N60A INFINEON-SGB10N60A_07 Datasheet
795Kb / 11P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.3 July 07
SGB02N120 INFINEON-SGB02N120_07 Datasheet
439Kb / 11P
   Fast IGBT in NPT-technology Lower Eoff compared to previous generation
Rev. 2_3 Jan 07
SGB07N120 INFINEON-SGB07N120_07 Datasheet
443Kb / 11P
   Fast IGBT in NPT-technology lower Eoff compared to previous generation
Rev. 2_2 Apr 07
SGP02N60 INFINEON-SGP02N60_07 Datasheet
358Kb / 12P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.3 Sep 07
SGP04N60 INFINEON-SGP04N60_07 Datasheet
347Kb / 12P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.2 Sep 07
SGB06N60 INFINEON-SGB06N60_06 Datasheet
790Kb / 11P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.2 Nov 06
SGP15N60 INFINEON-SGP15N60_08 Datasheet
339Kb / 12P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.3 Sep 08
SGB04N60 INFINEON-SGB04N60_06 Datasheet
792Kb / 11P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.3 Nov 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com