Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC9S08LL16CLF Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MC9S08LL16CLF
Description  MC9S08LL16 Series
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08LL16CLF Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC9S08LL16CLF Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08LL16CLF Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08LL16CLF Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08LL16CLF Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08LL16CLF Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08LL16CLF Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9S08LL16CLF Datasheet HTML 10Page - Freescale Semiconductor, Inc MC9S08LL16CLF Datasheet HTML 11Page - Freescale Semiconductor, Inc MC9S08LL16CLF Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
MC9S08LL16 Series MCU Data Sheet, Rev. 6
Pin Assignments
Freescale Semiconductor
8
Table 2. Pin Availability by Package Pin-Count
<-- Lowest
Priority
--> Highest
64
48
Port Pin
Alt 1
Alt 2
Alt3
Alt4
147
PTE1
LCD9
248
PTE0
LCD8
31
PTD7
LCD7
42
PTD6
LCD6
53
PTD5
LCD5
64
PTD4
LCD4
75
PTD3
LCD3
86
PTD2
LCD2
97
PTD1
LCD1
10
8
PTD0
LCD0
11
9
Vcap1
12
10
Vcap2
13
11
VLL1
14
12
VLL2
15
13
VLL3
16
VLCD
17
14
PTA6
KBIP6
ADP6
ACMP+
18
15
PTA7
KBIP7
ADP7
ACMP–
19
16
VSSA
VREFL
20
17
VREFH
VDDA
21
18
PTB0
EXTAL
22
19
PTB1
XTAL
23
20
VDD
24
21
VSS
25
22
PTB2
RESET
26
PTB3
27
PTB4
MISO
SDA
28
PTB5
MOSI
SCL
29
PTB6
SPSCK
30
PTB7
SS
31
23
PTC0
RxD
32
24
PTC1
TxD
33
25
PTC2
TPM1CH0
34
26
PTC3
TPM1CH1
35
PTC4
TPM2CH0
36
PTC5
TPM2CH1
37
27
PTC6
ACMPO
BKGD
MS
38
28
PTC7
IRQ
TCLK
39
29
PTA0
KBIP0
SS
ADP0


Similar Part No. - MC9S08LL16CLF

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08LL16 FREESCALE-MC9S08LL16 Datasheet
1Mb / 50P
   8-Bit HCS08 Central Processor Unit
MC9S08LL16 FREESCALE-MC9S08LL16 Datasheet
2Mb / 31P
   Implementing a Glucometer and Blood Pressure Monitor Medical Devices
logo
NXP Semiconductors
MC9S08LL16 NXP-MC9S08LL16 Datasheet
2Mb / 138P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08LL16 NXP-MC9S08LL16 Datasheet
958Kb / 42P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08LL16 NXP-MC9S08LL16 Datasheet
6Mb / 352P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
More results

Similar Description - MC9S08LL16CLF

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08LL8CLF FREESCALE-MC9S08LL8CLF Datasheet
990Kb / 44P
   MC9S08LL16 Series
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com