Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKW25N120 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # SKW25N120
Description  Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SKW25N120 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button SKW25N120_08 Datasheet HTML 3Page - Infineon Technologies AG SKW25N120_08 Datasheet HTML 4Page - Infineon Technologies AG SKW25N120_08 Datasheet HTML 5Page - Infineon Technologies AG SKW25N120_08 Datasheet HTML 6Page - Infineon Technologies AG SKW25N120_08 Datasheet HTML 7Page - Infineon Technologies AG SKW25N120_08 Datasheet HTML 8Page - Infineon Technologies AG SKW25N120_08 Datasheet HTML 9Page - Infineon Technologies AG SKW25N120_08 Datasheet HTML 10Page - Infineon Technologies AG SKW25N120_08 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SKW25N120
Power Semiconductors
7
Rev. 2_2
Sep 08
0A
20A
40A
60A
0mJ
5mJ
10mJ
15mJ
20mJ
25mJ
E
on*
E
off
E
ts*
0
10
20
30
40
50
0mJ
2mJ
4mJ
6mJ
8mJ
10mJ
E
ts*
E
on*
E
off
IC, COLLECTOR CURRENT
RG, GATE RESISTOR
Figure 13. Typical switching energy losses
as a function of collector current
(inductive load, Tj = 150
°C,
VCE = 800V, VGE = +15V/0V, RG = 22
Ω,
dynamic test circuit in Fig.E )
Figure 14. Typical switching energy losses
as a function of gate resistor
(inductive load, Tj = 150
°C,
VCE = 800V, VGE = +15V/0V, IC = 25A,
dynamic test circuit in Fig.E )
-50°C
0°C
50°C
100°C
150°C
0mJ
2mJ
4mJ
6mJ
8mJ
E
ts*
E
on*
E
off
1µs
10µs
100µs
1ms
10ms 100ms
1s
10
-3K/W
10
-2K/W
10
-1K/W
0.01
0.02
0.05
0.1
0.2
single pulse
D=0.5
Tj, JUNCTION TEMPERATURE
tp, PULSE WIDTH
Figure 15. Typical switching energy losses
as a function of junction temperature
(inductive load, VCE = 800V,
VGE = +15V/0V, IC = 25A, RG = 22
Ω,
dynamic test circuit in Fig.E )
Figure 16. IGBT transient thermal
impedance as a function of pulse width
(D = tp / T)
*) Eon and Ets include losses
due to diode recovery.
*) Eon and Ets include losses
due to diode recovery.
*) Eon and Ets include losses
due to diode recovery.
C1=
τ1/R1
R1
R2
C2=
τ2/R2
R ,(K/W)
τ , (s )
0.07417
0.4990
0.20899
0.08994
0.08065
0.00330
0.03681
0.00038


Similar Part No. - SKW25N120_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SKW25N120 INFINEON-SKW25N120 Datasheet
336Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2_1 Apr 06
More results

Similar Description - SKW25N120_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SKP10N60A INFINEON-SKP10N60A_08 Datasheet
368Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Sep 08
SKW15N120 INFINEON-SKW15N120 Datasheet
415Kb / 13P
   FAST IGBT IN NPT-TECHNOLOGY WITH SOFT, FAST RECOVERY ANTI-PARALLEL EmCon DIODE
Jul-02
SKW30N60 INFINEON-SKW30N60 Datasheet
393Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
SKP15N60 INFINEON-SKP15N60_08 Datasheet
377Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Sep 08
SKP15N60 INFINEON-SKP15N60 Datasheet
450Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
SKP02N60 INFINEON-SKP02N60 Datasheet
397Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
SKW20N60 INFINEON-SKW20N60 Datasheet
400Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Mar-00
SKP10N60A INFINEON-SKP10N60A Datasheet
438Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Sep-02
SKB02N60 INFINEON-SKB02N60_07 Datasheet
1Mb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.2 Oct. 07
SKW15N120 INFINEON-SKW15N120_08 Datasheet
348Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2_2 Sep 08
SKB02N120 INFINEON-SKB02N120_07 Datasheet
1Mb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Oct 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com