Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTFA181001GL Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # PTFA181001GL
Description  Thermally-Enhanced High Power RF LDMOS FETs 100 W, 1805 ??1880 MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFA181001GL Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button PTFA181001GL Datasheet HTML 3Page - Infineon Technologies AG PTFA181001GL Datasheet HTML 4Page - Infineon Technologies AG PTFA181001GL Datasheet HTML 5Page - Infineon Technologies AG PTFA181001GL Datasheet HTML 6Page - Infineon Technologies AG PTFA181001GL Datasheet HTML 7Page - Infineon Technologies AG PTFA181001GL Datasheet HTML 8Page - Infineon Technologies AG PTFA181001GL Datasheet HTML 9Page - Infineon Technologies AG PTFA181001GL Datasheet HTML 10Page - Infineon Technologies AG PTFA181001GL Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Preliminary Data Sheet
8 of 11
Rev. 01, 2008-06-15
Preliminary PTFA181001GL
PTFA181001HL
Confidential, Limited Internal Distribution
Reference circuit assembly diagram* (not to scale)
Reference Circuit (cont.)
Component
Description
Suggested Manufacturer
P/N or Comment
C1, C2, C3
Capacitor, 0.001 µF
Digi-Key
PCC1772CT-ND
C4
Tantalum capacitor, 10 µF, 35 V
Digi-Key
399-1655-2-ND
C5
Capacitor, 0.1 µF
Digi-Key
PCC104BCT-ND
C6, C11, C13, C16, C18
Capacitor, 1.0 µF
ATC
920C105
C7
Capacitor, 0.01 µF
ATC
200B 103
C8, C9, C12, C17, C24
Ceramic capacitor, 10 pF
ATC
100B 100
C10, C23
Ceramic capacitor, 0.6 pF
ATC
100B 0R6
C14, C15, C19, C20
Tantalum capacitor, 10 µF, 50 V
Garrett Electronics
TPSE106K050R0400
C21, C22
Ceramic capacitor, 1.5 pF
ATC
100B 1R5
L1, L2
Ferrite, 8.9 mm
Elna Magnetics
BDS 4.6/3/8.9-4S2
Q1
Transistor
Infinion Technologies
BCP56
QQ1
Voltage regulator
National Semiconductor
LM7805
R1
Chip Resistor 1.2 k-ohms
Digi-Key
P1.2KGCT-ND
R2
Chip Resistor 1.3 k-ohms
Digi-Key
P1.3KGCT-ND
R3, R8
Chip Resistor 2 k-ohms
Digi-Key
P2KECT-ND
R4
Potentiometer 2 k-ohms
Digi-Key
3224W-202ETR-ND
R5, R9
Chip Resistor 10 ohms
Digi-Key
P10ECT-ND
R6, R7
Chip Resistor 5.1 k-ohms
Digi-Key
P5.1KECT-ND
*Gerber files for this circuit available on request
R4
Q1
QQ1
C3
C1
R2
C2
R1
R5
R3
C5
R8
C9
C10
R6
R7
C6
C4
R9
C8
C7
C16
C17
C18
C19
C20
C13
C14
C15
C11
C12
C24
C23
C21
C22
L2
L1
A181001_01
VDD
VDD
VDD
a181001ef_assy
a181001ef_dtl
R4
Q1
QQ1
C3
C1
R2
C2
R1
R5
R3
C5
R8
R6
R7
C6
C4
C8
C7
VDD


Similar Part No. - PTFA181001GL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA181001GL INFINEON-PTFA181001GL Datasheet
412Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 100 W, 1805-1880 MHz
Rev. 03, 2009-04-01
PTFA181001GL INFINEON-PTFA181001GL_09 Datasheet
412Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 100 W, 1805-1880 MHz
Rev. 03, 2009-04-01
More results

Similar Description - PTFA181001GL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA181001E INFINEON-PTFA181001E Datasheet
408Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 100 W, 1805 ??1880 MHz
Rev. 02.1, 2009-02-20
PTFA180701E INFINEON-PTFA180701E Datasheet
368Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 70 W, 1805 ??1880 MHz
Rev. 03.1, 2009-02-20
PTFB182503EL INFINEON-PTFB182503EL Datasheet
721Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 1805-1880 MHz
Rev. 06, 2010-11-09
PTFA181001GL INFINEON-PTFA181001GL_09 Datasheet
412Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 100 W, 1805-1880 MHz
Rev. 03, 2009-04-01
PTFA182001E INFINEON-PTFA182001E Datasheet
260Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 1805 - 1880 MHz
Rev. 01, 2008-03-12
logo
Cree, Inc
PTFB182503FL CREE-PTFB182503FL Datasheet
497Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 1805 ??1880 MHz
logo
Infineon Technologies A...
PXAC182002FC INFINEON-PXAC182002FC_16 Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
Rev. 02.3, 2016-06-17
logo
Cree, Inc
PXAE184408NB CREE-PXAE184408NB Datasheet
1Mb / 6P
   Thermally-Enhanced High Power RF LDMOS FET 450 W, 28 V, 1805 ??1880 MHz
PXAC182002FC CREE-PXAC182002FC Datasheet
495Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
logo
Infineon Technologies A...
PXAD184218FV INFINEON-PXAD184218FV Datasheet
339Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 420 W, 28 V, 1805 ??1880 MHz
Rev. 02.1, 2016-12-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com