Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTFA181001HL Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # PTFA181001HL
Description  Thermally-Enhanced High Power RF LDMOS FETs 100 W, 1805 ??1880 MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFA181001HL Datasheet(HTML) 3 Page - Infineon Technologies AG

  PTFA181001HL Datasheet HTML 1Page - Infineon Technologies AG PTFA181001HL Datasheet HTML 2Page - Infineon Technologies AG PTFA181001HL Datasheet HTML 3Page - Infineon Technologies AG PTFA181001HL Datasheet HTML 4Page - Infineon Technologies AG PTFA181001HL Datasheet HTML 5Page - Infineon Technologies AG PTFA181001HL Datasheet HTML 6Page - Infineon Technologies AG PTFA181001HL Datasheet HTML 7Page - Infineon Technologies AG PTFA181001HL Datasheet HTML 8Page - Infineon Technologies AG PTFA181001HL Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Preliminary PTFA181001GL
PTFA181001HL
Confidential, Limited Internal Distribution
Preliminary Data Sheet
3 of 11
Rev. 01, 2008-06-15
Edge EVM and Modulation Spectrum
vs. Quiescent Current
VDD = 28V, ƒ = 1879.8 MHz, POUT = 46.5 dBm
1
1.2
1.4
1.6
1.8
2
2.2
2.4
0.65
0.70
0.75
0.80
0.85
0.90
Quiescent Current (A)
-90
-80
-70
-60
-50
-40
-30
-20
-10
EVM
400 KHz
600 KHz
EDGE Modulation Spectrum Performance
VDD = 28 V, IDQ = 750 mA, ƒ = 1879.8 MHz
-100
-90
-80
-70
-60
-50
-40
-30
-20
37
39
41
43
45
47
49
Output Power (dBm)
5
10
15
20
25
30
35
40
45
Efficiency
400 kHz
600 kHz
Typical Performance (data taken in a production test fixture)
EDGE EVM Performance
VDD = 28 V, IDQ = 750 mA, ƒ = 1879.8 MHz
0
1
2
3
4
5
6
7
8
37
39
41
43
45
47
49
Output Power (dBm)
5
10
15
20
25
30
35
40
45
EVM
Efficiency
Intermodulation Distortion vs. Output Power
(as measured in a broadband circuit)
V
DD = 28 V, IDQ = 750 m A, ƒ1 =1879 MHz, ƒ2 = 1880 MHz
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
37
39
41
43
45
47
49
Output Power, Avg. (dBm)
3rd Order
7th
5th


Similar Part No. - PTFA181001HL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA181001E INFINEON-PTFA181001E Datasheet
408Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 100 W, 1805 ??1880 MHz
Rev. 02.1, 2009-02-20
PTFA181001F INFINEON-PTFA181001F Datasheet
408Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 100 W, 1805 ??1880 MHz
Rev. 02.1, 2009-02-20
PTFA181001GL INFINEON-PTFA181001GL Datasheet
412Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 100 W, 1805-1880 MHz
Rev. 03, 2009-04-01
PTFA181001GL INFINEON-PTFA181001GL_09 Datasheet
412Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 100 W, 1805-1880 MHz
Rev. 03, 2009-04-01
More results

Similar Description - PTFA181001HL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA181001E INFINEON-PTFA181001E Datasheet
408Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 100 W, 1805 ??1880 MHz
Rev. 02.1, 2009-02-20
PTFA180701E INFINEON-PTFA180701E Datasheet
368Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 70 W, 1805 ??1880 MHz
Rev. 03.1, 2009-02-20
PTFB182503EL INFINEON-PTFB182503EL Datasheet
721Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 1805-1880 MHz
Rev. 06, 2010-11-09
PTFA181001GL INFINEON-PTFA181001GL_09 Datasheet
412Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 100 W, 1805-1880 MHz
Rev. 03, 2009-04-01
PTFA182001E INFINEON-PTFA182001E Datasheet
260Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 1805 - 1880 MHz
Rev. 01, 2008-03-12
logo
Cree, Inc
PTFB182503FL CREE-PTFB182503FL Datasheet
497Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 1805 ??1880 MHz
logo
Infineon Technologies A...
PXAC182002FC INFINEON-PXAC182002FC_16 Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
Rev. 02.3, 2016-06-17
logo
Cree, Inc
PXAE184408NB CREE-PXAE184408NB Datasheet
1Mb / 6P
   Thermally-Enhanced High Power RF LDMOS FET 450 W, 28 V, 1805 ??1880 MHz
PXAC182002FC CREE-PXAC182002FC Datasheet
495Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
logo
Infineon Technologies A...
PXAD184218FV INFINEON-PXAD184218FV Datasheet
339Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 420 W, 28 V, 1805 ??1880 MHz
Rev. 02.1, 2016-12-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com