Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTFA072401EL Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # PTFA072401EL
Description  Thermally-Enhanced High Power RF LDMOS FETs 240 W, 725 ??770 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFA072401EL Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button PTFA072401EL Datasheet HTML 2Page - Infineon Technologies AG PTFA072401EL Datasheet HTML 3Page - Infineon Technologies AG PTFA072401EL Datasheet HTML 4Page - Infineon Technologies AG PTFA072401EL Datasheet HTML 5Page - Infineon Technologies AG PTFA072401EL Datasheet HTML 6Page - Infineon Technologies AG PTFA072401EL Datasheet HTML 7Page - Infineon Technologies AG PTFA072401EL Datasheet HTML 8Page - Infineon Technologies AG PTFA072401EL Datasheet HTML 9Page - Infineon Technologies AG PTFA072401EL Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Data Sheet
9 of 10
Rev. 02, 2009-03-27
PTFA072401EL
PTFA072401FL
Confidential, Limited Internal Distribution
C66065-A0003-C724-01-0027 H-34288-2.dwg
Package Outline Specifications (cont.)
Package H-34288-2
Diagram Notes—unless otherwise specified:
1. Interpret dimensions and tolerances per ASME Y14.5M-1994.
2. Primary dimensions are mm. Alternate dimensions are inches.
3. All tolerances ± 0.127 [.005] unless specified otherwise.
4. Pins: D = drain, S = source, G = gate.
5. Lead thickness: 0.10 +0.051/–0.025 [.004 +.002/–.001].
6. Gold plating less than 0.25 micron [10 microinch].
Find the latest and most complete information about products and packaging at the Infineon Internet page
http://www.infineon.com/rfpower


Similar Part No. - PTFA072401EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA072401EL INFINEON-PTFA072401EL Datasheet
563Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05, 2015-02-24
PTFA072401EL INFINEON-PTFA072401EL_15 Datasheet
563Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05, 2015-02-24
More results

Similar Description - PTFA072401EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA071701E INFINEON-PTFA071701E Datasheet
256Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FETs 170 W, 725 ??770 MHz
Rev. 03, 2009-11-11
PTFA070601E INFINEON-PTFA070601E Datasheet
255Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 60 W, 725 ??770 MHz
Rev. 01, 2009-04-16
PTFB212503EL INFINEON-PTFB212503EL Datasheet
978Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110-2170 MHz
Rev. 07, 2010-11-04
PTFA192401E INFINEON-PTFA192401E Datasheet
431Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 1930 ??1990 MHz
Rev. 02, 2009-04-01
PTFB192503EL INFINEON-PTFB192503EL Datasheet
673Kb / 15P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 1930-1990 MHz
Rev. 09, 2010-11-09
PTFB212503EFL INFINEON-PTFB212503EFL Datasheet
830Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110 ??2170 MHz
Rev. 07.1, 2016-06-15
PTFB182503EL INFINEON-PTFB182503EL Datasheet
721Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 1805-1880 MHz
Rev. 06, 2010-11-09
PTFA212401E INFINEON-PTFA212401E Datasheet
495Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110 ??2170 MHz
Rev. 04, 2009-10-05
PTFB182503EFL INFINEON-PTFB182503EFL Datasheet
694Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10
PTFA080551EF INFINEON-PTFA080551EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2016-06-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com