Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA11N80C3 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # SPA11N80C3
Description  CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPA11N80C3 Datasheet(HTML) 4 Page - Infineon Technologies AG

  SPA11N80C3 Datasheet HTML 1Page - Infineon Technologies AG SPA11N80C3 Datasheet HTML 2Page - Infineon Technologies AG SPA11N80C3 Datasheet HTML 3Page - Infineon Technologies AG SPA11N80C3 Datasheet HTML 4Page - Infineon Technologies AG SPA11N80C3 Datasheet HTML 5Page - Infineon Technologies AG SPA11N80C3 Datasheet HTML 6Page - Infineon Technologies AG SPA11N80C3 Datasheet HTML 7Page - Infineon Technologies AG SPA11N80C3 Datasheet HTML 8Page - Infineon Technologies AG SPA11N80C3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SPA11N80C3
1 Power dissipation
2 Safe operating area
P tot=f(T C)
I D=f(V DS); T C=25 °C; D =0
parameter: t p
3 Max. transient thermal impedance
4 Typ. output characteristics
ZthJC=f(tP)
I D=f(V DS); T j=25 °C; t p=10 µs
parameter: D=t p/T
parameter: V GS
0
10
20
30
40
0
25
50
75
100
125
150
T C [°C]
1 µs
10 µs
100 µs
1 ms
10 ms
DC
10
2
10
1
10
0
10
-1
1
10
100
1000
V DS [V]
single pulse
0.01
0.02
0.05
0.1
0.2
0.5
10
1
10
0
10
-1
10
-2
10
-3
10
-4
10
-5
10
1
10
0
10
-1
10
-2
t p [s]
5 V
5.5 V
6 V
6.5 V
10 V
20 V
0
10
20
30
40
0
5
10
15
20
25
V DS [V]
limited by on-state
resistance
Rev. 2.9
page 4
2008-10-15


Similar Part No. - SPA11N80C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPA11N80C3 INFINEON-SPA11N80C3 Datasheet
253Kb / 12P
   Cool MOS??Power Transistor
2003-07-02
SPA11N80C3 INFINEON-SPA11N80C3 Datasheet
677Kb / 13P
   Cool MOS??Power Transistor
Rev. 2.4 2005-08-24
SPA11N80C3 INFINEON-SPA11N80C3 Datasheet
32Kb / 1P
   Material Content Data Sheet
21. September 2015
SPA11N80C3 INFINEON-SPA11N80C3 Datasheet
509Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.92 2014-02-14
logo
Inchange Semiconductor ...
SPA11N80C3 ISC-SPA11N80C3 Datasheet
314Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - SPA11N80C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP04N80C3 INFINEON-SPP04N80C3_08 Datasheet
395Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
SPI08N80C3 INFINEON-SPI08N80C3 Datasheet
360Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
IPW50R250CP INFINEON-IPW50R250CP Datasheet
537Kb / 11P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.0 2007-11-07
SPP06N60C3 INFINEON-SPP06N60C3_09 Datasheet
228Kb / 11P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 1.4 2009-11-27
SPD02N80C3 INFINEON-SPD02N80C3_08 Datasheet
281Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
SPP08N80C3 INFINEON-SPP08N80C3_08 Datasheet
398Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
SPD04N80C3 INFINEON-SPD04N80C3_08 Datasheet
442Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
SPP06N60C3 INFINEON-SPP06N60C3_07 Datasheet
258Kb / 11P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 1.3 2007-08-28
SPA11N60CFD INFINEON-SPA11N60CFD_10 Datasheet
210Kb / 12P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 1.3 2010-01-12
SPP02N80C3 INFINEON-SPP02N80C3_08 Datasheet
394Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com