Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA11N80C3 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # SPA11N80C3
Description  CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPA11N80C3 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button SPA11N80C3 Datasheet HTML 2Page - Infineon Technologies AG SPA11N80C3 Datasheet HTML 3Page - Infineon Technologies AG SPA11N80C3 Datasheet HTML 4Page - Infineon Technologies AG SPA11N80C3 Datasheet HTML 5Page - Infineon Technologies AG SPA11N80C3 Datasheet HTML 6Page - Infineon Technologies AG SPA11N80C3 Datasheet HTML 7Page - Infineon Technologies AG SPA11N80C3 Datasheet HTML 8Page - Infineon Technologies AG SPA11N80C3 Datasheet HTML 9Page - Infineon Technologies AG SPA11N80C3 Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SPA11N80C3
13 Typ. capacitances
14 Typ. Coss stored energy
C =f(V DS); V GS=0 V; f =1 MHz
E oss= f(V DS)
0
2
4
6
8
10
12
0
100
200
300
400
500
600
700
800
V DS [V]
Ciss
Coss
Crss
10
4
10
3
10
2
10
1
10
0
0
100
200
300
400
500
600
700
800
V DS [V]
Rev. 2.9
page 7
2008-10-15


Similar Part No. - SPA11N80C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPA11N80C3 INFINEON-SPA11N80C3 Datasheet
253Kb / 12P
   Cool MOS??Power Transistor
2003-07-02
SPA11N80C3 INFINEON-SPA11N80C3 Datasheet
677Kb / 13P
   Cool MOS??Power Transistor
Rev. 2.4 2005-08-24
SPA11N80C3 INFINEON-SPA11N80C3 Datasheet
32Kb / 1P
   Material Content Data Sheet
21. September 2015
SPA11N80C3 INFINEON-SPA11N80C3 Datasheet
509Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.92 2014-02-14
logo
Inchange Semiconductor ...
SPA11N80C3 ISC-SPA11N80C3 Datasheet
314Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - SPA11N80C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP04N80C3 INFINEON-SPP04N80C3_08 Datasheet
395Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
SPI08N80C3 INFINEON-SPI08N80C3 Datasheet
360Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
IPW50R250CP INFINEON-IPW50R250CP Datasheet
537Kb / 11P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.0 2007-11-07
SPP06N60C3 INFINEON-SPP06N60C3_09 Datasheet
228Kb / 11P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 1.4 2009-11-27
SPD02N80C3 INFINEON-SPD02N80C3_08 Datasheet
281Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
SPP08N80C3 INFINEON-SPP08N80C3_08 Datasheet
398Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
SPD04N80C3 INFINEON-SPD04N80C3_08 Datasheet
442Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
SPP06N60C3 INFINEON-SPP06N60C3_07 Datasheet
258Kb / 11P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 1.3 2007-08-28
SPA11N60CFD INFINEON-SPA11N60CFD_10 Datasheet
210Kb / 12P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 1.3 2010-01-12
SPP02N80C3 INFINEON-SPP02N80C3_08 Datasheet
394Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com