Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4276V85 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE4276V85
Description  Low Drop Voltage Regulator 400 mA current capability
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4276V85 Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE4276V85 Datasheet HTML 1Page - Infineon Technologies AG TLE4276V85 Datasheet HTML 2Page - Infineon Technologies AG TLE4276V85 Datasheet HTML 3Page - Infineon Technologies AG TLE4276V85 Datasheet HTML 4Page - Infineon Technologies AG TLE4276V85 Datasheet HTML 5Page - Infineon Technologies AG TLE4276V85 Datasheet HTML 6Page - Infineon Technologies AG TLE4276V85 Datasheet HTML 7Page - Infineon Technologies AG TLE4276V85 Datasheet HTML 8Page - Infineon Technologies AG TLE4276V85 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Data Sheet
2
Rev. 2.7, 2007-10-23
TLE 4276
Functional Description
The TLE 4276 is a low-drop voltage regulator in a TO package. The IC regulates an input
voltage up to 40 V to
V
Q,nom = 5.0 V (V50), 8.5 V (V85), 10 V (V10) and adjustable voltage
(V). The maximum output current is 400 mA. The IC can be switched off via the inhibit
input, which causes the current consumption to drop below 10
µA. The IC is short-circuit-
proof and includes temperature protection which turns off the device at overtemperature.
Dimensioning Information on External Components
The input capacitor
C
I is necessary for compensation of line influences. Using a resistor
of approx. 1
Ω in series with C
I, the oscillating of input inductivity and input capacitance
can be damped. The output capacitor
C
Q is necessary for the stability of the regulation
circuit. Stability is guaranteed at values
C
Q ≥ 22 µF and an ESR of ≤ 3 Ω within the
operating temperature range.
Circuit Description
The control amplifier compares a reference voltage to a voltage that is proportional to the
output voltage and drives the base of the series transistor via a buffer. Saturation control
as a function of the load current prevents any oversaturation of the power element. The
IC also incorporates a number of internal circuits for protection against:
Overload
Overtemperature
Reverse polarity


Similar Part No. - TLE4276V85

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4276V85 SIEMENS-TLE4276V85 Datasheet
158Kb / 16P
   Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4276V85 INFINEON-TLE4276V85 Datasheet
209Kb / 19P
   Low-Drop Voltage Regulator
Version 2.2 2000-10-11
More results

Similar Description - TLE4276V85

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4251 INFINEON-TLE4251_07 Datasheet
373Kb / 13P
   Low Drop Voltage Tracker 400 mA output current capability
Rev. 2.9, 2007-03-20
logo
ON Semiconductor
NCV4276 ONSEMI-NCV4276 Datasheet
182Kb / 25P
   400 mA Low-Drop Voltage Regulator
June, 2011 ??Rev. 24
NCV4276C ONSEMI-NCV4276C Datasheet
164Kb / 16P
   400 mA Low-Drop Voltage Regulator
January, 2014 ??Rev. 0
NCV4276B ONSEMI-NCV4276B Datasheet
142Kb / 12P
   400 mA Low-Drop Voltage Regulator
June, 2010 ??Rev. 0
NCV4276BDT50RKG ONSEMI-NCV4276BDT50RKG Datasheet
205Kb / 18P
   400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
NCV4274C ONSEMI-NCV4274C Datasheet
125Kb / 13P
   400 mA Low Dropout Voltage Regulator
May, 2015 ??Rev. 1
NCV4276 ONSEMI-NCV4276_06 Datasheet
198Kb / 23P
   400 mA Low?묭rop Voltage Regulator
October, 2006 ??Rev. 18
NCV4276BDS50R4G ONSEMI-NCV4276BDS50R4G Datasheet
205Kb / 18P
   400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
logo
Unisonic Technologies
MBR3150L-Z21D-R UTC-MBR3150L-Z21D-R Datasheet
134Kb / 3P
   Low forward voltage drop, High Current Capability
logo
ON Semiconductor
NCV4276B ONSEMI-NCV4276B_14 Datasheet
146Kb / 18P
   400 mA Low?륞rop Voltage Regulator
August, 2014 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com