Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA6230GP Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TDA6230GP
Description  Smart Octal Low-Side Switch Overtemperature Protection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA6230GP Datasheet(HTML) 5 Page - Infineon Technologies AG

  TDA6230GP Datasheet HTML 1Page - Infineon Technologies AG TDA6230GP Datasheet HTML 2Page - Infineon Technologies AG TDA6230GP Datasheet HTML 3Page - Infineon Technologies AG TDA6230GP Datasheet HTML 4Page - Infineon Technologies AG TDA6230GP Datasheet HTML 5Page - Infineon Technologies AG TDA6230GP Datasheet HTML 6Page - Infineon Technologies AG TDA6230GP Datasheet HTML 7Page - Infineon Technologies AG TDA6230GP Datasheet HTML 8Page - Infineon Technologies AG TDA6230GP Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet TLE 6230 GP
V2.3
Page
18. Nov. 2009
5
Electrical Characteristics
Parameter and Conditions
Symbol
Values
Unit
VS = 4.5 to 5.5 V ; Tj = - 40 °C to + 150 °C ; Reset = H
(unless otherwise specified)
min
typ
max
1. Power Supply, Reset
Supply Voltage4
VS
4.5
--
5.5
V
Supply Current (outputs ON)5
IS(ON)
--
1
2
mA
Supply Current (outputs OFF) 5
IS(OFF)
--
1
2
mA
Minimum Reset Duration
tReset,min
10
--
--
µs
2. Power Outputs
ON Resistance VS = 5 V; ID = 500 mA
TJ = 25°C
TJ = 150°C
RDS(ON)
--
--
0.8
--
1
1.7
Output Clamping Voltage
Output OFF
VDS(AZ)
40
--
55
V
Current Limit
ID(lim)
1
1.5
2
A
Output Leakage Current
VReset = L
Vbb=12V
ID(lkg)
--
--
5
µA
Turn-On Time
ID = 0.5 A, resistive load
tON
--
8
12
µs
Turn-Off Time
ID = 0.5 A, resistive load
tOFF
--
6
10
µs
3. Digital Inputs
Input Low Voltage
VINL
- 0.3
--
1.0
V
Input High Voltage
VINH
2.0
--
--
V
Input Voltage Hysteresis
VINHys
50
100
200
mV
Input Pull Down/Up Current (IN1 ... IN4)
IIN(1..4)
20
50
100
µA
PRG, Reset Pull Up Current
IIN(PRG,Res)
20
50
100
µA
Input Pull Down Current (SI, SCLK)
IIN(SI,SCLK)
10
20
50
µA
Input Pull Up Current (
CS )
IIN(CS)
10
20
50
µA
4. Digital Outputs (SO, FAULT )
SO High State Output Voltage
ISOH = 2 mA
VSOH
VS - 0.4 --
--
V
SO Low State Output Voltage
ISOL = 2.5 mA
VSOL
--
--
0.4
V
Output Tri-state Leakage Current CS = H, 0 ≤ VSO ≤ VS
ISOlkg
-10
0
10
µA
FAULT Output Low Voltage
IFAULT = 1.6 mA
VFAULTL
--
--
0.4
V
4 For VS < 4.5V the power stages are switched according the input signals and data bits or are definitely switched
off. This undervoltage reset gets active at VS = 3V (typ. value) and is guaranteed by design.
5 For Reset = H.


Similar Part No. - TDA6230GP

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TDA6200 SIEMENS-TDA6200 Datasheet
355Kb / 16P
   TV Stereo Tone Control IC with Quasi-Stereo Section,
Channel 1/2 Switch, SCART Input, and I2C Bus Control
More results

Similar Description - TDA6230GP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6236G INFINEON-TLE6236G Datasheet
526Kb / 15P
   Smart Octal Low-Side Switch
V2.1 26.Aug. 2002
TLE7230R INFINEON-TLE7230R Datasheet
798Kb / 16P
   Smart Octal Low-Side Switch
V1.1 Oct. 2003
TLE6230GP INFINEON-TLE6230GP_09 Datasheet
282Kb / 16P
   Smart Octal Low-Side Switch
V2.3 Nov. 2009 1
TLE6230GP INFINEON-TLE6230GP Datasheet
746Kb / 16P
   Smart Octal Low-Side Switch?
V2.1 26. Aug. 2002 1
TLE6220GP INFINEON-TLE6220GP_07 Datasheet
304Kb / 19P
   Smart Quad Low-Side Switch Short Circuit Protection
V2.1 2007-05-03
BSP365 INFINEON-BSP365 Datasheet
65Kb / 6P
   MiniSmart(High-side switch Short-circuit protection Overtemperature protection with hysteresis)
05.03.96
logo
Siemens Semiconductor G...
TLE4224-2 SIEMENS-TLE4224-2 Datasheet
215Kb / 8P
   Smart Low-Side Switch
logo
Infineon Technologies A...
BSP350 INFINEON-BSP350 Datasheet
68Kb / 6P
   MiniPROFET(High-side switch Short-circuit protection Overtemperature protection with hysteresis)
08.04.97
logo
Siemens Semiconductor G...
BSP350 SIEMENS-BSP350 Datasheet
66Kb / 6P
   MiniPROFET (High-side switch Short-circuit protection Overtemperature protection with hysteresis)
BTS550P SIEMENS-BTS550P Datasheet
151Kb / 15P
   Smart Highside High Current Power Switch (Overload protection Current limitation Short circuit protection Overtemperature protection)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com