Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7469GV53 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE7469GV53
Description  Dual Low Drop Voltage Regulator Ultra low quiescent current consumption < 55 關A
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7469GV53 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE7469GV53 Datasheet HTML 1Page - Infineon Technologies AG TLE7469GV53 Datasheet HTML 2Page - Infineon Technologies AG TLE7469GV53 Datasheet HTML 3Page - Infineon Technologies AG TLE7469GV53 Datasheet HTML 4Page - Infineon Technologies AG TLE7469GV53 Datasheet HTML 5Page - Infineon Technologies AG TLE7469GV53 Datasheet HTML 6Page - Infineon Technologies AG TLE7469GV53 Datasheet HTML 7Page - Infineon Technologies AG TLE7469GV53 Datasheet HTML 8Page - Infineon Technologies AG TLE7469GV53 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TLE 7469
Data Sheet
5
Rev. 1.6, 2008-01-22
Table 2
Absolute Maximum Ratings
-40
°C < T
j < 150 °C
Parameter
Symbol
Limit Values
Unit
Remarks
Min.
Max.
Input I1
Voltage
V
I1
-0.3
45
V
Current
I
I1
mA
Internally limited
Input I2
Voltage
V
I2
-0.3
45
V
Current
I
I2
mA
Internally limited
Output Q1
Voltage
V
Q1
-0.3
5.5
V
Permanent
Voltage
V
Q1
-0.3
6.2
V
t < 10 s1)
Current
I
Q1
2
mA
Internally limited
Output Q2
Voltage
V
Q2
-0.3
5.5
V
Permanent
Voltage
V
Q2
-0.3
6.2
V
t < 10 s1)
Current
I
Q2
mA
Internally limited
Inhibit Input INH
Voltage
V
INH
-0.3
45
V
Observe current limit
I
INHmax
2)
Current
I
INH
-1
1
mA
Reset Output RO
Voltage
V
RO
-0.3
5.5
V
Permanent
Voltage
V
RO
-0.3
6.2
V
t < 10 s1)
Current
I
RO
mA
internally limited
Delay Timing DT
Voltage
V
DT
-0.3
5.5
V
Permanent
Voltage
V
DT
-0.3
6.2
V
t < 10 s1)
Current
I
DT
-5
5
mA


Similar Part No. - TLE7469GV53

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7469GV53 INFINEON-TLE7469GV53 Datasheet
644Kb / 21P
   Dual Low Drop Voltage Regulator
Rev. 1.3, 2004-10-28
More results

Similar Description - TLE7469GV53

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1701 AIC-AIC1701 Datasheet
669Kb / 15P
   150mA, 3關A Ultra Low Quiescent Current LDO Voltage Regulator
logo
National Semiconductor ...
LM9036 NSC-LM9036 Datasheet
167Kb / 7P
   Ultra-Low Quiescent Current Voltage Regulator
logo
Texas Instruments
LM9036 TI-LM9036_15 Datasheet
964Kb / 15P
[Old version datasheet]   Ultra-Low Quiescent Current Voltage Regulator
logo
National Semiconductor ...
LM9036 NSC-LM9036_08 Datasheet
224Kb / 10P
   Ultra-Low Quiescent Current Voltage Regulator
logo
Texas Instruments
LM9036Q TI-LM9036Q_15 Datasheet
835Kb / 14P
[Old version datasheet]   Ultra-Low Quiescent Current Voltage Regulator
LM9036Q TI1-LM9036Q Datasheet
261Kb / 10P
[Old version datasheet]   Ultra-Low Quiescent Current Voltage Regulator
logo
Infineon Technologies A...
TLE4285G INFINEON-TLE4285G_08 Datasheet
219Kb / 12P
   5-V Voltage Regulator Low quiescent current consumption
Rev. 2.2, 2008-04-21
TLS805B1SJV INFINEON-TLS805B1SJV_15 Datasheet
1Mb / 22P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-05
TLS810C1EJV33 INFINEON-TLS810C1EJV33_15 Datasheet
2Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-11
TLS805D1LDV50 INFINEON-TLS805D1LDV50 Datasheet
1Mb / 29P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com