Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7469GV53 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE7469GV53
Description  Dual Low Drop Voltage Regulator Ultra low quiescent current consumption < 55 關A
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7469GV53 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE7469GV53 Datasheet HTML 4Page - Infineon Technologies AG TLE7469GV53 Datasheet HTML 5Page - Infineon Technologies AG TLE7469GV53 Datasheet HTML 6Page - Infineon Technologies AG TLE7469GV53 Datasheet HTML 7Page - Infineon Technologies AG TLE7469GV53 Datasheet HTML 8Page - Infineon Technologies AG TLE7469GV53 Datasheet HTML 9Page - Infineon Technologies AG TLE7469GV53 Datasheet HTML 10Page - Infineon Technologies AG TLE7469GV53 Datasheet HTML 11Page - Infineon Technologies AG TLE7469GV53 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Data Sheet
8
Rev. 1.6, 2008-01-22
TLE 7469
Table 4
Electrical Characteristics
V
I1 = 13.5 V; VI2 = 13.5 V; -40 °C < Tj < 150 °C; unless otherwise specified
Parameter
Symbol
Limit Values
Unit
Test Condition
Min.
Typ.
Max.
Output Q1
Output voltage
V
Q1
4.90
5.0
5.10
V
1 mA <
I
Q1 < 215 mA,
6 V <
V
I1 < 16 V
Output current
limitation
I
Q1
320
700
mA
V
Q1 = 4.0 V
Output drop voltage;
V
DRQ1 = VI1 - VQ1
V
DRQ1
300
600
mV
I
Q1 = 215 mA
1)
Load regulation
V
Q1,Lo
–25
60
mV
1 mA <
I
Q1 < 215 mA
Line regulation
V
Q1,Li
–20
50
mV
I
Q1 = 1 mA,
10 V <
V
I < 28 V
Power Supply Ripple
Rejection
PSRR
–60
dB
f
r = 100 Hz,
V
r = 1 Vpp
Reverse Output
Current Protection
V
Q,REV
––
5.5
V
I
Q,REV = 1 mA,
V
INH = 0 V
Output Q2
Output voltage
V
Q2
2.50
2.60
2.70
V
1 mA <
I
Q2 < 200 mA,
6 V <
V
I2 < 16 V,
TLE 7469 GV52
Output voltage
V
Q2
3.20
3.30
3.40
V
1 mA <
I
Q2 < 200 mA,
6 V <
V
I2 < 16 V,
TLE 7469 GV53
Absolute differential
voltage
V
Q1 - VQ2
-0.5
3.0
V
V
Q1, VQ2 > 1 V
Output current
limitation
I
Q2
300
550
mA
V
Q2 = 2.0 V
Load regulation
V
Q2,Lo
–25
60
mV
1 mA <
I
Q2 < 200 mA
Line regulation
V
Q22,Li
–20
50
mV
I
Q2 = 1 mA,
10 V <
V
I < 28 V
Power Supply Ripple
Rejection
PSRR
–60
dB
f
r = 100 Hz,
V
r = 1 Vpp


Similar Part No. - TLE7469GV53

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7469GV53 INFINEON-TLE7469GV53 Datasheet
644Kb / 21P
   Dual Low Drop Voltage Regulator
Rev. 1.3, 2004-10-28
More results

Similar Description - TLE7469GV53

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1701 AIC-AIC1701 Datasheet
669Kb / 15P
   150mA, 3關A Ultra Low Quiescent Current LDO Voltage Regulator
logo
National Semiconductor ...
LM9036 NSC-LM9036 Datasheet
167Kb / 7P
   Ultra-Low Quiescent Current Voltage Regulator
logo
Texas Instruments
LM9036 TI-LM9036_15 Datasheet
964Kb / 15P
[Old version datasheet]   Ultra-Low Quiescent Current Voltage Regulator
logo
National Semiconductor ...
LM9036 NSC-LM9036_08 Datasheet
224Kb / 10P
   Ultra-Low Quiescent Current Voltage Regulator
logo
Texas Instruments
LM9036Q TI-LM9036Q_15 Datasheet
835Kb / 14P
[Old version datasheet]   Ultra-Low Quiescent Current Voltage Regulator
LM9036Q TI1-LM9036Q Datasheet
261Kb / 10P
[Old version datasheet]   Ultra-Low Quiescent Current Voltage Regulator
logo
Infineon Technologies A...
TLE4285G INFINEON-TLE4285G_08 Datasheet
219Kb / 12P
   5-V Voltage Regulator Low quiescent current consumption
Rev. 2.2, 2008-04-21
TLS805B1SJV INFINEON-TLS805B1SJV_15 Datasheet
1Mb / 22P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-05
TLS810C1EJV33 INFINEON-TLS810C1EJV33_15 Datasheet
2Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-11
TLS805D1LDV50 INFINEON-TLS805D1LDV50 Datasheet
1Mb / 29P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com