Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX238ERG Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX238ERG
Description  5V-Powered, Multichannel RS-232 Drivers/Receivers
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX238ERG Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX238ERG Datasheet HTML 6Page - Maxim Integrated Products MAX238ERG Datasheet HTML 7Page - Maxim Integrated Products MAX238ERG Datasheet HTML 8Page - Maxim Integrated Products MAX238ERG Datasheet HTML 9Page - Maxim Integrated Products MAX238ERG Datasheet HTML 10Page - Maxim Integrated Products MAX238ERG Datasheet HTML 11Page - Maxim Integrated Products MAX238ERG Datasheet HTML 12Page - Maxim Integrated Products MAX238ERG Datasheet HTML 13Page - Maxim Integrated Products MAX238ERG Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
+5V-Powered, Multichannel RS-232
Drivers/Receivers
10
______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
MAX225/MAX244–MAX249
18
2
01
2
3
4
5
TRANSMITTER SLEW RATE
vs. LOAD CAPACITANCE
8
6
4
16
LOAD CAPACITANCE (nF)
14
12
10
VCC = +5V
EXTERNAL POWER SUPPLY
1
μF CAPACITORS
40kb/s DATA RATE
8 TRANSMITTERS
LOADED WITH 3k
Ω
10
-10
0
5
10
15
20
25
30
35
OUTPUT VOLTAGE
vs. LOAD CURRENT FOR V+ AND V-
-2
-4
-6
-8
8
LOAD CURRENT (mA)
6
4
2
0
V+ AND V- LOADED
EITHER V+ OR
V- LOADED
V+ AND V- LOADED
VCC = +5V
EXTERNAL CHARGE PUMP
1
μF CAPACITORS
8 TRANSMITTERS
DRIVING 5k
Ω AND
2000pF AT 20kb/s
V- LOADED
V+ LOADED
9.0
5.0
01
2
34
5
TRANSMITTER OUTPUT VOLTAGE (V+, V-)
vs. LOAD CAPACITANCE AT
DIFFERENT DATA RATES
6.0
5.5
8.5
LOAD CAPACITANCE (nF)
8.0
7.5
7.0
6.5
VCC = +5V WITH ALL TRANSMITTERS DRIVEN
LOADED WITH 5k
Ω
40kb/s
60kb/s
100kb/s
200kb/s
ALL CAPACITIORS 1
μF
10kb/s
20kb/s


Similar Part No. - MAX238ERG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX238ERG MAXIM-MAX238ERG Datasheet
395Kb / 36P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
MAX238ERG MAXIM-MAX238ERG Datasheet
676Kb / 38P
   MAX220?밠AX249 5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
More results

Similar Description - MAX238ERG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX220 MAXIM-MAX220_15 Datasheet
408Kb / 39P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 17; 1/15
MAX233AEWP-TG36 MAXIM-MAX233AEWP-TG36 Datasheet
1Mb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX220 MAXIM-MAX220_V01 Datasheet
2Mb / 39P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
19-4323; Rev 18; 5/19
MAX232CSE-T MAXIM-MAX232CSE-T Datasheet
1Mb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX220 MAXIM-MAX220 Datasheet
395Kb / 36P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
MAX232AESE-T MAXIM-MAX232AESE-T Datasheet
1Mb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX232-ACWE MAXIM-MAX232-ACWE Datasheet
1Mb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX249CQHTD MAXIM-MAX249CQHTD Datasheet
676Kb / 38P
   MAX220?밠AX249 5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX250 MAXIM-MAX250_14 Datasheet
8Mb / 13P
   5V Powered Isolates RS-232 Drivers/Receivers
Rev 1; 7/89
MAX250 MAXIM-MAX250 Datasheet
416Kb / 12P
   5V Powered Isolated RS-232 Drivers/Receivers
19-2002; Rev 0; 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com