Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDP45E60 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IDP45E60
Description  Fast Switching Diode Product
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDP45E60 Datasheet(HTML) 1 Page - Infineon Technologies AG

  IDP45E60 Datasheet HTML 1Page - Infineon Technologies AG IDP45E60 Datasheet HTML 2Page - Infineon Technologies AG IDP45E60 Datasheet HTML 3Page - Infineon Technologies AG IDP45E60 Datasheet HTML 4Page - Infineon Technologies AG IDP45E60 Datasheet HTML 5Page - Infineon Technologies AG IDP45E60 Datasheet HTML 6Page - Infineon Technologies AG IDP45E60 Datasheet HTML 7Page - Infineon Technologies AG IDP45E60 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2009-09-2
8
Rev.2.
4
Page 1
IDP45E60
Fast Switching Diode
Product Summary
VRRM
600
V
IF
45
A
VF
1.5
V
Tjmax
175
°C
Pin 1
PIN 2
PIN 3
C
A
-
Marking
D45E60
Type
Package
Ordering Code
IDP45E60
PG-TO220-2-2.
-
Maximum Ratings, at
Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Value
Unit
Repetitive peak reverse voltage
VRRM
600
V
Continous forward current
TC=25°C
TC=90°C
IF
71
47
A
Surge non repetitive forward current
TC=25°C, tp=10 ms, sine halfwave
IFSM
162
Maximum repetitive forward current
TC=25°C, tp limited by Tjmax, D=0.5
IFRM
111.5
Power dissipation
TC=25°C
TC=90°C
Ptot
187
106
W
Operating and storage temperature
Tj , Tstg
-55...+175
°C
Soldering temperature
wavesoldering, 1.6mm (0.063 in.) from case for 10s
TS
260
°C
Features
600 V diode technology
• Fast recovery
• Soft switching
• Low reverse recovery charge
• Low forward voltage
• Easy paralleling
• Pb-free lead plating; RoHS compliant
• Halogen-free according to IEC61249-2-21
• Qualified according to JEDEC for target applications
PG-TO220-2


Similar Part No. - IDP45E60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDP45E60 INFINEON-IDP45E60 Datasheet
198Kb / 9P
   Fast Switching EmCon Diode
Rev.2 2003-07-31
IDP45E60 INFINEON-IDP45E60_14 Datasheet
518Kb / 8P
   Fast Switching Emitter Controlled Diode
2013-12-05 revision:2.5
More results

Similar Description - IDP45E60

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
DAN217G ZOWIE-DAN217G Datasheet
141Kb / 2P
   Switching Diode Lead free product
logo
Diodes Incorporated
1N4151 DIODES-1N4151 Datasheet
49Kb / 1P
   FAST SWITCHING DIODE
DS12014 Rev. F-2
logo
Jiangsu Changjiang Elec...
1N4448WT JIANGSU-1N4448WT Datasheet
829Kb / 4P
   FAST SWITCHING DIODE
logo
GOOD-ARK Electronics
LS4154 GOOD-ARK-LS4154 Datasheet
103Kb / 2P
   Fast Switching Diode
logo
Chenmko Enterprise Co. ...
LL4150PT CHENMKO-LL4150PT Datasheet
121Kb / 2P
   FAST SWITCHING DIODE
logo
Shanghai Shunye Electro...
1N4448W SY-1N4448W Datasheet
932Kb / 2P
   FAST SWITCHING DIODE
logo
Vishay Siliconix
LL4148 VISHAY-LL4148_04 Datasheet
111Kb / 4P
   Fast Switching Diode
Rev. 1.7, 06-Feb-04
logo
New Jersey Semi-Conduct...
1N914 NJSEMI-1N914 Datasheet
62Kb / 1P
   FAST SWITCHING DIODE
logo
Jiangsu Changjiang Elec...
BAV16W JIANGSU-BAV16W_17 Datasheet
1Mb / 5P
   FAST SWITCHING DIODE
logo
Infineon Technologies A...
IDP30E60 INFINEON-IDP30E60_09 Datasheet
701Kb / 8P
   Fast Switching Diode
Rev.2.4 2009-09-28
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com