Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6282G Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE6282G
Description  Dual Half Bridge Driver IC Compatible to very low ohmic normal
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6282G Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE6282G Datasheet HTML 2Page - Infineon Technologies AG TLE6282G Datasheet HTML 3Page - Infineon Technologies AG TLE6282G Datasheet HTML 4Page - Infineon Technologies AG TLE6282G Datasheet HTML 5Page - Infineon Technologies AG TLE6282G Datasheet HTML 6Page - Infineon Technologies AG TLE6282G Datasheet HTML 7Page - Infineon Technologies AG TLE6282G Datasheet HTML 8Page - Infineon Technologies AG TLE6282G Datasheet HTML 9Page - Infineon Technologies AG TLE6282G Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Data Sheet TLE6282G
Data Sheet
6
Rev 2.4 2008-03-18
Dynamic characteristics (pls. see test circuit and timing diagram)
Turn on current @ VGxx -VSxx = 0V; Tj=25°C
@ VGxx -VSxx = 4V; Tj=125°C
@ CLoad=22nF; RLoad=0Ω
IGxx(on)
--
--
850
700
--
--
mA
Turn off current @ VGxx -VSxx = 10V; Tj=25°C
@ VGxx -VSxx = 4V; Tj=125°C
@ CLoad=22nF; RLoad=0Ω
IGxx(off)
--
--
580
300
--
--
mA
Dead time (adjustable) @ RDT = 1 k
@ RDT = 10 k
@ RDT = 50 k
@ RDT = 200 k
@ CLoad=10nF ; Rload=1Ω
tDT
--
0.05
0.40
--
0
0.24
1.0
3.1
--
0.38
2.50
--
µs
Rise time @ CLoad=10nF ; Rload=1Ω (20% to 80%)
t rise
--
100
300
ns
Fall time @ CLoad=10nF ; Rload=1Ω (80% to 20%)
tfall
--
150
440
ns
Disable propagation time
@ CLoad=10nF ; Rload=1Ω
tP(DIS)
3.4
5
7
µs
Reset time of diagnosis
@ CLoad=10nF ; Rload=1Ω
tP(CL)
1
2
3.1
µs
Input propagation time
(low side turns on, 0% to 10%)
tP(ILN)
--
160
500
ns
Input propagation time
(low side turns off, 100% to 90%)
tP(ILF)
--
100
500
ns
Input propagation time
(high side turns on, 0% to 10%)
tP(IHN)
--
120
500
ns
Input propagation time
(high side turns off, 100% to 90%)
tP(IHF)
--
120
500
ns
Input propagation time difference
(all channels turn on)
tP(Diff)
20
40
70
ns
Input propagation time difference
(all channels turn off)
tP(Diff)
--
20
50
ns
Input propagation time difference
(one channel; low on – high off)
tP(Diff)
--
40
150
ns
Input propagation time difference
(one channel; high on – low off)
tP(Diff)
--
20
150
ns
Input propagation time difference
(all channels; low on – high off)
tP(Diff)
--
40
150
ns
Input propagation time difference
(all channels; high on – low off)
tP(Diff)
--
20
150
ns


Similar Part No. - TLE6282G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6282G INFINEON-TLE6282G Datasheet
220Kb / 14P
   Dual Half Bridge Driver IC
Rev 2.2 2006-03-07
TLE6282G INFINEON-TLE6282G Datasheet
312Kb / 16P
   Dual Half Bridge Driver IC
Rev 2.5 2011-05-24
TLE6282G INFINEON-TLE6282G_11 Datasheet
312Kb / 16P
   Dual Half Bridge Driver IC
Rev 2.5 2011-05-24
More results

Similar Description - TLE6282G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6282G INFINEON-TLE6282G_11 Datasheet
312Kb / 16P
   Dual Half Bridge Driver IC
Rev 2.5 2011-05-24
TLE6282G INFINEON-TLE6282G Datasheet
220Kb / 14P
   Dual Half Bridge Driver IC
Rev 2.2 2006-03-07
TLE7181EM INFINEON-TLE7181EM Datasheet
642Kb / 29P
   H-Bridge and Dual Half Bridge Driver IC
Rev 1.1, Sept. 2010
TLE7182EM INFINEON-TLE7182EM Datasheet
604Kb / 28P
   H-Bridge and Dual Half Bridge Driver IC
Rev 1.1, Sept. 2010
logo
NXP Semiconductors
UBA2080 PHILIPS-UBA2080 Datasheet
587Kb / 15P
   Half-bridge driver IC
Rev. 1.1-6 December 2011
NWP2081T PHILIPS-NWP2081T Datasheet
105Kb / 12P
   Half-bridge driver IC
Rev. 1-3 September 2013
logo
Infineon Technologies A...
TLE4208G INFINEON-TLE4208G_16 Datasheet
1Mb / 16P
   Quad Half-Bridge Driver IC
Rev. 1.4, 2016-02-02
TLE84110EL INFINEON-TLE84110EL Datasheet
775Kb / 33P
   Deca-Half-Bridge Driver IC
Rev. 1.0, April 2010
TLE84106EL INFINEON-TLE84106EL Datasheet
746Kb / 31P
   Hex-Half-Bridge Driver IC
Rev. 1.0, April 2010
logo
International Rectifier
IR21141SS IRF-IR21141SS Datasheet
721Kb / 34P
   HALF-BRIDGE GATE DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com