Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IGP30N60T Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IGP30N60T
Description  Low Loss IGBT in TrenchStop and Fieldstop technology
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IGP30N60T Datasheet(HTML) 2 Page - Infineon Technologies AG

  IGP30N60T_09 Datasheet HTML 1Page - Infineon Technologies AG IGP30N60T_09 Datasheet HTML 2Page - Infineon Technologies AG IGP30N60T_09 Datasheet HTML 3Page - Infineon Technologies AG IGP30N60T_09 Datasheet HTML 4Page - Infineon Technologies AG IGP30N60T_09 Datasheet HTML 5Page - Infineon Technologies AG IGP30N60T_09 Datasheet HTML 6Page - Infineon Technologies AG IGP30N60T_09 Datasheet HTML 7Page - Infineon Technologies AG IGP30N60T_09 Datasheet HTML 8Page - Infineon Technologies AG IGP30N60T_09 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
IGP30N60T
TrenchStop Series
IGW30N60T
Power Semiconductors
2
Rev. 2.
6 Nov. 09
®
Thermal Resistance
Parameter
Symbol
Conditions
Max. Value
Unit
Characteristic
IGBT thermal resistance,
junction – case
RthJC
0.80
Thermal resistance,
junction – ambient
RthJA
PG-TO-220-3-1
PG-TO-247-3-21
62
40
K/W
Electrical Characteristic, at Tj = 25
°C, unless otherwise specified
Value
Parameter
Symbol
Conditions
min.
typ.
max.
Unit
Static Characteristic
Collector-emitter breakdown voltage
V(BR)CES VGE=0V, IC=0.2mA
600
-
-
Collector-emitter saturation voltage
VCE(sat)
VGE = 15V, IC=30A
Tj=25
°C
Tj=175
°C
-
-
1.5
1.9
2.05
-
Gate-emitter threshold voltage
VGE(th)
IC=0.43mA,
VCE=VGE
4.1
4.9
5.7
V
Zero gate voltage collector current
ICES
VCE=600V,
VGE=0V
Tj=25
°C
Tj=175
°C
-
-
-
-
40
1000
µA
Gate-emitter leakage current
IGES
VCE=0V,VGE=20V
-
-
100
nA
Transconductance
gfs
VCE=20V, IC=30A
-
16.7
-
S
Integrated gate resistor
RGint
-
Dynamic Characteristic
Input capacitance
Ciss
-
1630
-
Output capacitance
Coss
-
108
-
Reverse transfer capacitance
Crss
VCE=25V,
VGE=0V,
f=1MHz
-
50
-
pF
Gate charge
QGate
VCC=480V, IC=30A
VGE=15V
-
167
-
nC
Internal emitter inductance
measured 5mm (0.197 in.) from case
LE
PG-TO-220-3-1
PG-TO-247-3-21
-
-
7
13
-
-
nH
Short circuit collector current
1)
IC(SC)
VGE=15V,tSC
≤5µs
VCC = 400V,
Tj = 150
°C
-
275
-
A
1) Allowed number of short circuits: <1000; time between short circuits: >1s.


Similar Part No. - IGP30N60T_09

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGP30N60T INFINEON-IGP30N60T Datasheet
378Kb / 12P
   LOW LOSS IGBT IN TRENCH AND FILEDSTOP TECHNOLOGY
Rev. 2.2 Dec-04
More results

Similar Description - IGP30N60T_09

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGW60T120 INFINEON-IGW60T120_09 Datasheet
351Kb / 12P
   Low Loss IGBT in TrenchStop and Fieldstop technology
Rev. 2.4 Nov. 09
IGW75N60T INFINEON-IGW75N60T_09 Datasheet
403Kb / 12P
   Low Loss IGBT in TrenchStop and Fieldstop technology
Rev. 2.5 Nov 09
IGB30N60T INFINEON-IGB30N60T Datasheet
358Kb / 12P
   Low Loss IGBT in TrenchStop and Fieldstop technology
Rev. 2.1 June 06
IGP15N60T INFINEON-IGP15N60T Datasheet
362Kb / 12P
   Low Loss IGBT in TrenchStop and Fieldstop technology
Rev. 2.1 June 06
IGP10N60T INFINEON-IGP10N60T Datasheet
316Kb / 12P
   Low Loss IGBT in TrenchStop and Fieldstop technology
Rev. 2.2 June 06
IGW40T120 INFINEON-IGW40T120_09 Datasheet
356Kb / 13P
   Low Loss IGBT in TrenchStop and Fieldstop technology
Rev. 2.4 Nov. 09
IGW08T120 INFINEON-IGW08T120 Datasheet
352Kb / 12P
   Low Loss IGBT in TrenchStop and Fieldstop technology
Rev. 2.6 Nov. 09
IGW30N60T INFINEON-IGW30N60T_15 Datasheet
495Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.8 19.05.2015
IGB50N60T INFINEON-IGB50N60T_15 Datasheet
648Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.7 19.05.2015
IGB10N60T INFINEON-IGB10N60T_15 Datasheet
608Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.1 30.04.2015
IGW75N60T INFINEON-IGW75N60T_14 Datasheet
546Kb / 12P
   Low Loss IGBT: IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.6 20.09.2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com