Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4286G Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE4286G
Description  5-V Voltage Regulator 15 mA output current capability
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4286G Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE4286G Datasheet HTML 1Page - Infineon Technologies AG TLE4286G Datasheet HTML 2Page - Infineon Technologies AG TLE4286G Datasheet HTML 3Page - Infineon Technologies AG TLE4286G Datasheet HTML 4Page - Infineon Technologies AG TLE4286G Datasheet HTML 5Page - Infineon Technologies AG TLE4286G Datasheet HTML 6Page - Infineon Technologies AG TLE4286G Datasheet HTML 7Page - Infineon Technologies AG TLE4286G Datasheet HTML 8Page - Infineon Technologies AG TLE4286G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Data Sheet
2
Rev. 2.3, 2008-04-21
TLE 4286 G
Figure 1
Pin Configuration (top view)
Table 1
Pin Definitions and Functions
Pin No.
Symbol
Function
1INH
Inhibit input; H for active (
V
Q = 5 V) and L for stand-by
2GND
Ground; internally connected to pin 5
3I
Input voltage
4Q
Output voltage; must be blocked by a capacitor
C
Q ≥ 1 µF, ESR ≤ 10 Ω to GND
5GND
Ground; internally connected to pin 2
AEP02253
2
3
1
4
5
INH
GND
Ι
GND
Q
PG-SCT-595-5


Similar Part No. - TLE4286G

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4286G SIEMENS-TLE4286G Datasheet
42Kb / 9P
   5-V Voltage Regulator
More results

Similar Description - TLE4286G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4276 INFINEON-TLE4276_07 Datasheet
288Kb / 20P
   Low Drop Voltage Regulator 400 mA current capability
Rev. 2.7, 2007-10-23
TLE4252G INFINEON-TLE4252G Datasheet
348Kb / 12P
   Low Dropout Tracking Regulator 250 mA output current capability
Rev. 1.0, 2008-05-09
logo
STMicroelectronics
L99VR02J STMICROELECTRONICS-L99VR02J Datasheet
176Kb / 7P
   Automotive linear voltage regulator with configurable output voltage having 500 mA current capability
October 2020 Rev 2
logo
ON Semiconductor
NCP12700 ONSEMI-NCP12700 Datasheet
168Kb / 20P
   Startup Regulator Circuit with 15 mA Capability
June, 2018 ??Rev. 0
logo
Infineon Technologies A...
TLE4251 INFINEON-TLE4251_07 Datasheet
373Kb / 13P
   Low Drop Voltage Tracker 400 mA output current capability
Rev. 2.9, 2007-03-20
logo
STMicroelectronics
L99VR01 STMICROELECTRONICS-L99VR01 Datasheet
3Mb / 47P
   Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
August 2022 Rev 3
logo
Infineon Technologies A...
TLE4473GV53 INFINEON-TLE4473GV53_08 Datasheet
292Kb / 16P
   Dual Low Drop Voltage Regulator Output 2: 180 mA, 5 V (짹2%)
Rev. 1.1, 2008-09-19
logo
Shanghai Leiditech Elec...
KIA78L05 LEIDITECH-KIA78L05 Datasheet
4Mb / 3P
   Maximum Output Current Output Voltage VO: 5 V
logo
Texas Instruments
NE567V TI-NE567V Datasheet
1Mb / 18P
[Old version datasheet]   Logic Compatible Output with 100 mA Current Sinking Capability
TLV760 TI1-TLV760 Datasheet
1Mb / 25P
[Old version datasheet]   100-mA, 30-V, Fixed-Output, Linear-Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com