Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC9328MX21CVK Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MC9328MX21CVK
Description  266 MHz i.MX family of microprocessors
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9328MX21CVK Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC9328MX21CVK Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9328MX21CVK Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9328MX21CVK Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9328MX21CVK Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9328MX21CVK Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9328MX21CVK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9328MX21CVK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9328MX21CVK Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9328MX21CVK Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 100 page
background image
MC9328MX21 Technical Data, Rev. 3.4
6
Freescale Semiconductor
Signal Descriptions
EB1
Byte Strobe—Active low external enable byte signal that controls D [23:16], shared with SDRAM DQM1.
EB2
Byte Strobe—Active low external enable byte signal that controls D [15:8], shared with SDRAM DQM2
and PCMCIA PC_REG.
EB3
LSB Byte Strobe—Active low external enable byte signal that controls D [7:0], shared with SDRAM
DQM3 and PCMCIA PC_IORD.
OE
Memory Output Enable—Active low output enables external data bus, shared with PCMCIA PC_IOWR.
CS [5:0]
Chip Select—The chip select signals CS [3:2] are multiplexed with CSD [1:0] and are selected by the
Function Multiplexing Control Register (FMCR) in the System Control chapter. By default CSD [1:0] is
selected. DTACK is multiplexed with CS4.
ECB
Active low input signal sent by flash device to the EIM whenever the flash device must terminate an on-
going burst sequence and initiate a new (long first access) burst sequence.
LBA
Active low signal sent by flash device causing the external burst device to latch the starting burst
address.
BCLK
Clock signal sent to external synchronous memories (such as burst flash) during burst mode.
RW
RW signal—Indicates whether external access is a read (high) or write (low) cycle. This signal is also
shared with the PCMCIA PC_WE.
DTACK
DTACK signal—External input data acknowledge signal, multiplexed with CS4.
Bootstrap
BOOT [3:0]
System Boot Mode Select—The operational system boot mode upon system reset is determined by the
settings of these pins. To hardwire these inputs low, terminate with a 1 KΩ resister to ground. For a logic
high, terminate with a 1 KΩ resistor to VDDA. Do not change the state of these inputs after power-up.
Boot 3 should always be tied to logic low.
SDRAM Controller
SDBA [4:0]
SDRAM non-interleave mode bank address signals. These signals are multiplexed with address signals
A[20:16].
SDIBA [3:0]
SDRAM interleave addressing mode bank address signals. These signals are multiplexed with address
signals A[24:21].
MA [11:0]
SDRAM address signals. MA[9:0] are multiplexed with address signals A[10:1].
DQM [3:0]
SDRAM data qualifier mask multiplexed with EB[3:0]. DQM3 corresponds to D[31:24], DQM2
corresponds to D[23:16], DQM1 corresponds to D[15:8], and DQM0 corresponds to D[7:0].
CSD0
SDRAM Chip Select signal. This signal is multiplexed with the CS2 signal. This signal is selectable by
programming the Function Multiplexing Control Register in the System Control chapter.
CSD1
SDRAM Chip Select signal. This signal is multiplexed with the CS3 signal. This signal is selectable by
programming the Function Multiplexing Control Register in the System Control chapter.
RAS
SDRAM Row Address Select signal.
CAS
SDRAM Column Address Select signal
SDWE
SDRAM Write Enable signal
SDCKE0
SDRAM Clock Enable 0
SDCKE1
SDRAM Clock Enable 1
SDCLK
SDRAM Clock
Table 2. i.MX21 Signal Descriptions (Continued)
Signal Name
Function/Notes


Similar Part No. - MC9328MX21CVK

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9328MX21CVK MOTOROLA-MC9328MX21CVK Datasheet
1Mb / 106P
   i.MX family of microprocessors
logo
Freescale Semiconductor...
MC9328MX21CVK FREESCALE-MC9328MX21CVK Datasheet
1Mb / 98P
   i.MX family of microprocessors
MC9328MX21CVK FREESCALE-MC9328MX21CVK Datasheet
2Mb / 100P
   i.MX family of microprocessors
logo
NXP Semiconductors
MC9328MX21CVK NXP-MC9328MX21CVK Datasheet
1Mb / 100P
   MC9328MX21 266 MHz
Rev. 3.4, 07/2010
More results

Similar Description - MC9328MX21CVK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9328MX21S FREESCALE-MC9328MX21S_08 Datasheet
1Mb / 88P
   i.MX family of microprocessors 266 MHz
MC9328MX21 FREESCALE-MC9328MX21_09 Datasheet
2Mb / 100P
   i.MX family of microprocessors
logo
Motorola, Inc
MC9328MX21 MOTOROLA-MC9328MX21 Datasheet
1Mb / 106P
   i.MX family of microprocessors
logo
Freescale Semiconductor...
MC9328MX21 FREESCALE-MC9328MX21_06 Datasheet
1Mb / 98P
   i.MX family of microprocessors
logo
NXP Semiconductors
MC9328MX21S NXP-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
Rev. 1.3, 06/2008
logo
Freescale Semiconductor...
MC9328MX21S FREESCALE-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
logo
NXP Semiconductors
IMX7DCEC NXP-IMX7DCEC_V01 Datasheet
2Mb / 161P
   i.MX 7Dual Family of Applications Processors Datasheet
Rev. 7, 09/2023
logo
STMicroelectronics
STA1074 STMICROELECTRONICS-STA1074 Datasheet
322Kb / 16P
   Telemaco2 family of telematics and connectivity microprocessors
September 2015 Rev 1
logo
NXP Semiconductors
IMX7SCEC NXP-IMX7SCEC_V01 Datasheet
3Mb / 155P
   i.MX 7Solo Family of Applications Processors Datasheet
Rev. 7, 09/2023
IMX7DCEC NXP-IMX7DCEC Datasheet
1Mb / 158P
   i.MX 7Dual Family
Rev. 5, 07/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com