Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC9328MX21CVM Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MC9328MX21CVM
Description  266 MHz i.MX family of microprocessors
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9328MX21CVM Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC9328MX21CVM Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9328MX21CVM Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9328MX21CVM Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9328MX21CVM Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9328MX21CVM Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9328MX21CVM Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9328MX21CVM Datasheet HTML 10Page - Freescale Semiconductor, Inc MC9328MX21CVM Datasheet HTML 11Page - Freescale Semiconductor, Inc MC9328MX21CVM Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 100 page
background image
MC9328MX21 Technical Data, Rev. 3.4
8
Freescale Semiconductor
Signal Descriptions
CSI_VSYNC
Sensor port vertical sync
CSI_HSYNC
Sensor port horizontal sync
CSI_PIXCLK
Sensor port data latch clock
LCD Controller
LD [17:0]
LCD Data Bus—All LCD signals are driven low after reset and when LCD is off. LD[15:0] signals are
multiplexed with SLCDC1_DAT[15:0] from SLCDC1 and BMI_D[15:0]. LD[17] signal is multiplexed with
BMI_WRITE of BMI. LD[16] is multiplexed with BMI_READ_REQ of BMI and EXT_DMAGRANT.
FLM_VSYNC
(or simply referred
to as VSYNC)
Frame Sync or Vsync—This signal also serves as the clock signal output for gate
driver (dedicated signal SPS for Sharp panel HR-TFT). This signal is multiplexed with BMI_RXF_FULL
and BMI_WAIT of the BMI.
LP_HSYNC (or simply
referred to as HSYNC)
Line Pulse or HSync
LSCLK
Shift Clock. This signal is multiplexed with the BMI_CLK_CS from BMI.
OE_ACD
Alternate Crystal Direction/Output Enable.
CONTRAST
This signal is used to control the LCD bias voltage as contrast control. This signal is multiplexed with the
BMI_READ from BMI.
SPL_SPR
Sampling start signal for left and right scanning. This signal is multiplexed with the SLCDC1_CLK.
PS
Control signal output for source driver (Sharp panel dedicated signal). This signal is multiplexed with the
SLCDC1_CS.
CLS
Start signal output for gate driver. This signal is invert version of PS (Sharp panel dedicated signal). This
signal is multiplexed with the SLCDC1_RS.
REV
Signal for common electrode driving signal preparation (Sharp panel dedicated signal). This signal is
multiplexed with SLCDC1_D0.
Smart LCD Controller
SLCDC1_CLK
SLCDC Clock output signal. This signal is multiplexed and available at 2 alternate locations. These are
SPL_SPR and SD2_CLK signals of LCDC and SD2, respectively.
SLCDC1_CS
SLCDC Chip Select output signal. This signal is multiplexed and available at 2 alternate signal locations.
These are PS and SD2_CMD signals of LCDC and SD2, respectively.
SLCDC1_RS
SLCDC Register Select output signal. This signal is multiplexed and available at 2 alternate signal
locations. These are CLS and SD2_D3 signals of LCDC and SD2, respectively.
SLCDC1_D0
SLCDC serial data output signal. This signal is multiplexed and available at 2 alternate signal locations.
These are and REV and SD2_D2 signals of LCDC and SD2, respectively. This signal is inactive when a
parallel data interface is used.
SLCDC1_DAT[15:0] SLCDC Data output signals for connection to a parallel SLCD panel interface. These signals are
multiplexed with LD[15:0] while an alternate 8-bit SLCD muxing is available on LD[15:8]. Further
alternate muxing of these signals are available on some of the USB OTG and USBH1 signals.
SLCDC2_CLK
SLCDC Clock input signal for pass through to SLCD device. This signal is multiplexed with SSI3_CLK
signal from SSI3.
SLCDC2_CS
SLCDC Chip Select input signal for pass through to SLCD device. This signal is multiplexed with
SSI3_TXD signal from SSI3.
SLCDC2_RS
SLCDC Register Select input signal for pass through to SLCD device. This signal is multiplexed with
SSI3_RXD signal from SSI3.
Table 2. i.MX21 Signal Descriptions (Continued)
Signal Name
Function/Notes


Similar Part No. - MC9328MX21CVM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9328MX21CVM MOTOROLA-MC9328MX21CVM Datasheet
1Mb / 106P
   i.MX family of microprocessors
logo
Freescale Semiconductor...
MC9328MX21CVM FREESCALE-MC9328MX21CVM Datasheet
1Mb / 98P
   i.MX family of microprocessors
MC9328MX21CVM FREESCALE-MC9328MX21CVM Datasheet
2Mb / 100P
   i.MX family of microprocessors
logo
NXP Semiconductors
MC9328MX21CVM NXP-MC9328MX21CVM Datasheet
1Mb / 100P
   MC9328MX21 266 MHz
Rev. 3.4, 07/2010
More results

Similar Description - MC9328MX21CVM

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9328MX21S FREESCALE-MC9328MX21S_08 Datasheet
1Mb / 88P
   i.MX family of microprocessors 266 MHz
MC9328MX21 FREESCALE-MC9328MX21_09 Datasheet
2Mb / 100P
   i.MX family of microprocessors
logo
Motorola, Inc
MC9328MX21 MOTOROLA-MC9328MX21 Datasheet
1Mb / 106P
   i.MX family of microprocessors
logo
Freescale Semiconductor...
MC9328MX21 FREESCALE-MC9328MX21_06 Datasheet
1Mb / 98P
   i.MX family of microprocessors
logo
NXP Semiconductors
MC9328MX21S NXP-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
Rev. 1.3, 06/2008
logo
Freescale Semiconductor...
MC9328MX21S FREESCALE-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
logo
NXP Semiconductors
IMX7DCEC NXP-IMX7DCEC_V01 Datasheet
2Mb / 161P
   i.MX 7Dual Family of Applications Processors Datasheet
Rev. 7, 09/2023
logo
STMicroelectronics
STA1074 STMICROELECTRONICS-STA1074 Datasheet
322Kb / 16P
   Telemaco2 family of telematics and connectivity microprocessors
September 2015 Rev 1
logo
NXP Semiconductors
IMX7SCEC NXP-IMX7SCEC_V01 Datasheet
3Mb / 155P
   i.MX 7Solo Family of Applications Processors Datasheet
Rev. 7, 09/2023
IMX7DCEC NXP-IMX7DCEC Datasheet
1Mb / 158P
   i.MX 7Dual Family
Rev. 5, 07/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com