Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4296-2GV33 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4296-2GV33
Description  Low Drop Voltage Regulator Two versions: 3.3 V, 5.0 V
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4296-2GV33 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4296-2GV33 Datasheet HTML 2Page - Infineon Technologies AG TLE4296-2GV33 Datasheet HTML 3Page - Infineon Technologies AG TLE4296-2GV33 Datasheet HTML 4Page - Infineon Technologies AG TLE4296-2GV33 Datasheet HTML 5Page - Infineon Technologies AG TLE4296-2GV33 Datasheet HTML 6Page - Infineon Technologies AG TLE4296-2GV33 Datasheet HTML 7Page - Infineon Technologies AG TLE4296-2GV33 Datasheet HTML 8Page - Infineon Technologies AG TLE4296-2GV33 Datasheet HTML 9Page - Infineon Technologies AG TLE4296-2GV33 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Data Sheet
6
Rev. 1.1, 2008-01-28
TLE 4296-2
Table 4
Electrical Characteristics
V
I = 13.5 V; VINH > +2.5 VQ; -40 °C < Tj < 150 °C; unless otherwise specified
Parameter
Symbol
Limit Values
Unit
Test Condition
Min.
Typ.
Max.
Output voltage
V33 version
V
Q
3.17
3.30
3.43
V
1 mA <
I
Q < 30 mA
V
I = 13.5 V
3.17
3.30
3.43
V
I
Q = 10 mA
4.3 V <
V
I < 40 V
Output voltage
V50 version
V
Q
4.80
5.00
5.20
V
1 mA <
I
Q < 30 mA
V
I = 13.5 V
4.80
5.00
5.20
V
I
Q = 10 mA
6 V <
V
I < 40 V
Output current limitation
I
Q
30
mA
1)
Drop voltage
V
dr
0.25
0.30
V
I
Q = 20 mA
1)
Output capacitor
C
Q
3.3
µF
ESR
≤ 2 Ω
at 10 kHz
Current consumption
I
q = II - IQ
I
q
–25.2
mA
I
Q < 30 mA
Current consumption
I
q = II - IQ
I
q
–130
170
µA
I
Q < 0.1 mA;
T
j < 85 °C
Quiescent current
(stand-by)
I
q = II - IQ
I
q
–01
µA
V
INH = 0.4 V;
T
j < 85 °C
Quiescent current
(stand-by)
I
q = II - IQ
I
q
–05
µA
V
INH = 0.4 V


Similar Part No. - TLE4296-2GV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4296-2GV33 INFINEON-TLE4296-2GV33 Datasheet
217Kb / 11P
   Low Drop Voltage Regulator
Rev. 1.0, 2004-01-01
TLE4296-2GV33 INFINEON-TLE4296-2GV33 Datasheet
1Mb / 12P
   Low Drop Voltage Regulator
Rev. 1.11, 2011-02-10
TLE4296-2GV33 INFINEON-TLE4296-2GV33 Datasheet
1Mb / 12P
   Low Drop Voltage Regulator
Rev. 1.13, 2014-03-18
More results

Similar Description - TLE4296-2GV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4296 INFINEON-TLE4296_08 Datasheet
226Kb / 12P
   Low Drop Voltage Regulator Three versions: 3.0 V, 3.3 V, 5.0 V
Rev. 1.1, 2008-04-21
TLE4295 INFINEON-TLE4295_08 Datasheet
177Kb / 10P
   Low Drop Voltage Regulator Four versions: 2.6 V, 3.0 V, 3.3 V, 5.0 V
Rev. 1.4, 2008-04-21
TLE4266-2 INFINEON-TLE4266-2_08 Datasheet
212Kb / 12P
   Low Drop Voltage Regulator Fixed output voltage 5.0 V or 3.3 V
Rev. 1.4, 2008-03-10
logo
ON Semiconductor
NCV4275 ONSEMI-NCV4275 Datasheet
80Kb / 12P
   5.0 V Low-Drop Voltage Regulator
August, 2004 ??Rev. 8
NCV4275A ONSEMI-NCV4275A Datasheet
170Kb / 19P
   5.0 V, 3.3 V 450 mA Low-Dropout Voltage Regulator with Reset
April, 2010 ??Rev. 3
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
Siemens Semiconductor G...
TLE4263 SIEMENS-TLE4263 Datasheet
104Kb / 16P
   5-V Low-Drop Voltage Regulator
TLE4265 SIEMENS-TLE4265 Datasheet
65Kb / 11P
   5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4267 INFINEON-TLE4267_12 Datasheet
871Kb / 23P
   5-V Low Drop Voltage Regulator
2012-01-20 revision:2.51
logo
Integral Corp.
ILE4267 INTEGRAL-ILE4267 Datasheet
208Kb / 11P
   5-V Low-Drop Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com