Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKP20N60T Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IKP20N60T
Description  Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKP20N60T Datasheet(HTML) 5 Page - Infineon Technologies AG

  IKP20N60T_08 Datasheet HTML 1Page - Infineon Technologies AG IKP20N60T_08 Datasheet HTML 2Page - Infineon Technologies AG IKP20N60T_08 Datasheet HTML 3Page - Infineon Technologies AG IKP20N60T_08 Datasheet HTML 4Page - Infineon Technologies AG IKP20N60T_08 Datasheet HTML 5Page - Infineon Technologies AG IKP20N60T_08 Datasheet HTML 6Page - Infineon Technologies AG IKP20N60T_08 Datasheet HTML 7Page - Infineon Technologies AG IKP20N60T_08 Datasheet HTML 8Page - Infineon Technologies AG IKP20N60T_08 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
IKP20N60T
TrenchStop® Series
IKW20N60T
Power Semiconductors
5
Rev. 2.5 Sep. 08
0V
1V
2V
3V
0A
10A
20A
30A
40A
50A
15V
7V
9V
11V
13V
V
GE=20V
0V
1V
2V
3V
4V
0A
10A
20A
30A
40A
50A
15V
13V
7V
9V
11V
V
GE=20V
VCE, COLLECTOR-EMITTER VOLTAGE
VCE, COLLECTOR-EMITTER VOLTAGE
Figure 5. Typical output characteristic
(Tj = 25°C)
Figure 6. Typical output characteristic
(Tj = 175°C)
0V
2V
4V
6V
8V
0A
5A
10A
15A
20A
25A
30A
35A
25°C
T
J=175°C
0°C
50°C
100°C
150°C
0.0V
0.5V
1.0V
1.5V
2.0V
2.5V
I
C=20A
I
C=40A
I
C=10A
VGE, GATE-EMITTER VOLTAGE
TJ, JUNCTION TEMPERATURE
Figure 7. Typical transfer characteristic
(VCE=10V)
Figure 8. Typical collector-emitter
saturation voltage as a function of
junction temperature
(VGE = 15V)


Similar Part No. - IKP20N60T_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKP20N60TA INFINEON-IKP20N60TA Datasheet
746Kb / 14P
   IGBT in TrenchStop짰 and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 12.06.2013
IKP20N60TA INFINEON-IKP20N60TA Datasheet
2Mb / 16P
   600V low loss switching series third generation
Rev.2.2,2013-08-27
IKP20N60TA INFINEON-IKP20N60TA_15 Datasheet
2Mb / 16P
   600V low loss switching series third generation
Rev.2.2,2013-08-27
IKP20N60T INFINEON-IKP20N60T_15 Datasheet
505Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.8 18.05.2015
More results

Similar Description - IKP20N60T_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGP06N60T INFINEON-IGP06N60T Datasheet
376Kb / 12P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.1 June 06
IGP06N60T INFINEON-IGP06N60T Datasheet
331Kb / 12P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.1 June 06
IKP04N60T INFINEON-IKP04N60T_09 Datasheet
566Kb / 14P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.5 Feb. 09
IKP06N60T INFINEON-IKP06N60T_07 Datasheet
403Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.3 Sep. 07
IKP15N60T INFINEON-IKP15N60T_07 Datasheet
460Kb / 14P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.2 Sep. 07
IKW50N60T INFINEON-IKW50N60T_08 Datasheet
417Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.4 Sep 08
IKW75N60T INFINEON-IKW75N60T_08 Datasheet
411Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.6 Sep 08
IHW40T60 INFINEON-IHW40T60 Datasheet
462Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop-technology
Rev. 2.0 Sep. 08
IGW60T120 INFINEON-IGW60T120_09 Datasheet
351Kb / 12P
   Low Loss IGBT in TrenchStop and Fieldstop technology
Rev. 2.4 Nov. 09
IGW75N60T INFINEON-IGW75N60T_09 Datasheet
403Kb / 12P
   Low Loss IGBT in TrenchStop and Fieldstop technology
Rev. 2.5 Nov 09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com