Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKP20N60T Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IKP20N60T
Description  Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKP20N60T Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IKP20N60T Datasheet HTML 3Page - Infineon Technologies AG IKP20N60T Datasheet HTML 4Page - Infineon Technologies AG IKP20N60T Datasheet HTML 5Page - Infineon Technologies AG IKP20N60T Datasheet HTML 6Page - Infineon Technologies AG IKP20N60T Datasheet HTML 7Page - Infineon Technologies AG IKP20N60T Datasheet HTML 8Page - Infineon Technologies AG IKP20N60T Datasheet HTML 9Page - Infineon Technologies AG IKP20N60T Datasheet HTML 10Page - Infineon Technologies AG IKP20N60T Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
IKP20N60T
TrenchStop® Series
IKW20N60T
Power Semiconductors
7
Rev. 2.5 Sep. 08
0A
5A
10A 15A 20A 25A 30A 35A
0.0mJ
0.4mJ
0.8mJ
1.2mJ
1.6mJ
2.0mJ
2.4mJ
E
ts*
E
off
*) E
on and Ets include losses
due to diode recovery
E
on*
0Ω
15Ω
30Ω
45Ω
60Ω
0.0m J
0.4m J
0.8m J
1.2m J
1.6m J
2.0m J
2.4m J
E
ts*
E
off
*) E
on a nd E ts in clu de lo ss es
due to diode recovery
E
on*
IC, COLLECTOR CURRENT
RG, GATE RESISTOR
Figure 13. Typical switching energy losses
as a function of collector current
(inductive load, TJ = 175°C,
VCE = 400V, VGE = 0/15V, RG = 12Ω,
Dynamic test circuit in Figure E)
Figure 14. Typical switching energy losses
as a function of gate resistor
(inductive load, TJ = 175°C,
VCE = 400V, VGE = 0/15V, IC = 20A,
Dynamic test circuit in Figure E)
25°C
50°C
75°C
100°C 125°C 150°C
0.0mJ
0.2mJ
0.4mJ
0.6mJ
0.8mJ
1.0mJ
E
ts*
E
off
*) E
on and Ets include losses
due to diode recovery
E
on*
300V 350V 400V 450V 500V 550V
0.0m J
0.2m J
0.4m J
0.6m J
0.8m J
1.0m J
1.2m J
1.4m J
1.6m J
1.8m J
2.0m J
E
ts*
E
on*
*) E
on and E ts in clude lo sses
due to diode recovery
E
off
TJ, JUNCTION TEMPERATURE
VCE, COLLECTOR-EMITTER VOLTAGE
Figure 15. Typical switching energy losses
as a function of junction
temperature
(inductive load, VCE = 400V,
VGE = 0/15V, IC = 20A, RG = 12Ω,
Dynamic test circuit in Figure E)
Figure 16. Typical switching energy losses
as a function of collector emitter
voltage
(inductive load, TJ = 175°C,
VGE = 0/15V, IC = 20A, RG = 12Ω,
Dynamic test circuit in Figure E)


Similar Part No. - IKP20N60T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKP20N60T INFINEON-IKP20N60T Datasheet
435Kb / 15P
   IGBT in Trench and Fieldstop technology with soft,fast recovery anti-parallel EmCon HE diode
Rev. 2.2 Dec-04
IKP20N60T INFINEON-IKP20N60T Datasheet
746Kb / 14P
   IGBT in TrenchStop짰 and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 12.06.2013
IKP20N60T INFINEON-IKP20N60T Datasheet
505Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.8 18.05.2015
IKP20N60TA INFINEON-IKP20N60TA Datasheet
746Kb / 14P
   IGBT in TrenchStop짰 and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 12.06.2013
IKP20N60TA INFINEON-IKP20N60TA Datasheet
2Mb / 16P
   600V low loss switching series third generation
Rev.2.2,2013-08-27
More results

Similar Description - IKP20N60T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGP06N60T INFINEON-IGP06N60T Datasheet
376Kb / 12P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.1 June 06
IGP06N60T INFINEON-IGP06N60T Datasheet
331Kb / 12P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.1 June 06
IKP04N60T INFINEON-IKP04N60T_09 Datasheet
566Kb / 14P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.5 Feb. 09
IKP06N60T INFINEON-IKP06N60T_07 Datasheet
403Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.3 Sep. 07
IKP15N60T INFINEON-IKP15N60T_07 Datasheet
460Kb / 14P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.2 Sep. 07
IKW50N60T INFINEON-IKW50N60T_08 Datasheet
417Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.4 Sep 08
IKW75N60T INFINEON-IKW75N60T_08 Datasheet
411Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.6 Sep 08
IHW40T60 INFINEON-IHW40T60 Datasheet
462Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop-technology
Rev. 2.0 Sep. 08
IGW60T120 INFINEON-IGW60T120_09 Datasheet
351Kb / 12P
   Low Loss IGBT in TrenchStop and Fieldstop technology
Rev. 2.4 Nov. 09
IGW75N60T INFINEON-IGW75N60T_09 Datasheet
403Kb / 12P
   Low Loss IGBT in TrenchStop and Fieldstop technology
Rev. 2.5 Nov 09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com